Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T85C5121-S3SIL Datasheet(PDF) 7 Page - ATMEL Corporation

Part # T85C5121-S3SIL
Description  8-bit Microcontroller with MULTI-PROTOCOL SMART CARD INTERFACE
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T85C5121-S3SIL Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button T85C5121-S3SIL Datasheet HTML 3Page - ATMEL Corporation T85C5121-S3SIL Datasheet HTML 4Page - ATMEL Corporation T85C5121-S3SIL Datasheet HTML 5Page - ATMEL Corporation T85C5121-S3SIL Datasheet HTML 6Page - ATMEL Corporation T85C5121-S3SIL Datasheet HTML 7Page - ATMEL Corporation T85C5121-S3SIL Datasheet HTML 8Page - ATMEL Corporation T85C5121-S3SIL Datasheet HTML 9Page - ATMEL Corporation T85C5121-S3SIL Datasheet HTML 10Page - ATMEL Corporation T85C5121-S3SIL Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 108 page
background image
7
T8xC5121
4164C–SCR–07/03
RST
V
CC
I/O
Reset input
Holding this pin low for 64 oscillator periods while the oscillator
is running resets the device. The Port pins are driven to their reset
conditions when a voltage lower than V
IL is applied, whether or
not the oscillator is running.
This pin has an internal pull-up resistor which allows the device to
be reset by connecting a capacitor between this pin and VSS.
Asserting RST when the chip is in Idle mode or Power-down mode
returns the chip to normal operation.
The output is active for at least 12 oscillator periods when an internal
reset occurs.
XTAL1
V
CC
I
Input to the on-chip inverting oscillator amplifier
To use the internal oscillator, a crystal/resonator circuit is connected
to this pin.
If an external oscillator is used, its output is connected to this pin.
XTAL2
V
CC
O
Output of the on-chip inverting oscillator amplifier
To use the internal oscillator, a crystal/resonator circuit is connected
to this pin.
If an external oscillator is used, XTAL2 may be left unconnected.
V
CC
PWR
Supply voltage
V
CC is used to power the internal voltage regulators and internal I/O’s.
LI
PWR
DC/DC input
LI must be tied to V
CC through an external coil (typically 4, 7 µH) and provide
the current for the pump charge of the DC/DC converter.
CVCC
PWR
Card Supply voltage
CVCC is the programmable voltage output for the Card interface.
It must be connected to an external decoupling capacitor.
DVCC
PWR
Digital Supply voltage
DVCC is used to supply the digital core and internal I/Os. It is
internally connected to the output of a 3V regulator and must be connected to
an external decoupling capacitor.
EV
CC
V
CC
PWR
Extra supply voltage
EV
CC is used to supply the level shifters of UART interface I/O
pins. It must be connected to an external decoupling capacitor.
This reference voltage is generated internally (automatically or not),
or it can be connected to an external voltage reference.
CVSS
GND
DC/DC ground
CVSS is used to sink high shunt currents from the external coil.
VSS
GND
Ground
ONLY FOR PLCC52 version
Table 1. Ports Description (Continued)
Port
Signal
Name
Alternate
Internal
Power
Supply
ESD
Type
Description


Similar Part No. - T85C5121-S3SIL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T85C5121-S3SIL ATMEL-T85C5121-S3SIL Datasheet
800Kb / 110P
   8-bit Microcontroller with Multi protocol SMART Card Interface
T85C5121-S3SIL ATMEL-T85C5121-S3SIL Datasheet
839Kb / 115P
   8-bit Microcontroller with Multiprotocol Smart Card Interface
More results

Similar Description - T85C5121-S3SIL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C5121 ATMEL-T89C5121 Datasheet
800Kb / 110P
   8-bit Microcontroller with Multi protocol SMART Card Interface
T83C5121 ATMEL-T83C5121_06 Datasheet
839Kb / 115P
   8-bit Microcontroller with Multiprotocol Smart Card Interface
logo
Samsung semiconductor
S3C89V5 SAMSUNG-S3C89V5 Datasheet
59Kb / 14P
   8-BIT MICROCONTROLLER for SMART CARD
logo
ATMEL Corporation
AT90SCR050 ATMEL-AT90SCR050 Datasheet
116Kb / 4P
   8-bit Microcontroller for Smart Card Readers
AT90SCR100 ATMEL-AT90SCR100 Datasheet
312Kb / 10P
   8-bit Microcontroller for Smart Card Readers
AT90SCR100 ATMEL-AT90SCR100_09 Datasheet
9Mb / 433P
   8-bit Microcontroller for Smart Card Readers
logo
NXP Semiconductors
PCF84C00 PHILIPS-PCF84C00 Datasheet
143Kb / 24P
   8-bit microcontroller with I2C-bus interface
1996 Nov 25
logo
TEMIC Semiconductors
TSC8051I2 TEMIC-TSC8051I2 Datasheet
469Kb / 2P
   8-bit Microcontroller withI2C Interface
logo
ATMEL Corporation
AT89C51IC2 ATMEL-AT89C51IC2_08 Datasheet
1Mb / 147P
   8-bit Flash Microcontroller with 2-wire Interface
AT89C51IC2 ATMEL-AT89C51IC2 Datasheet
1Mb / 146P
   8-bit Flash Microcontroller with 2-wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com