Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V58C2256804S Datasheet(PDF) 6 Page - Mosel Vitelic, Corp

Part # V58C2256804S
Description  HIGH PERFORMANCE 2.5 VOLT 256 Mbit DDR SDRAM
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V58C2256804S Datasheet(HTML) 6 Page - Mosel Vitelic, Corp

Back Button V58C2256804S Datasheet HTML 2Page - Mosel Vitelic, Corp V58C2256804S Datasheet HTML 3Page - Mosel Vitelic, Corp V58C2256804S Datasheet HTML 4Page - Mosel Vitelic, Corp V58C2256804S Datasheet HTML 5Page - Mosel Vitelic, Corp V58C2256804S Datasheet HTML 6Page - Mosel Vitelic, Corp V58C2256804S Datasheet HTML 7Page - Mosel Vitelic, Corp V58C2256804S Datasheet HTML 8Page - Mosel Vitelic, Corp V58C2256804S Datasheet HTML 9Page - Mosel Vitelic, Corp V58C2256804S Datasheet HTML 10Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 61 page
background image
6
MOSEL VITELIC
V58C2256(804/404/164)S
V58C2256(804/404/164)S Rev. 1.4 October 2002
Block Diagram
Row decoder
Memory array
Bank 0
8192 x 256
x32 bit
Row decoder
Memory array
Bank 1
Row decoder
Memory array
Bank 2
Row decoder
Memory array
Bank 3
Input buffer
Output buffer
DQ0-DQ15
Column address
counter
Column address
buffer
Row address
buffer
Refresh Counter
A0 - A11, BA0, BA1
A0 - A8, AP, BA0, BA1
Control logic & timing generator
Row Addresses
Column Addresses
DLL
Strobe
Gen.
Data Strobe
CK, CK
DQS
8192 x 256
x 32 bit
8192 x 256
x 32 bit
8192 x 256
x 32 bit
16M x 16
Capacitance*
TA = 0 to 70°C, VCC = 2.5V ± 0.2V, f = 1 Mhz
*Note: Capacitance is sampled and not 100% tested.
Absolute Maximum Ratings*
Operating temperature range ..................0 to 70 °C
Storage temperature range ................-55 to 150 °C
VDDSupply Voltage Relative to VSS.....-1V to +3.6V
VDDQ Supply Voltage Relative to VSS
......................................................-1V to +3.6V
VREF and Inputs Voltage Relative to VSS
......................................................-1V to +3.6V
I/O Pins Voltage Relative to VSS
.......................................... -0.5V to VDDQ+0.5V
Power dissipation .......................................... 1.6 W
Data out current (short circuit) ...................... 50 mA
*Note: Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage of the device.
Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
Input Capacitance
Symbol
Min Max Unit
BA0, BA1, CKE, CS, RAS, (CAS,
A0-A11, WE)
CINI
23.0
pF
Input Capacitance (CK, CK)CIN2
23.0
pF
Data & DQS I/O Capacitance
COUT
45
pF
Input Capacitance (DM)
CIN3
45.0
pF


Similar Part No. - V58C2256804S

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V58C2128 MOSEL-V58C2128 Datasheet
948Kb / 59P
   HIGH PERFORMANCE 2.5 VOLT 128 Mbit DDR SDRAM
V58C2128164S MOSEL-V58C2128164S Datasheet
948Kb / 59P
   HIGH PERFORMANCE 2.5 VOLT 128 Mbit DDR SDRAM
V58C2128404S MOSEL-V58C2128404S Datasheet
948Kb / 59P
   HIGH PERFORMANCE 2.5 VOLT 128 Mbit DDR SDRAM
V58C2128804S MOSEL-V58C2128804S Datasheet
948Kb / 59P
   HIGH PERFORMANCE 2.5 VOLT 128 Mbit DDR SDRAM
V58C265164S MOSEL-V58C265164S Datasheet
451Kb / 44P
   64 Mbit DDR SDRAM 2.5 VOLT 4M X 16
More results

Similar Description - V58C2256804S

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V58C2128 MOSEL-V58C2128 Datasheet
948Kb / 59P
   HIGH PERFORMANCE 2.5 VOLT 128 Mbit DDR SDRAM
V58C265164S MOSEL-V58C265164S Datasheet
451Kb / 44P
   64 Mbit DDR SDRAM 2.5 VOLT 4M X 16
V826664K24S MOSEL-V826664K24S Datasheet
243Kb / 14P
   2.5 VOLT 64M x 64 HIGH PERFORMANCE UNBUFFERED DDR SDRAM MODULE
V826632K24S MOSEL-V826632K24S Datasheet
126Kb / 14P
   2.5 VOLT 32M x 64 HIGH PERFORMANCE UNBUFFERED DDR SDRAM MODULE
V826516K04S MOSEL-V826516K04S Datasheet
159Kb / 13P
   2.5 VOLT 16M x 64 HIGH PERFORMANCE UNBUFFERED DDR SDRAM MODULE
V82658J04S MOSEL-V82658J04S Datasheet
319Kb / 13P
   2.5 VOLT 8M x 64 HIGH PERFORMANCE UNBUFFERED DDR SDRAM MODULE
V826532K04S MOSEL-V826532K04S Datasheet
268Kb / 14P
   2.5 VOLT 32M x 64 HIGH PERFORMANCE UNBUFFERED DDR SDRAM MODULE
logo
Integrated Silicon Solu...
IS43R16160A ISSI-IS43R16160A Datasheet
770Kb / 56P
   16Meg x 16 256-MBIT DDR SDRAM
logo
Mosel Vitelic, Corp
V827464K24S MOSEL-V827464K24S Datasheet
223Kb / 14P
   2.5 VOLT 64M x 72 HIGH PERFORMANCE UNBUFFERED ECC DDR SDRAM MODULE
V827332N04S MOSEL-V827332N04S Datasheet
450Kb / 15P
   2.5 VOLT 32M x 72 HIGH PERFORMANCE REGISTERED ECC DDR SDRAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com