Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT91SAM7S256 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT91SAM7S256
Description  AT91 ARM Thumb-based Microcontrollers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7S256 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT91SAM7S256 Datasheet HTML 4Page - ATMEL Corporation AT91SAM7S256 Datasheet HTML 5Page - ATMEL Corporation AT91SAM7S256 Datasheet HTML 6Page - ATMEL Corporation AT91SAM7S256 Datasheet HTML 7Page - ATMEL Corporation AT91SAM7S256 Datasheet HTML 8Page - ATMEL Corporation AT91SAM7S256 Datasheet HTML 9Page - ATMEL Corporation AT91SAM7S256 Datasheet HTML 10Page - ATMEL Corporation AT91SAM7S256 Datasheet HTML 11Page - ATMEL Corporation AT91SAM7S256 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
8
6117BS–ATARM–07-Apr-05
AT91SAM7S256
5.
Power Considerations
5.1
Power Supplies
The AT91SAM7S256 has six types of power supply pins and integrates a voltage regulator,
allowing the device to be supplied with only one voltage. The six power supply pin types are:
• VDDIN pin. It powers the voltage regulator and the ADC; voltage ranges from 3.0V to 3.6V,
3.3V nominal. If the voltage regulator is not used, VDDIN should be connected to GND.
• VDDOUT pin. It is the output of the 1.8V voltage regulator.
• VDDIO pin. It powers the I/O lines and the USB transceivers; dual voltage range is
supported. Ranges from 3.0V to 3.6V, 3.3V nominal. Note that supplying less than 3.0V to
VDDIO prevents any use of the USB transceivers.
• VDDFLASH pin. It powers a part of the Flash and is required for the Flash to operate
correctly; voltage ranges from 3.0V to 3.6V, 3.3V nominal.
• VDDCORE pins. They power the logic of the device; voltage ranges from 1.65V to 1.95V,
1.8V typical. It can be connected to the VDDOUT pin with decoupling capacitor.
VDDCORE is required for the device, including its embedded Flash, to operate correctly.
• VDDPLL pin. It powers the oscillator and the PLL. It can be connected directly to the
VDDOUT pin.
No separate ground pins are provided for the different power supplies. Only GND pins are pro-
vided and should be connected as shortly as possible to the system ground plane.
5.2
Power Consumption
The AT91SAM7S256 has a static current of less than 60 µA on VDDCORE at 25°C, including
the RC oscillator, the voltage regulator and the power-on reset when the brown-out detector is
deactivated. Activating the brown-out detector adds 20 µA static current.
The dynamic power consumption on VDDCORE is less than 50 mA at full speed when running
out of the Flash. Under the same conditions, the power consumption on VDDFLASH does not
exceed 10 mA.
5.3
Voltage Regulator
The AT91SAM7S256 embeds a voltage regulator that is managed by the System Controller.
In Normal Mode, the voltage regulator consumes less than 100 µA static current and draws
100 mA of output current.
The voltage regulator also has a Low-power Mode. In this mode, it consumes less than 25 µA
static current and draws 1 mA of output current.
Adequate output supply decoupling is mandatory for VDDOUT to reduce ripple and avoid
oscillations. The best way to achieve this is to use two capacitors in parallel: one external 470
pF (or 1 nF) NPO capacitor must be connected between VDDOUT and GND as close to the
chip as possible. One external 2.2 µF (or 3.3 µF) X7R capacitor must be connected between
VDDOUT and GND.
Adequate input supply decoupling is mandatory for VDDIN in order to improve startup stability
and reduce source voltage drop. The input decoupling capacitor should be placed close to the
chip. For example, two capacitors can be used in parallel: 100 nF NPO and 4.7 µF X7R.


Similar Part No. - AT91SAM7S256

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM7S256 ATMEL-AT91SAM7S256 Datasheet
502Kb / 42P
   AT91 ARM짰 Thumb짰-based Microcontrollers
AT91SAM7S256 ATMEL-AT91SAM7S256 Datasheet
236Kb / 32P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM7S256 ATMEL-AT91SAM7S256 Datasheet
912Kb / 50P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM7S256 ATMEL-AT91SAM7S256 Datasheet
4Mb / 775P
   ARM-based Flash MCU
AT91SAM7S256-AI ATMEL-AT91SAM7S256-AI Datasheet
236Kb / 32P
   AT91 ARM Thumb-based Microcontrollers
More results

Similar Description - AT91SAM7S256

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM7A3 ATMEL-AT91SAM7A3 Datasheet
311Kb / 32P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM7S128 ATMEL-AT91SAM7S128 Datasheet
2Mb / 495P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9261 ATMEL-AT91SAM9261_1 Datasheet
613Kb / 43P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM7A1 ATMEL-AT91SAM7A1_05 Datasheet
5Mb / 402P
   AT91 ARM Thumb-based Microcontrollers
AT91FR40162SB ATMEL-AT91FR40162SB Datasheet
689Kb / 22P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM7A2_0407 ATMEL-AT91SAM7A2_0407 Datasheet
145Kb / 16P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9G10 ATMEL-AT91SAM9G10_1 Datasheet
11Mb / 730P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9G46 ATMEL-AT91SAM9G46 Datasheet
1Mb / 59P
   AT91 ARM Thumb-based Microcontrollers
AT91FR40162SB ATMEL-AT91FR40162SB_10 Datasheet
297Kb / 22P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9261S ATMEL-AT91SAM9261S_09 Datasheet
643Kb / 39P
   AT91 ARM Thumb-based Microcontrollers
ATSAM3U ATMEL-ATSAM3U Datasheet
176Kb / 7P
   AT91 ARM Thumb-based Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com