Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEQ-202B-J Datasheet(PDF) 1 Page - Nuvotem Talema

Part # TEQ-202B-J
Description  Quad Port SMD 10/100Base-T Isolation Transformer Modules
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TALEMA [Nuvotem Talema]
Direct Link  http://www.nuvotem.com
Logo TALEMA - Nuvotem Talema

TEQ-202B-J Datasheet(HTML) 1 Page - Nuvotem Talema

  TEQ-202B-J Datasheet HTML 1Page - Nuvotem Talema TEQ-202B-J Datasheet HTML 2Page - Nuvotem Talema TEQ-202B-J Datasheet HTML 3Page - Nuvotem Talema  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
• Low profile (5.8mm) and light weight (4.0 g) 10/100Base-T
Quad Port isolation transformer modules designed to support
four single or double stacked RJ-45 connectors
• SMD packages facilitate pick and place compatability and
speed of placement
• Modules meet requirements of IEEE 802.3u and ANSI X3.263
• Consistent and reliable coplanarity
• Excellent quality at extremely competitive price due to high
volume production
• Manufactured in an ISO-9001:2000, TS-16949:2002
and ISO-14001:2004 certified Talema facility
• Fully RoHS compliant and meets lead free reflow
level J-STD-020C
Electrical Specifications @ 25°C
Inductance: 350µH minimum @ 100kHz, 100mV, 8mA
Leakage Inductance: 0.4µH @ 1MHz
Minimum isolation voltage: 1500 Vrms
Operating Temperature Range: -40°C to +85°C
Storage Temperature: -40°C to +125°C
THE TALEMA GROUP
World Wide Toroidal Specialists
Quad Port SMD 10/100Base-T Isolation Transformer Modules
Applications
Talema 10/100BaseT Quad transformer modules contain transmit and receive isolation transformers to maintain consistant
wave shape and suppression of common mode noise while providing equipment isolation per IEEE 802.3. High impedance
common mode quad chokes for additional EMI suppression have been added on some models as required for FCC and
CISPR 22 Class B certification.
Quality and consistency is guaranteed through 100% testing of the specified parameters for primary inductance, leakage
inductance, turns ratio, DC resistance and interwinding capacitance.This ensures that the return loss and pulse wave shape
requirements can be fully maintained. Additionally, all parts are tested for 1500V minimum isolation.
s
e
l
u
d
o
M
r
e
m
r
o
f
s
n
a
r
T
n
o
i
t
a
l
o
s
I
T
e
s
a
B
0
0
1
/
0
1
t
r
o
P
d
a
u
Q
D
M
S
-
s
e
i
r
e
S
Q
E
T
r
e
b
m
u
N
t
r
a
P
o
i
t
a
R
s
n
r
u
T
%
2
±
n
o
i
t
r
e
s
n
I
s
s
o
L
)
p
y
T
B
d
(
s
s
o
L
n
r
u
t
e
R
)
n
i
M
B
d
(
k
l
a
t
s
s
o
r
C
)
p
y
T
B
d
(
n
o
m
m
o
C
o
t
n
o
m
m
o
C
o
i
t
a
R
n
o
i
t
c
e
j
e
R
)
p
y
T
B
d
(
z
H
M
0
6
-
1
.
0
o
t
l
a
i
t
n
e
r
e
f
f
i
D
e
d
o
M
n
o
m
m
o
C
)
p
y
T
B
d
(
n
o
i
t
c
e
j
e
R
c
i
t
a
m
e
h
c
S
x
Tx
R
0
0
1
-
1
.
0
z
H
M
0
3
-
2
z
H
M
0
4
z
H
M
0
5
z
H
M
0
8
-
0
6
z
H
M
1
z
H
M
0
3
z
H
M
0
6
z
H
M
0
0
1
z
H
M
t
i
m
s
n
a
r
Te
v
i
e
c
e
R
0
6
-
1
z
H
M
0
0
2
-
0
6
z
H
M
J
-
A
0
0
2
-
Q
E
T
t
c
1
:
t
c
1
1
:
1
5
.
0
-
1
2
-
7
1
-
5
.
4
1
-
2
1
-
5
6
-
5
5
-
5
4
-
5
3
-
0
3
-
0
3
-
0
4
-
0
3
-
A
J
-
A
2
0
2
-
Q
E
Tt
c
1
:
t
c
5
2
.
11
:
15
.
0
-8
1
-8
1
-4
1
-2
1
-0
6
-0
5
-0
4
-5
3
-0
3
-0
3
-9
3
-3
3
-A
J
-
A
4
0
2
-
Q
E
T
t
c
1
:
t
c
2
1
:
1
5
.
0
-
8
1
-
8
1
-
4
1
-
2
1
-
0
6
-
0
5
-
0
4
-
5
3
-
0
3
-
0
3
-
9
3
-
3
3
-
A
J
-
B
0
0
2
-
Q
E
T
t
c
1
:
t
c
1
1
:
1
5
.
0
-
1
2
-
7
1
-
5
.
4
1
-
2
1
-
5
6
-
5
5
-
5
4
-
5
3
-
0
3
-
0
3
-
0
4
-
0
3
-
B
J
-
B
2
0
2
-
Q
E
Tt
c
1
:
t
c
5
2
.
11
:
15
.
0
-8
1
-8
1
-4
1
-2
1
-0
6
-0
5
-0
4
-5
3
-0
3
-0
3
-9
3
-3
3
-B
J
-
B
4
0
2
-
Q
E
T
t
c
1
:
t
c
2
1
:
1
5
.
0
-
1
2
-
7
1
-
5
.
4
1
-
2
1
-
0
6
-
0
5
-
0
4
-
5
3
-
0
3
-
0
3
-
0
4
-
0
3
-
B
J
-
C
0
0
2
-
Q
E
T
t
c
1
:
t
c
1
1
:
1
5
.
0
-
1
2
-
7
1
-
5
.
4
1
-
2
1
-
5
6
-
5
5
-
5
4
-
5
3
-
0
3
-
0
3
-
0
4
-
0
4
-
C
J
-
C
4
0
2
-
Q
E
Tt
c
1
:
t
c
21
:
15
.
0
-1
2
-7
1
-5
.
4
1
-2
1
-0
6
-0
5
-0
4
-5
3
-0
3
-0
3
-0
4
-0
4
-C
J
-
C
5
0
2
-
Q
E
T
t
c
1
:
t
c
9
8
.
1
1
:
1
1
.
1
-
8
1
-
6
1
-
4
1
-
2
1
-
0
6
-
0
5
-
0
4
-
5
3
-
0
3
-
5
2
-
0
4
-
0
4
-
C
J
-
D
0
0
2
-
Q
E
T
t
c
1
:
t
c
1
1
:
1
5
.
0
-
1
2
-
7
1
-
5
.
4
1
-
2
1
-
5
6
-
5
5
-
5
4
-
5
3
-
0
3
-
0
3
-
0
4
-
0
3
-
D
J
-
1
D
0
0
2
-
Q
E
Tt
c
1
:
t
c
11
:
15
.
0
-1
2
-7
1
-5
.
4
1
-2
1
-5
6
-5
5
-5
4
-5
3
-0
3
-0
3
-0
4
-0
3
-1
D
J
-
D
4
0
2
-
Q
E
T
t
c
1
:
t
c
2
1
:
1
5
.
0
-
1
2
-
7
1
-
5
.
4
1
-
2
1
-
0
6
-
0
5
-
0
4
-
5
3
-
0
3
-
0
3
-
0
4
-
0
4
-
D
J
-
E
4
0
2
-
Q
E
Tt
c
1
:
t
c
21
:
15
.
0
-1
2
-7
1
-5
.
4
1
-2
1
-0
6
-0
5
-0
4
-5
3
-0
3
-0
3
-0
4
-0
3
-E
J
-
F
4
0
2
-
Q
E
T
t
c
1
:
t
c
2
1
:
1
5
.
0
-
1
2
-
7
1
-
5
.
4
1
-
2
1
-
0
6
-
0
5
-
0
4
-
5
3
-
0
3
-
0
3
-
0
4
-
0
3
-
F
J
-
G
0
0
2
-
Q
E
Tt
c
1
:
t
c
11
:
15
.
0
-1
2
-7
1
-5
.
4
1
-2
1
-5
6
-0
5
-0
4
-0
3
-0
3
-0
3
-0
4
-0
3
-G
J
-
H
0
0
2
-
Q
E
T
t
c
1
:
t
c
1
1
:
1
5
.
0
-
1
2
-
7
1
-
5
.
4
1
-
2
1
-
5
6
-
5
5
-
5
4
-
5
3
-
0
3
-
0
3
-
0
4
-
0
3
-
H
J
-
J
0
0
2
-
Q
E
Tt
c
1
:
t
c
11
:
15
.
0
-1
2
-7
1
-5
.
4
1
-2
1
-5
6
-0
5
-0
4
-0
3
-0
3
-0
3
-0
4
-0
3
-J
J
-
K
3
0
2
-
Q
E
T
t
c
1
:
t
c
1
4
.
1
1
:
1
5
.
0
-
8
1
-
6
1
-
4
1
-
2
1
-
0
6
-
0
5
-
0
4
-
5
3
-
5
3
-
5
3
-
0
4
-
0
3
-
K
Standard packing: Tape and reel
Dimensions and Schematics on following page
THE TALEMA GROUP • Magnetic Components for ISDN/LAN Data Communications


Similar Part No. - TEQ-202B-J

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TEQ-200WIR TRACOPOWER-TEQ-200WIR Datasheet
1Mb / 4P
   TEQ 200WIR Series, 200 Watt
Rev. March 16, 2023
TEQ-20WIR TRACOPOWER-TEQ-20WIR Datasheet
967Kb / 4P
   TEQ 20WIR Series, 20 Watt
Rev. March 16, 2023
More results

Similar Description - TEQ-202B-J

ManufacturerPart #DatasheetDescription
logo
Nuvotem Talema
TED-100A TALEMA-TED-100A Datasheet
144Kb / 3P
   Dual Port SMD 10/100Base-T Isolation Transformer Modules
TEXQ-400M-J TALEMA-TEXQ-400M-J Datasheet
75Kb / 2P
   Quad Port Auto MDI/MDIX 10/100Base-T Transformer Isolation Modules
logo
HALO Electronics, Inc.
TG110-AMX2NXLF HALO-TG110-AMX2NXLF Datasheet
477Kb / 2P
   SMD Quad Port 10/100BASE-TX Isolation Modules
logo
Nuvotem Talema
TEXD-400N-J TALEMA-TEXD-400N-J Datasheet
45Kb / 1P
   Dual Port SMD Auto MDI/MDIX 10/100Base-T Isolation Transformer Modules
logo
Bothhand USA, LP.
16ST6148 BOTHHAND-16ST6148 Datasheet
186Kb / 1P
   10/100BASE-T SINGLE PORT TRANSFORMER MODULES
16ST1038 BOTHHAND-16ST1038 Datasheet
183Kb / 1P
   10/100BASE-T SINGLE PORT TRANSFORMER MODULES
16ST1178M BOTHHAND-16ST1178M Datasheet
184Kb / 1P
   10/100BASE-T SINGLE PORT TRANSFORMER MODULES
logo
List of Unclassifed Man...
LP1012 ETC-LP1012 Datasheet
168Kb / 2P
   10/100Base-T Single Port Transformer Modules
logo
Bothhand USA, LP.
16ST1081 BOTHHAND-16ST1081 Datasheet
184Kb / 1P
   10/100BASE-T SINGLE PORT TRANSFORMER MODULES
16ST1119 BOTHHAND-16ST1119 Datasheet
185Kb / 1P
   10/100BASE-T SINGLE PORT TRANSFORMER MODULES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com