Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCS-3.0-34.8 Datasheet(PDF) 1 Page - Nuvotem Talema

Part # SCS-3.0-34.8
Description  Low Profile Power Inductors SMD & THT
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TALEMA [Nuvotem Talema]
Direct Link  http://www.nuvotem.com
Logo TALEMA - Nuvotem Talema

SCS-3.0-34.8 Datasheet(HTML) 1 Page - Nuvotem Talema

  SCS-3.0-34.8 Datasheet HTML 1Page - Nuvotem Talema  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SC Series • Low Profile Power Inductors • SMD & THT
Features
• Operating frequency to 1 MHz
• High energy storage with minimum saturation
• High stability from no load to full load
• Pick and place compatible
• Designed as 1:1 Coupled Inductor (Series or Parallel)
or as 1:1 Isolation Transformer
• Manufactured in an ISO-9001:2000, TS-16949:2002
and ISO-14001:2004 certified Talema facility
• Meets lead free reflow level J-STD-020C
• Fully RoHS compliant
Electrical Specifications at 25°C
Test frequency: Inductance measured @ 10kHz/10mV
Test Voltage between windings: 500Vrms
Operating Temperature: -40°C to +130°C
Climatic category: IEC68-1 40/130/56
r
e
b
m
u
N
t
r
a
P
d
e
t
c
e
n
n
o
C
l
e
l
l
a
r
a
P
d
e
t
c
e
n
n
o
C
s
e
i
r
e
S
y
g
r
e
n
E
e
g
a
r
o
t
S
)
J
µ
(
2
d
e
t
a
R
t
n
e
r
r
u
C
I
(
C
D )
L
N
)
H
µ
(
I
@
d
e
t
a
r
L
O
)
H
µ
(
%
0
2
±
d
a
o
L
o
N
R
C
D
m
h
O
m
T
E
)
c
e
s
µ
-
V
(
d
e
t
a
R
t
n
e
r
r
u
C
I
(
C
D )
L
N
)
H
µ
(
I
@
d
e
t
a
r
L
O
)
H
µ
(
%
0
2
±
d
a
o
L
o
N
R
C
D
m
h
O
m
T
E
)
c
e
s
µ
-
V
(
5
.
1
-
4
.
4
1
-
S
C
S
0
4
.
4
1
5
.
1
2
.
2
4
.
4
8
.
4
0
2
.
7
0
.
6
8
.
8
6
.
7
1
6
.
9
0
.
9
5
1
4
.
2
-
2
.
1
1
-
S
C
S0
2
.
1
14
.
25
.
35
.
60
.
60
6
.
56
.
90
.
4
16
.
8
20
.
2
18
.
2
5
1
2
.
4
-
2
.
8
-
S
C
S
0
2
.
8
2
.
4
9
.
5
5
.
0
1
9
.
7
0
1
.
4
8
.
6
1
6
.
3
2
0
.
2
4
8
.
5
1
6
.
2
4
1
8
.
5
-
8
.
6
-
S
C
S0
8
.
68
.
59
.
70
.
5
11
.
90
4
.
32
.
3
26
.
1
30
.
0
62
.
8
18
.
3
3
1
6
.
7
-
7
.
5
-
S
C
S
0
7
.
5
6
.
7
1
.
0
1
0
.
1
2
3
.
0
1
5
8
.
2
4
.
0
3
4
.
0
4
0
.
4
8
6
.
0
2
2
.
4
2
1
1
.
2
1
-
4
.
5
-
S
C
S0
4
.
51
.
2
15
.
8
13
.
3
29
.
3
10
7
.
24
.
8
40
.
4
72
.
3
98
.
7
26
.
6
7
1
0
.
8
1
-
4
.
4
-
S
C
S
0
4
.
4
0
.
8
1
4
.
7
2
2
.
8
3
5
.
6
1
0
2
.
2
0
.
2
7
6
.
9
0
1
8
.
2
5
1
0
.
3
3
3
.
4
7
1
0
.
7
2
-
4
5
.
3
-
S
C
S4
5
.
30
.
7
25
.
0
42
.
3
55
.
0
27
7
.
10
.
8
0
10
.
2
6
18
.
2
1
20
.
1
41
.
9
6
1
8
.
4
3
-
0
.
3
-
S
C
S
0
0
.
3
8
.
4
3
5
.
0
5
0
.
4
7
5
.
2
2
0
5
.
1
2
.
9
3
1
0
.
2
0
2
0
.
6
9
2
0
.
5
4
5
.
6
5
1
Note: When ordering, add "S" or "T" to the basic part number to denote preferred mounting style. Example: SCS-14.4-1.5
for SMD or SCT-14.4-1.5 for THT mounting.
Dimensions
Dimensions: Inches (Millimeters)
Tolerance: ±0.010 (0.25) unless specified otherwise
Talema's engineering staff can assist in the design of other inductance values and sizes.
Suggested Pad
Layout
Type SCS
Schematic
0.600
(15.24)
0.370
(9.40)
0.060
(1.52)
0.175
(4.45)
Germany: Int.+4989-841 00-0 • Ireland: Int.+35 374 - 954 8666 • Czech Rep: Int.+420 377 - 338 351 • India: Int.+91 427 - 244 1325
http://www.talema-nuvotem.com
(02-07) SC Series
0.715
18.16
0.590
14.99
0.600
15.24
0.305
7.75
4
3
1
2
Talema IN
Date Code
SCS-xxx-xxx
1
2
4
3


Similar Part No. - SCS-3.0-34.8

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SCS-30180 BEL-SCS-30180 Datasheet
1Mb / 5P
   High Frequency SMD Current Sensing Transformers
August 24 2022
More results

Similar Description - SCS-3.0-34.8

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-92412 PULSE-PE-92412 Datasheet
100Kb / 2P
   THT POWER INDUCTORS Toroid - Vertical, Low Profile and KlipMount
PE-92412NL PULSE-PE-92412NL Datasheet
100Kb / 2P
   THT POWER INDUCTORS Toroid - Vertical, Low Profile and KlipMount
PE-92108K PULSE-PE-92108K Datasheet
92Kb / 2P
   THT POWER INDUCTORS Toroid - Vertical, Low Profile and KlipMount
PE-92112KNL PULSE-PE-92112KNL Datasheet
100Kb / 2P
   THT POWER INDUCTORS Toroid - Vertical, Low Profile and KlipMount
PE-92101NL PULSE-PE-92101NL Datasheet
100Kb / 2P
   THT POWER INDUCTORS
PE-51591NL PULSE-PE-51591NL_15 Datasheet
614Kb / 3P
   THT Power Inductors
PG0122NL PULSE-PG0122NL Datasheet
414Kb / 2P
   THT Power Inductors
P1715L PULSE-P1715L Datasheet
111Kb / 2P
   THT POWER INDUCTORS
PG0036NL PULSE-PG0036NL Datasheet
123Kb / 2P
   THT POWER INDUCTORS
PE-92102NL PULSE-PE-92102NL Datasheet
100Kb / 2P
   THT POWER INDUCTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com