Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT91RM9200-QU-002 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT91RM9200-QU-002
Description  ARM920T based Microcontroller
Download  683 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91RM9200-QU-002 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT91RM9200-QU-002 Datasheet HTML 3Page - ATMEL Corporation AT91RM9200-QU-002 Datasheet HTML 4Page - ATMEL Corporation AT91RM9200-QU-002 Datasheet HTML 5Page - ATMEL Corporation AT91RM9200-QU-002 Datasheet HTML 6Page - ATMEL Corporation AT91RM9200-QU-002 Datasheet HTML 7Page - ATMEL Corporation AT91RM9200-QU-002 Datasheet HTML 8Page - ATMEL Corporation AT91RM9200-QU-002 Datasheet HTML 9Page - ATMEL Corporation AT91RM9200-QU-002 Datasheet HTML 10Page - ATMEL Corporation AT91RM9200-QU-002 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 683 page
background image
7
1768E–ATARM–30-Sep-05
AT91RM9200
– Two different Read Protocols for each Memory Bank
• Multiple device adaptability
– Compliant with LCD Module
– Programmable Setup Time Read/Write
– Programmable Hold Time Read/Write
• Multiple Wait State Management
– Programmable Wait State Generation
– External Wait Request
– Programmable Data Float Time
3.9
SDRAM Controller
• Numerous configurations supported
– 2K, 4K, 8K Row Address Memory Parts
– SDRAM with two or four Internal Banks
– SDRAM with 16- or 32-bit Data Path
• Programming facilities
– Word, half-word, byte access
– Automatic page break when Memory Boundary has been reached
– Multibank Ping-pong Access
– Timing parameters specified by software
– Automatic refresh operation, refresh rate is programmable
• Energy-saving capabilities
– Self-refresh and Low-power Modes supported
• Error detection
– Refresh Error Interrupt
• SDRAM Power-up Initialization by software
• Latency is set to two clocks (CAS Latency of 1, 3 Not Supported)
• Auto Precharge Command not used
3.10
Burst Flash Controller
• Multiple Access Modes supported
– Asynchronous or Burst Mode Byte, Half-word or Word Read Accesses
– Asynchronous Mode Half-word Write Accesses
• Adaptability to different device speed grades
– Programmable Burst Flash Clock Rate
– Programmable Data Access Time
– Programmable Latency after Output Enable
• Adaptability to different device access protocols and bus interfaces
– Two Burst Read Protocols: Clock Control Address Advance or Signal Controlled
Address Advance
– Multiplexed or separate address and data buses


Similar Part No. - AT91RM9200-QU-002

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91RM9200-QU-002 ATMEL-AT91RM9200-QU-002 Datasheet
7Mb / 689P
   ARM920T-based Microcontroller
AT91RM9200-QU-002 ATMEL-AT91RM9200-QU-002 Datasheet
769Kb / 41P
   ARM920T-based Microcontroller
AT91RM9200-QU-002 ATMEL-AT91RM9200-QU-002 Datasheet
9Mb / 701P
   ARM920T-based Microcontroller
More results

Similar Description - AT91RM9200-QU-002

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91RM9200_0509 ATMEL-AT91RM9200_0509 Datasheet
669Kb / 38P
   ARM920T based Microcontroller
AT91RM9200 ATMEL-AT91RM9200_06 Datasheet
7Mb / 689P
   ARM920T-based Microcontroller
AT91RM9200 ATMEL-AT91RM9200_09 Datasheet
9Mb / 701P
   ARM920T-based Microcontroller
AT91RM9200 ATMEL-AT91RM9200 Datasheet
769Kb / 41P
   ARM920T-based Microcontroller
AT91RM3400 ATMEL-AT91RM3400 Datasheet
6Mb / 461P
   ARM7TDMI??based Microcontroller
ATSAMD ATMEL-ATSAMD Datasheet
673Kb / 25P
   ARM-Based Microcontroller
AT91SAM7A1 ATMEL-AT91SAM7A1 Datasheet
133Kb / 14P
   ARM7TDMI BASED MICROCONTROLLER
AT91RM3400 ATMEL-AT91RM3400_05 Datasheet
53Kb / 8P
   ARM7TDMI짰-based Microcontroller
logo
Nuvoton Technology Corp...
N79E855 NUVOTON-N79E855 Datasheet
3Mb / 180P
   Nuvoton 8051-based Microcontroller
logo
ATMEL Corporation
SAM-D20E ATMEL-SAM-D20E_14 Datasheet
979Kb / 32P
   SMART ARM-Based Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com