Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCP3-3.00-10 Datasheet(PDF) 2 Page - Nuvotem Talema

Part # LCP3-3.00-10
Description  Miniature Low Cost Toroidal Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TALEMA [Nuvotem Talema]
Direct Link  http://www.nuvotem.com
Logo TALEMA - Nuvotem Talema

LCP3-3.00-10 Datasheet(HTML) 2 Page - Nuvotem Talema

  LCP3-3.00-10 Datasheet HTML 1Page - Nuvotem Talema LCP3-3.00-10 Datasheet HTML 2Page - Nuvotem Talema  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes:
1. L(µH): Inductance is tested at 10mV and 10 kHz.
2. The µJoule rating (½LI²) is the ability of the
inductor to store energy.
Dimensions
LCP Series • Miniature High Current Toroidal Inductors
Top View
Bottom View
Dimensions: Inches (Millimeters)
Tolerance: ±0.010 (0.25) unless specified otherwise
Surface Coplanarity will be <0.006(0.15)
Schematic
Pad Layout
A
B
C
D
s
n
o
i
s
n
e
m
i
D
d
a
P
e
p
y
T
A
BCD
1
-
P
C
L
0
.
8
0
.
7
5
.
2
5
.
2
2
-
P
C
L
0
.
0
10
.
90
.
30
.
3
3
-
P
C
L
0
.
2
1
0
.
1
1
0
.
3
0
.
3
5
&
4
-
P
C
L
0
.
3
10
.
2
15
.
35
.
3
Talema's engineering staff can assist in the design of other inductance values and sizes.
r
e
b
m
u
N
t
r
a
P
d
e
t
c
e
n
n
o
C
l
e
l
l
a
r
a
P
d
e
t
c
e
n
n
o
C
s
e
i
r
e
S
y
g
r
e
n
E
e
g
a
r
o
t
S
*
)
J
µ
(
s
n
o
i
s
n
e
m
i
D
)
s
r
e
t
e
m
i
l
l
i
M
(
s
e
h
c
n
I
d
a
o
L
l
l
u
F
t
n
e
r
r
u
C
A
(
C
D )
L
O
)
H
µ
(
%
5
1
±
d
a
o
L
o
N
R
C
D
m
h
O
m
d
a
o
L
l
l
u
F
t
n
e
r
r
u
C
A
(
C
D )
L
O
)
H
µ
(
%
5
1
±
d
a
o
L
o
N
R
C
D
m
h
O
m
A
B
CDH
2
.
2
-
0
4
.
7
-
4
P
C
L
0
4
.
7
2
.
2
5
0
7
.
3
8
.
8
0
2
5
.
2
4
2
7
4
.
0
)
0
.
2
1
(
2
7
4
.
0
)
0
.
2
1
(
2
0
4
.
0
)
2
.
0
1
(
2
8
0
.
0
)
2
.
2
(
6
7
2
.
0
)
0
.
7
(
7
.
4
-
0
8
.
4
-
4
P
C
L0
8
.
47
.
49
0
4
.
28
.
8
16
32
.
3
4
0
1
-
6
3
.
3
-
4
P
C
L
6
3
.
3
0
1
1
2
8
6
.
1
0
4
4
8
2
.
3
4
5
1
-
0
8
.
2
-
4
P
C
L0
8
.
25
15
30
4
.
10
60
4
12
.
3
4
2
2
-
0
3
.
2
-
4
P
C
L
0
3
.
2
2
2
0
5
5
1
.
1
8
8
0
0
2
6
.
3
4
3
3
-
6
8
.
1
-
4
P
C
L6
8
.
13
36
73
9
.
02
3
14
0
39
.
3
4
7
4
-
6
5
.
1
-
4
P
C
L
6
5
.
1
7
4
2
1
1
8
7
.
0
8
8
1
8
4
4
1
.
3
4
8
6
-
2
3
.
1
-
4
P
C
L2
3
.
18
67
6
16
6
.
02
7
28
6
64
.
3
4
0
0
1
-
6
0
.
1
-
4
P
C
L
8
0
.
1
0
0
1
0
5
2
4
5
.
0
0
0
4
0
0
0
1
9
.
2
4
0
5
1
-
8
8
.
0
-
4
P
C
L8
8
.
00
5
17
0
34
4
.
00
0
68
2
2
18
.
2
4
0
2
2
-
2
7
.
0
-
4
P
C
L
2
7
.
0
0
2
2
0
7
4
6
3
.
0
0
8
8
0
8
8
1
0
.
2
4
0
3
3
-
0
6
-
4
P
C
L0
6
.
00
3
37
5
60
3
.
00
2
3
18
2
6
20
.
4
4
0
7
4
-
0
5
.
0
-
4
P
C
L
0
5
.
0
0
7
4
0
0
9
5
2
.
0
0
8
8
1
0
0
6
3
6
.
3
4
0
8
6
-
0
4
.
0
-
4
P
C
L0
4
.
00
8
65
5
3
10
2
.
00
2
7
20
2
4
52
.
0
4
0
0
0
1
-
4
3
.
0
-
4
P
C
L
4
3
.
0
0
0
0
1
2
4
0
2
7
1
.
0
0
0
0
4
8
6
1
8
5
.
2
4
7
.
4
-
0
4
.
6
-
5
P
C
L0
4
.
67
.
47
0
2
.
38
.
8
18
29
.
3
7
2
7
4
.
0
)
0
.
2
1
(
2
7
4
.
0
)
0
.
2
1
(
2
0
4
.
0
)
2
.
0
1
(
2
8
0
.
0
)
2
.
2
(
8
5
3
.
0
)
1
.
9
(
0
1
-
0
5
.
4
-
5
P
C
L
0
5
.
4
0
1
6
1
5
2
.
2
0
4
4
6
6
.
1
7
5
1
-
0
5
.
3
-
5
P
C
L0
5
.
35
18
25
7
.
10
62
1
16
.
1
7
2
2
-
0
0
.
3
-
5
P
C
L
0
0
.
3
2
2
8
3
0
5
.
1
8
8
2
5
1
6
.
1
7
3
3
-
4
4
.
2
-
5
P
C
L4
4
.
23
32
52
2
.
12
3
.
18
0
.
26
.
2
7
7
4
-
4
0
.
2
-
5
P
C
L
4
0
.
2
7
4
2
7
2
0
.
1
8
8
1
8
8
2
1
.
2
7
8
6
-
0
7
.
1
-
5
P
C
L0
7
.
18
66
85
8
.
02
7
24
4
33
.
1
7
0
0
1
-
0
4
.
1
-
5
P
C
L
0
4
.
1
0
0
1
8
2
1
0
7
.
0
0
0
4
2
1
5
6
.
1
7
0
5
1
-
6
1
.
1
-
5
P
C
L6
1
.
10
5
18
1
28
5
.
00
0
62
7
84
.
3
7
0
2
2
-
4
9
.
0
-
5
P
C
L
4
9
.
0
0
2
2
8
9
2
7
4
.
0
0
8
8
2
9
1
1
5
.
1
7
0
3
3
-
8
7
.
0
-
5
P
C
L8
7
.
00
3
31
5
49
3
.
00
2
3
14
0
8
18
.
3
7
0
7
4
-
4
6
.
0
-
5
P
C
L
4
6
.
0
0
7
4
4
0
6
2
3
.
0
0
8
8
1
6
1
4
2
9
.
0
7
0
8
6
-
4
5
.
0
-
5
P
C
L4
5
.
00
8
64
3
97
2
.
00
2
7
26
3
7
32
.
3
7
0
0
0
1
-
4
4
.
0
-
5
P
C
L
4
4
.
0
0
0
0
1
9
2
6
1
2
2
.
0
0
0
0
4
6
1
5
6
4
.
1
7
0
0
5
1
-
6
3
.
0
-
5
P
C
L6
3
.
00
0
5
13
8
4
28
1
.
00
0
0
62
3
9
96
.
1
7
0
0
2
2
-
0
3
.
0
-
5
P
C
L
0
3
.
0
0
0
2
2
3
7
7
3
5
1
.
0
0
0
8
8
2
9
0
5
1
9
.
2
7
Transformer
1
2
4
3
Parallel
4
3
1
2
Series
4
3
1
2
0
25%
50% 75%
100% 125% 150% 175% 200%
% OF RATED ADC CURRENT
100%
80%
60%
40%
20%
0%
100
80
60
40
20
0
A
B
C
H
B
A
1
4
2
3
Talema In
LCP4-4.80-4.7
Date Code
Pin 1
D
Front View
Side View
Germany: Int.+4989-841 00-0 • Ireland: Int.+35 374 - 954 8666 • Czech Rep: Int.+420 377 - 338 351 • India: Int.+91 427 - 244 1325
http://www.talema-nuvotem.com
(02-07) LCP Series


Similar Part No. - LCP3-3.00-10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LCP3121 STMICROELECTRONICS-LCP3121 Datasheet
70Kb / 6P
   OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
LCP3121RL STMICROELECTRONICS-LCP3121RL Datasheet
70Kb / 6P
   OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
More results

Similar Description - LCP3-3.00-10

ManufacturerPart #DatasheetDescription
logo
Nuvotem Talema
LC1-3.00-2.2 TALEMA-LC1-3.00-2.2 Datasheet
56Kb / 1P
   Miniature Low Cost Toroidal Inductors
logo
Premier Magnetics, Inc.
VTP-00301 PMI-VTP-00301 Datasheet
43Kb / 2P
   LOW COST TOROIDAL POWER INDUCTORS
logo
Bi technologies
HM61 BITECH-HM61 Datasheet
252Kb / 2P
   Low Cost Miniature Surface Mount Inductors
logo
List of Unclassifed Man...
HM61 ETC1-HM61 Datasheet
252Kb / 2P
   Low Cost Miniature Surface Mount Inductors
logo
Abracon Corporation
ATCA-SERIES ABRACON-ATCA-SERIES Datasheet
433Kb / 4P
   LOW EMI TOROIDAL INDUCTORS
06/10/2016
logo
Pulse A Technitrol Comp...
PE-50502NL PULSE-PE-50502NL Datasheet
65Kb / 1P
   TOROIDAL INDUCTORS
PE-51507NL PULSE-PE-51507NL Datasheet
72Kb / 1P
   TOROIDAL INDUCTORS
PE-51515NL PULSE-PE-51515NL Datasheet
72Kb / 1P
   TOROIDAL INDUCTORS
P589 PULSE-P589 Datasheet
72Kb / 1P
   TOROIDAL INDUCTORS
logo
Analog Devices
AD202 AD-AD202 Datasheet
412Kb / 12P
   Low Cost, Miniature Isolation Amplifiers
REV. B
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com