Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT91RM9200_0509 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT91RM9200_0509
Description  ARM920T based Microcontroller
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91RM9200_0509 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT91RM9200_0509 Datasheet HTML 2Page - ATMEL Corporation AT91RM9200_0509 Datasheet HTML 3Page - ATMEL Corporation AT91RM9200_0509 Datasheet HTML 4Page - ATMEL Corporation AT91RM9200_0509 Datasheet HTML 5Page - ATMEL Corporation AT91RM9200_0509 Datasheet HTML 6Page - ATMEL Corporation AT91RM9200_0509 Datasheet HTML 7Page - ATMEL Corporation AT91RM9200_0509 Datasheet HTML 8Page - ATMEL Corporation AT91RM9200_0509 Datasheet HTML 9Page - ATMEL Corporation AT91RM9200_0509 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
6
1768IS–ATARM–30-Sep-05
AT91RM9200 Summary
– Each Master can be assigned a priority between 0 and 7
• Address Decoder provides selection for
– Eight external 256-Mbyte memory areas
– Four internal 1-Mbyte memory areas
– One 256-Mbyte embedded peripheral area
• Boot Mode Select Option
– Non-volatile Boot Memory can be internal or external
– Selection is made by BMS pin sampled at reset
• Abort Status Registers
– Source, Type and all parameters of the access leading to an abort are saved
• Misalignment Detector
– Alignment checking of all data accesses
– Abort generation in case of misalignment
• Remap command
– Provides remapping of an internal SRAM in place of the boot NVM
3.7
External Bus Interface
• Integrates three External Memory Controllers:
– Static Memory Controller
– SDRAM Controller
– Burst Flash Controller
• Additional logic for NAND Flash/SmartMedia and CompactFlash support
• Optimized External Bus:
– 16- or 32-bit Data Bus
– Up to 26-bit Address Bus, up to 64-Mbytes addressable
– Up to 8 Chip Selects, each reserved to one of the eight Memory Areas
– Optimized pin multiplexing to reduce latencies on External Memories
• Configurable Chip Select Assignment:
– Burst Flash Controller or Static Memory Controller on NCS0
– SDRAM Controller or Static Memory Controller on NCS1
– Static Memory Controller on NCS3, Optional NAND Flash/SmartMedia Support
– Static Memory Controller on NCS4 - NCS6, Optional CompactFlash Support
– Static Memory Controller on NCS7
3.8
Static Memory Controller
• External memory mapping, 512-Mbyte address space
• Up to 8 Chip Select Lines
• 8- or 16-bit Data Bus
• Remap of Boot Memory
• Multiple Access Modes supported
– Byte Write or Byte Select Lines


Similar Part No. - AT91RM9200_0509

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91RM9200 ATMEL-AT91RM9200_05 Datasheet
8Mb / 683P
   ARM920T based Microcontroller
More results

Similar Description - AT91RM9200_0509

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91RM9200 ATMEL-AT91RM9200_06 Datasheet
7Mb / 689P
   ARM920T-based Microcontroller
AT91RM9200 ATMEL-AT91RM9200_09 Datasheet
9Mb / 701P
   ARM920T-based Microcontroller
AT91RM9200 ATMEL-AT91RM9200 Datasheet
769Kb / 41P
   ARM920T-based Microcontroller
AT91RM9200 ATMEL-AT91RM9200_05 Datasheet
8Mb / 683P
   ARM920T based Microcontroller
AT91RM3400 ATMEL-AT91RM3400 Datasheet
6Mb / 461P
   ARM7TDMI??based Microcontroller
ATSAMD ATMEL-ATSAMD Datasheet
673Kb / 25P
   ARM-Based Microcontroller
AT91SAM7A1 ATMEL-AT91SAM7A1 Datasheet
133Kb / 14P
   ARM7TDMI BASED MICROCONTROLLER
AT91RM3400 ATMEL-AT91RM3400_05 Datasheet
53Kb / 8P
   ARM7TDMI짰-based Microcontroller
logo
Nuvoton Technology Corp...
N79E855 NUVOTON-N79E855 Datasheet
3Mb / 180P
   Nuvoton 8051-based Microcontroller
logo
ATMEL Corporation
SAM-D20E ATMEL-SAM-D20E_14 Datasheet
979Kb / 32P
   SMART ARM-Based Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com