Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT91C140 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT91C140
Description  AT91 ARM Thumb Microcontrollers
Download  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91C140 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT91C140_05 Datasheet HTML 7Page - ATMEL Corporation AT91C140_05 Datasheet HTML 8Page - ATMEL Corporation AT91C140_05 Datasheet HTML 9Page - ATMEL Corporation AT91C140_05 Datasheet HTML 10Page - ATMEL Corporation AT91C140_05 Datasheet HTML 11Page - ATMEL Corporation AT91C140_05 Datasheet HTML 12Page - ATMEL Corporation AT91C140_05 Datasheet HTML 13Page - ATMEL Corporation AT91C140_05 Datasheet HTML 14Page - ATMEL Corporation AT91C140_05 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 174 page
background image
11
6069C–ATARM–15-Sep-05
AT91C140
8.
System Controller
The AT91C140 features a System Controller that takes care of and controls:
• the Test Mode
• the Reset
• the System Clocks
• the Chip Identifier
The System Controller manages the reset of all the system and integrates a clock generator,
made up of an oscillator and a PLL.
8.1
Test
The AT91C140 features a test pin (TST). This pin must be tied low for normal operations.
Using the AT91C140 with the TST pin at a high level might lead to unpredictable results.
8.2
Reset Controller
8.2.1
NRST Pin
The AT91C140 is reset by asserting the NRST pin low. It should be asserted for a time ade-
quate to ensure the startup of the oscillator on a power on, and at least 1 ACLK cycle for a
warm reset. As the ACLK switches on the 31,25kHz (assuming the crystal is at 16 MHz) as
soon as the reset is asserted, it must remain low for at least 32 µs. The first instruction fetch
happens 10 ACLK cycles after the reset releases.
8.2.2
System Reset
A reset initializes the user interface registers to their default states as defined in the peripheral
sections of this datasheet and forces the ARM7TDMI to perform the next instruction fetch from
address zero. Except for the program counter and the Current Program Status Register, the
ARM processor registers do not have defined reset states. When NRST is active, the inputs of
the AT91C140 must be held at valid logic levels to reduce the power consumption to a
minimum.
8.2.3
Boot Memory and Remap Command
When NRST is released, the PA0 pin is sampled to determine if the ARM processor should
boot from internal ROM or from external memory connected to NCE0. The details of the boot
operations are described in ”Memory Controller (MC)” on page 16. The Boot Program is
described in ”Boot Program” on page 24.
After a reset, the RM bit in the Mode Register reflects the state of the PA0 pin. Then, writing
this bit at 1 removes the ROM from the address 0. Writing it at 0 remaps the ROM at address
0x0.
8.3
Clock Generator
The AT91C140 features a Clock Generator based on a 16 MHz oscillator and a PLL. It pro-
vides all the clocks of the system, including a clock signal named ACLK, to the ARM
processor, to the memory controller and to the External Bus Interface and to all the embedded
peripherals
The ACLK signal is also provided on the ACLKO pin, through PIO Controller A.
Figure 8-1 below shows the architecture of the Clock Generator.


Similar Part No. - AT91C140_05

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91C140-CI ATMEL-AT91C140-CI Datasheet
3Mb / 171P
   AT91 ARM Thumb Microcontrollers
More results

Similar Description - AT91C140_05

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91M42800 ATMEL-AT91M42800 Datasheet
335Kb / 20P
   AT91 ARM Thumb Microcontrollers
AT91M40400 ATMEL-AT91M40400_99 Datasheet
1Mb / 116P
   AT91 ARM Thumb Microcontrollers
AT91SAM9260 ATMEL-AT91SAM9260 Datasheet
910Kb / 45P
   AT91 ARM Thumb Microcontrollers
AT91FR40162 ATMEL-AT91FR40162 Datasheet
250Kb / 22P
   AT91 ARM Thumb Microcontrollers
AT91SAM9G20 ATMEL-AT91SAM9G20_1 Datasheet
12Mb / 832P
   AT91 ARM Thumb Microcontrollers
AT91SAM9G20 ATMEL-AT91SAM9G20_09 Datasheet
996Kb / 42P
   AT91 ARM Thumb Microcontrollers
AT91R40807 ATMEL-AT91R40807_02 Datasheet
221Kb / 19P
   AT91 ARM Thumb Microcontrollers
AT91M40800 ATMEL-AT91M40800_1 Datasheet
1Mb / 153P
   AT91 ARM Thumb Microcontrollers
AT91M42800A ATMEL-AT91M42800A_06 Datasheet
2Mb / 224P
   AT91 ARM Thumb Microcontrollers
AT91SAM9XE128 ATMEL-AT91SAM9XE128_10 Datasheet
1Mb / 48P
   AT91 ARM Thumb Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com