Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8051AH Datasheet(PDF) 6 Page - Intel Corporation

Part # 8051AH
Description  NMOS SINGLE-CHIP 8-BIT MICROCONTROLLERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8051AH Datasheet(HTML) 6 Page - Intel Corporation

Back Button 8051AH Datasheet HTML 2Page - Intel Corporation 8051AH Datasheet HTML 3Page - Intel Corporation 8051AH Datasheet HTML 4Page - Intel Corporation 8051AH Datasheet HTML 5Page - Intel Corporation 8051AH Datasheet HTML 6Page - Intel Corporation 8051AH Datasheet HTML 7Page - Intel Corporation 8051AH Datasheet HTML 8Page - Intel Corporation 8051AH Datasheet HTML 9Page - Intel Corporation 8051AH Datasheet HTML 10Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
AUTOMOTIVE MICROCONTROLLER MCS
51
ABSOLUTE MAXIMUM RATINGS
Ambient Temperature
Under Bias
b
40 Cto a110 C
Storage Temperature
b
65 Cto a150 C
Voltage on EA VPP Pin to VSS
b
05V to a215V
Voltage on Any Other Pin to VSS
b
05V to a7V
Power Dissipation15W
Based on package heat transfer limitations not de-
vice power consumption
Maximum Case Temperature
Under Bias
a
125 C
NOTICE This is a production data sheet The specifi-
cations are subject to change without notice
WARNING Stressing the device beyond the ‘‘Absolute
Maximum Ratings’’ may cause permanent damage
These are stress ratings only Operation beyond the
‘‘Operating Conditions’’ is not recommended and ex-
tended exposure beyond the ‘‘Operating Conditions’’
may affect device reliability
Typical Thermal Resistance Junction to Ambient (iJA)
Package
iJA
Plastic DIP
75 CW
DC CHARACTERISTICS TA eb40 Cto a110 C VCC e 5V g10% VSS e 0V
Symbol
Parameter
Min
Max
Units
Test Conditions
VIL
Input Low Voltage
b
05
07
V
VIH
Input High Voltage (Except XTAL2 RST)
21
VCC a 05
V
VIH1
Input High Voltage to XTAL2 RST
26
VCC a 05
V
XTAL1 e VSS
VOL
Output Low Voltage (Ports 1 2 3)
045
V
IOL e 16 mA
VOL1
Output Low Voltage (Port 0 ALE PSEN)
045
V
IOL e 32 mA
VOH
Output High Voltage (Ports 1 2 3 ALE PSEN)
24
V
IOH eb80 mA
VOH1
Output High Voltage (Port 0 in
24
V
IOH eb400 mA
External Bus Mode)
IIL
Logical 0 Input Current (Ports 1 2 3
RST) 8032AH 8052AH
b
800
m
AVIN e 045V
All Others
b
500
m
AVIN e 045V
IIL2
Logical 0 Input Current (XTAL2)
b
40
mA
VIN e 045V
ILI
Input Leakage Current (Port 0)
g
10
m
A
045 s VIN s VCC
IIH1
Input Current to RST to Activate Reset
500
m
AVIN k (VCC b 15V)
ICC
Power Supply Current
80318051
175
mA
8031AH8051AH
135
mA
All Outputs
8032AH8052AH
175
mA
Disconnected
CIO
Pin Capacitance
10
pF
Test freq e 1 MHz
NOTE
Capacitive loading on Ports 0 and 2 may cause noise pulses to be superimposed on the VOLs of ALE and Ports 1 and 3
The noise is due to external bus capacitance discharging into the Port 0 and Port 2 pins when these pins make 1-to-0
transitions during bus operations In the worst cases (capacitive loading l 100 pF) the noise pulse on the ALE line may
exceed 08V In such cases it may be desirable to qualify ALE with a Schmitt Trigger or use an address latch with a Schmitt
Trigger STROBE input
6


Similar Part No. - 8051AH

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8051AH INTEL-8051AH Datasheet
794Kb / 21P
   MCS 51 8-BIT CONTROL-ORIENTED MICROCONTROLLERS
8051AH INTEL-8051AH Datasheet
762Kb / 21P
   MCS51 8-BIT CONTROL-ORIENTED MICROCONTROLLERS
8051AH INTEL-8051AH Datasheet
1,021Kb / 14P
   8 BIT CONTROL ORIENTED MICROCOMPUTERS
logo
NXP Semiconductors
8051AH PHILIPS-8051AH Datasheet
738Kb / 9P
   SINGLE CHIP 8 BIT MICROCONTROLLER
December 29 1992
logo
Intel Corporation
8051AHP INTEL-8051AHP Datasheet
794Kb / 21P
   MCS 51 8-BIT CONTROL-ORIENTED MICROCONTROLLERS
More results

Similar Description - 8051AH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD789026 NEC-UPD789026 Datasheet
840Kb / 213P
   8-Bit Single-Chip Microcontrollers
logo
Hynix Semiconductor
GMS87C1404 HYNIX-GMS87C1404 Datasheet
1Mb / 84P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS87C4060 HYNIX-GMS87C4060 Datasheet
1Mb / 102P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com