Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8052AH Datasheet(PDF) 9 Page - Intel Corporation

Part # 8052AH
Description  NMOS SINGLE-CHIP 8-BIT MICROCONTROLLERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8052AH Datasheet(HTML) 9 Page - Intel Corporation

Back Button 8052AH Datasheet HTML 3Page - Intel Corporation 8052AH Datasheet HTML 4Page - Intel Corporation 8052AH Datasheet HTML 5Page - Intel Corporation 8052AH Datasheet HTML 6Page - Intel Corporation 8052AH Datasheet HTML 7Page - Intel Corporation 8052AH Datasheet HTML 8Page - Intel Corporation 8052AH Datasheet HTML 9Page - Intel Corporation 8052AH Datasheet HTML 10Page - Intel Corporation 8052AH Datasheet HTML 11Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
AUTOMOTIVE MICROCONTROLLER MCS
51
EXTERNAL DATA MEMORY WRITE CYCLE
270499 – 9
SERIAL PORT TIMINGSHIFT REGISTER MODE
Test Conditions TA eb40 Cto a110 C VCC e 5V g10% VSS e 0V Load Capacitance e 80 pF
Symbol
Parameter
12 MHz Oscillator
Variable Oscillator
Units
Min
Max
Min
Max
TXLXL
Serial Port Clock Cycle Time
10
12TCLCL
m
s
TQVXH
Output Data Setup to Clock Rising
700
10TCLCLb133
ns
Edge
TXHQX
Output Data Hold after Clock
50
2TCLCLb117
ns
Rising Edge
TXHDX
Input Data Hold after Clock Rising
0
0
ns
Edge
TXHDV
Clock Rising Edge to Input Data
700
10TCLCLb133
ns
Valid
9


Similar Part No. - 8052AH

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8052AH INTEL-8052AH Datasheet
794Kb / 21P
   MCS 51 8-BIT CONTROL-ORIENTED MICROCONTROLLERS
8052AH INTEL-8052AH Datasheet
762Kb / 21P
   MCS51 8-BIT CONTROL-ORIENTED MICROCONTROLLERS
8052AH INTEL-8052AH Datasheet
1,021Kb / 14P
   8 BIT CONTROL ORIENTED MICROCOMPUTERS
More results

Similar Description - 8052AH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD789026 NEC-UPD789026 Datasheet
840Kb / 213P
   8-Bit Single-Chip Microcontrollers
logo
Hynix Semiconductor
GMS87C1404 HYNIX-GMS87C1404 Datasheet
1Mb / 84P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS87C4060 HYNIX-GMS87C4060 Datasheet
1Mb / 102P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com