Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATXMEGA256A3 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # ATXMEGA256A3
Description  8/16-bit XMEGA A3 Microcontroller
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA256A3 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button ATXMEGA256A3 Datasheet HTML 6Page - ATMEL Corporation ATXMEGA256A3 Datasheet HTML 7Page - ATMEL Corporation ATXMEGA256A3 Datasheet HTML 8Page - ATMEL Corporation ATXMEGA256A3 Datasheet HTML 9Page - ATMEL Corporation ATXMEGA256A3 Datasheet HTML 10Page - ATMEL Corporation ATXMEGA256A3 Datasheet HTML 11Page - ATMEL Corporation ATXMEGA256A3 Datasheet HTML 12Page - ATMEL Corporation ATXMEGA256A3 Datasheet HTML 13Page - ATMEL Corporation ATXMEGA256A3 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 76 page
background image
10
8068E–AVR–08/08
XMEGA A3
7.4
Data Memory
The Data Memory consist of the I/O Memory, EEPROM and SRAM memories, all within one lin-
ear address space, see Figure 7-2 on page 10. To simplify development, the memory map for all
devices in the family is identical and with empty, reserved memory space for smaller devices.
Figure 7-2.
Data Memory Map (Hexadecimal address)
Byte Address
ATxmega192A3
Byte Address
ATxmega128A3
Byte Address
ATxmega64A3
0
I/O Registers
(4KB)
0
I/O Registers
(4KB)
0
I/O Registers
(4KB)
FFF
FFF
FFF
1000
EEPROM
(4K)
1000
EEPROM
(2K)
1000
EEPROM
(2K)
17FF
17FF
1FFF
RESERVED
RESERVED
2000
Internal SRAM
(16K)
2000
Internal SRAM
(8K)
2000
Internal SRAM
(4K)
5FFF
3FFF
2FFF
6000
External Memory
(0 - 16 MB)
4000
External Memory
(0 - 16 MB)
3000
External Memory
(0 - 16 MB)
FFFFFF
FFFFFF
FFFFFF
Byte Address
ATxmega256A3
0
I/O Registers
(4KB)
FFF
1000
EEPROM
(4K)
1FFF
2000
Internal SRAM
(16K)
5FFF
6000
External Memory
(0 - 16 MB)
FFFFFF


Similar Part No. - ATXMEGA256A3

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATxmega256A3 ATMEL-ATxmega256A3 Datasheet
3Mb / 108P
   8/16-bit XMEGA A3 Microcontroller
ATXMEGA256A3 ATMEL-ATXMEGA256A3 Datasheet
3Mb / 110P
   8/16-bit AVR XMEGA A3 Microcontroller
ATXMEGA256A3 ATMEL-ATXMEGA256A3 Datasheet
3Mb / 134P
   8/16-bit XMEGA A3 Microcontroller
ATxmega256A3-AU ATMEL-ATxmega256A3-AU Datasheet
3Mb / 108P
   8/16-bit XMEGA A3 Microcontroller
ATXMEGA256A3-AU ATMEL-ATXMEGA256A3-AU Datasheet
3Mb / 110P
   8/16-bit AVR XMEGA A3 Microcontroller
More results

Similar Description - ATXMEGA256A3

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATXMEGA256A3 ATMEL-ATXMEGA256A3_09 Datasheet
3Mb / 108P
   8/16-bit XMEGA A3 Microcontroller
ATXMEGA256A3_1012 ATMEL-ATXMEGA256A3_1012 Datasheet
3Mb / 134P
   8/16-bit XMEGA A3 Microcontroller
ATXMEGA256A3 ATMEL-ATXMEGA256A3_10 Datasheet
3Mb / 110P
   8/16-bit AVR XMEGA A3 Microcontroller
ATXMEGA256A3B ATMEL-ATXMEGA256A3B_10 Datasheet
3Mb / 105P
   8/16-bit XMEGA A3B Microcontroller
ATXMEGA128A4_1012 ATMEL-ATXMEGA128A4_1012 Datasheet
3Mb / 108P
   8/16-bit XMEGA A4 Microcontroller
ATXMEGA256A3B ATMEL-ATXMEGA256A3B Datasheet
888Kb / 75P
   8/16-bit XMEGA A3B Microcontroller
ATXMEGA256A3B ATMEL-ATXMEGA256A3B_09 Datasheet
3Mb / 102P
   8/16-bit XMEGA A3B Microcontroller
ATXMEGA128A1 ATMEL-ATXMEGA128A1_14 Datasheet
2Mb / 122P
   8/16-bit XMEGA A1 Microcontroller
ATXMEGA128A4 ATMEL-ATXMEGA128A4 Datasheet
806Kb / 69P
   8/16-bit XMEGA A4 Microcontroller
ATXMEGA384A1 ATMEL-ATXMEGA384A1_10 Datasheet
3Mb / 107P
   8/16-bit XMEGA A1 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com