Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS87C520-WCL Datasheet(PDF) 10 Page - Dallas Semiconductor

Part # DS87C520-WCL
Description  EPROM/ROM High-Speed Micro
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS87C520-WCL Datasheet(HTML) 10 Page - Dallas Semiconductor

Back Button DS87C520-WCL Datasheet HTML 6Page - Dallas Semiconductor DS87C520-WCL Datasheet HTML 7Page - Dallas Semiconductor DS87C520-WCL Datasheet HTML 8Page - Dallas Semiconductor DS87C520-WCL Datasheet HTML 9Page - Dallas Semiconductor DS87C520-WCL Datasheet HTML 10Page - Dallas Semiconductor DS87C520-WCL Datasheet HTML 11Page - Dallas Semiconductor DS87C520-WCL Datasheet HTML 12Page - Dallas Semiconductor DS87C520-WCL Datasheet HTML 13Page - Dallas Semiconductor DS87C520-WCL Datasheet HTML 14Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
DS87C520/DS83C520
10 of 42
from 4 kB to 16 kB (1000h-3FFFh) is no longer located on-chip. This could result in code misalignment
and execution of an invalid instruction. The recommended method is to modify the ROMSIZE register
from a location in memory that will be internal (or external) both before and after the operation. In the
above example, the instruction which modifies the ROMSIZE register should be located below the 4 kB
(1000h) boundary, so that it will be unaffected by the memory modification. The same precaution should
be applied if the internal program memory size is modified while executing from external program
memory.
Off-chip memory is accessed using the multiple xed address/data bus on P0 and the MSB address on P2.
While serving as a memory bus, these pins are not I/O ports. This convention follows the standard 8051
method of expanding on-chip memory. Off-chip ROM access also occurs if the EA pin is a logic 0. EA
overrides all bit settings. The PSEN signal will go active (low) to serve as a chip enable or output enable
when Ports 0 and 2 fetch from external ROM.
ROM MEMORY MAP Figure 2
ROM SIZE ADJUSTABLE
ROM SIZE IGNORED
DEFAULT = 16K BYTES
DATA MEMORY ACCESS
Unlike many 8051 derivatives, the DS87C520/DS83C520 contains on-chip data memory. It also contains
the standard 256 bytes of RAM accessed by direct instructions. These areas are separate. The MOVX
instruction accesses the on-chip data memory. Although physically on-chip, software treats this area as
though it was located off- chip. The 1 kB of SRAM is between address 0000h and 03FFh.
Access to the on-chip data RAM is optional under software control. When enabled by software, the data
SRAM is between 0000h and 03FFh. Any MOVX instruction that uses this area will go to the on-chip
RAM while enabled. MOVX addresses greater tha n 03FFh automatically go to external memory through
Ports 0 and 2.
When disabled, the 1 kB memory area is transparent to the system memory map. Any MOVX directed to
the space between 0000h and FFFFh goes to the expanded bus on Ports 0 and 2. This also is the default
condition. This default allows the DS87C520/DS83C520 to drop into an existing system that uses these
addresses for other hardware and still have full compatibility.
The on-chip data area is software selectable using 2 bits in the Power Mana gement Register at location
C4h. This selection is dynamically programmable. Thus access to the on-chip area becomes transparent
to reach off-chip devices at the same addresses. The control bits are DME1 (PMR.1) and DME0
(PMR.0). They have the following operation:


Similar Part No. - DS87C520-WCL

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS87C520-WCL DALLAS-DS87C520-WCL Datasheet
1Mb / 45P
   EPROM/ROM High-Speed Micro
DS87C520-WCL DALLAS-DS87C520-WCL Datasheet
877Kb / 44P
   EPROM/ROM High-Speed Microcontrollers
logo
List of Unclassifed Man...
DS87C520-WCL ETC2-DS87C520-WCL Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Maxim Integrated Produc...
DS87C520-WCL** MAXIM-DS87C520-WCL* Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
REV: 022207
More results

Similar Description - DS87C520-WCL

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS87C520 DALLAS-DS87C520 Datasheet
1Mb / 45P
   EPROM/ROM High-Speed Micro
DS83C520 DALLAS-DS83C520_07 Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
DS87C520MCL DALLAS-DS87C520MCL Datasheet
877Kb / 44P
   EPROM/ROM High-Speed Microcontrollers
logo
Maxim Integrated Produc...
QX87C196KT16 MAXIM-QX87C196KT16 Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
REV: 022207
DS87C520-QNL MAXIM-DS87C520-QNL Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
REV: 022207
logo
Dallas Semiconductor
DS87C530 DALLAS-DS87C530_1 Datasheet
800Kb / 44P
   EPROM/ROM Micro with Real Time Clock
logo
STMicroelectronics
ST7282 STMICROELECTRONICS-ST7282 Datasheet
260Kb / 23P
   ROM FROM EPROM
logo
Dallas Semiconductor
DS87C550 DALLAS-DS87C550 Datasheet
763Kb / 50P
   EPROM High-Speed Micro with A/D and PWM
logo
Microchip Technology
PIC17LC42AT-08I-PT MICROCHIP-PIC17LC42AT-08I-PT Datasheet
1Mb / 241P
   High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
01/18/02
PIC17C4X MICROCHIP-PIC17C4X Datasheet
1Mb / 240P
   High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
1996 - 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com