Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R20 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # R20
Description  Bimetal Cutouts Temperature Regulators Temperature Limiters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

R20 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  R20 Datasheet HTML 1Page - List of Unclassifed Manufacturers R20 Datasheet HTML 2Page - List of Unclassifed Manufacturers R20 Datasheet HTML 3Page - List of Unclassifed Manufacturers R20 Datasheet HTML 4Page - List of Unclassifed Manufacturers R20 Datasheet HTML 5Page - List of Unclassifed Manufacturers R20 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SPECIAL TEMPERATURE SETTINGS
Response temperatures and reset temperatures
with specific values and alternative tolerance can
be supplied.
SPECIAL CONNECTIONS
Leads or solid wire from 0.25 mm2 to 1.0 mm2.
Lengths from 40 mm to 10 000 mm,
with or without stripping possible.
Lead ends with DIN connectors or shrouds.
Freon and oil resistant leads,
PTFE-, PVF2, Nomex and Silicone leads
available from stock.
SPECIAL HOUSINGS
When selecting the switch-off temperatures of ther-
mostats in special housings or with non-standard
mounting, the time delay due to the thermal mass
of the housing/mounting has to be considered.
Closer tolerances of nominal switch-off temperatu-
res and reset temperatures, as well as small diffe-
rentials, are also available for small quantities on
request.
QUALITY STANDARD
Production item testing
Voltage test, switch function,
Nominal response temperature
APPROVALS
Life expectancy, voltage rating and current rating
comply with VDE 0631 or EN 60730, see page 2.
Further approvals obtained for many countries.
Information on request.
NOMINAL RESPONSE TEMPERATURE, TOLERANCE, CODE-NO.
Series 10
Series 20
Series 40
Tol. ± 10 %
Tol. ± 6 %
Tol. ± 3 %
°C
Code No.
°C
Code No.
°C
Code No
.
Nor mally closed
50
53
56
60
63
67
71
75
80
85
90
95
100
106
112
118
125
132
140
150
160
161
026
028
030
168
031
033
034
175
036
038
039
182
041
043
044
189
046
048
049
196
50
53
56
60
63
67
71
75
80
85
90
95
100
106
112
118
125
132
140
150
160
162
027
165
029
169
032
172
035
176
037
179
040
183
042
186
045
190
047
193
050
197
50
53
56
60
63
67
71
75
80
85
90
95
100
106
112
118
125
132
140
150
160
170
163
164
166
167
170
171
173
174
177
178
180
181
184
185
187
188
191
192
194
195
198
199
000
05
10
15
20
25
30
35
40
45
007
010
011
012
015
017
022
023
024
025
000
02
05
10
14
15
18
20
22
25
26
28
30
35
40
45
008
131
133
136
139
013
142
016
145
018
147
020
149
152
155
158
000
02
05
08
10
12
14
15
16
18
20
22
25
26
28
30
33
35
37
40
42
45
47
009
132
134
135
137
138
140
014
141
143
144
146
019
148
021
150
151
153
154
156
157
159
160
Series 10
Series 20
Series 40
Tol. ± 10 %
Tol. ± 6 %
Tol. ± 3 %
°C
Code No.
°C
Code No.
°C
Code No
.
Nor mally open
50
53
56
60
63
67
71
75
80
85
90
95
100
106
112
118
125
132
140
150
160
361
276
278
280
368
281
283
284
375
286
288
289
382
291
293
294
389
296
298
299
396
50
53
56
60
63
67
71
75
80
85
90
95
100
106
112
118
125
132
140
150
160
362
277
365
279
369
282
372
285
376
287
379
290
383
292
386
295
390
297
393
300
397
50
53
56
60
63
67
71
75
80
85
90
95
100
106
112
118
125
132
140
150
160
363
364
366
367
370
371
373
374
377
378
380
381
384
385
387
388
391
392
394
395
398
000
05
10
15
20
25
30
35
40
45
257
260
261
262
265
267
272
273
274
275
000
02
05
10
14
15
18
20
22
25
26
28
30
35
40
45
258
331
333
336
339
263
342
266
345
268
347
270
349
352
355
358
000
02
05
08
10
12
14
15
16
18
20
22
25
26
28
30
33
35
37
40
42
45
47
259
332
334
335
337
338
340
264
341
343
344
346
269
348
271
350
351
353
354
356
357
359
360
Quan-
Type
Code
Temperature
Version
Tolerance
tity
°C
6000
R 22
C 183
100
A 119
± 6 %
ORDERING INFORMATION
Technical data and other specifications may be altered without prior notice.
C A NTHE RM
8415 Mountain Sights Avenue • Montreal (Quebec), H4P 2B8, Canada
Tel: (514) 739-3274 • 1-800-561-7207 • Fax: (514) 739-290
E-mail : sales@cantherm.com • Website: www.cantherm.com


Similar Part No. - R20

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
R200 INTEL-R200 Datasheet
1Mb / 51P
   Embedded Infrared Assisted Stereovision 3D Imaging System with Color Camera
logo
Zibo Seno Electronic En...
R2000 ZSELEC-R2000 Datasheet
88Kb / 2P
   HIGH VOLTAGE RECTIFIER
logo
MIC GROUP RECTIFIERS
R2000 MIC-R2000 Datasheet
172Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIER
logo
GOOD-ARK Electronics
R2000 GOOD-ARK-R2000 Datasheet
116Kb / 2P
   High Voltage Silicon Rectifiers Reverse Voltage 1200 to 2000 Volts Forward Current 0.2 to 0.5 Ampere
logo
Zowie Technology Corpor...
R2000 ZOWIE-R2000 Datasheet
41Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIER
More results

Similar Description - R20

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E11 ETC2-E11 Datasheet
73Kb / 4P
   Thermal Cutouts Temperature Protection for Electronics
logo
Torex Semiconductor
XC31 TOREX-XC31 Datasheet
120Kb / 4P
   Temperature Controlled Voltage Regulators
logo
M/A-COM Technology Solu...
2690 MA-COM-2690 Datasheet
61Kb / 2P
   Coaxial Limiters
logo
Ohmite Mfg. Co.
RES-SLIMMOX OHMITE-RES-SLIMMOX Datasheet
439Kb / 5P
   Current pulse limiters
logo
Tyco Electronics
2690 MACOM-2690 Datasheet
138Kb / 2P
   Coaxial Limiters
logo
Littelfuse
600VOLTSAC LITTELFUSE-600VOLTSAC Datasheet
154Kb / 1P
   Cable Limiters
logo
Microsemi Corporation
GG77010 MICROSEMI-GG77010 Datasheet
705Kb / 4P
   RF BOADBAND LIMITERS
logo
EPCOS
B57238 EPCOS-B57238 Datasheet
194Kb / 6P
   Inrush current limiters
logo
Littelfuse
LFCL0500ZC6 LITTELFUSE-LFCL0500ZC6 Datasheet
650Kb / 3P
   LFCL CABLE LIMITERS
Rev: 101017
logo
List of Unclassifed Man...
ESKA ETC2-ESKA Datasheet
1Mb / 8P
   TEMPERATURE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com