Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS87C530-ECL Datasheet(PDF) 11 Page - Dallas Semiconductor

Part # DS87C530-ECL
Description  EPROM/ROM Micro with Real Time Clock
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS87C530-ECL Datasheet(HTML) 11 Page - Dallas Semiconductor

Back Button DS87C530-ECL Datasheet HTML 7Page - Dallas Semiconductor DS87C530-ECL Datasheet HTML 8Page - Dallas Semiconductor DS87C530-ECL Datasheet HTML 9Page - Dallas Semiconductor DS87C530-ECL Datasheet HTML 10Page - Dallas Semiconductor DS87C530-ECL Datasheet HTML 11Page - Dallas Semiconductor DS87C530-ECL Datasheet HTML 12Page - Dallas Semiconductor DS87C530-ECL Datasheet HTML 13Page - Dallas Semiconductor DS87C530-ECL Datasheet HTML 14Page - Dallas Semiconductor DS87C530-ECL Datasheet HTML 15Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
DS87C530/DS83C530
11 of 44
pin. The nominal battery voltage is 3V. The VBAT pin will not source current. Therefore, a super cap
requires an external resistor and diode to supply charge.
The backup lifetime is a function of the battery capacity and the data retention current drain. This drain is
specified in the electrical specifications. The circuit loads the VBAT only when VCC has fallen below VBAT.
Thus the actual lifetime depends not only on the current and battery capacity, but also on the portion of
time without power. A very small lithium cell provides a lifetime of more than 10 years.
INTERNAL BACKUP CIRCUIT Figure 3
IMPORTANT APPLICATION NOTE
The pins on the DS87C530/DS83C530 are generally as resilient as other CMOS circuits. They have no
unusual susceptibility to electrostatic discharge (ESD) or other electrical transients. However, no pin on
the DS87C530/DS83C530 should ever be taken to a voltage below ground. Negative voltages on any
pin can turn on internal parasitic diodes that draw current directly from the battery. If a device pin is
connected to the “outside world” where it may be handled or come in contact with electrical noise,
protection should be added to prevent the device pin from going below -0.3V. Some power supplies can
give a small undershoot on power up, which should be prevented.
Application Note 93, “Design
Guidelines
for
Microcontrollers
Incorporating
NV
RAM,”
discusses
how
to
protect
the
DS87C530/DS83C530 against these conditions.
MEMORY RESOURCES
Like the 8051, the DS87C530/DS83C530 uses three memory areas. The total memory configuration of
the device is 16kB of ROM, 1kB of data SRAM and 256 bytes of scratchpad or direct RAM. The 1kB of
data space SRAM is read/write accessible and is memory mapped. This on-chip SRAM is reached by the
MOVX instruction. It is not used for executable memory. The scratchpad area is 256 bytes of register
mapped RAM and is identical to the RAM found on the 80C52. There is no conflict or overlap among the
256 bytes and the 1 kB as they use different addressing modes and separate instructions.
OPERATIONAL CONSIDERATION
The erasure window of the windowed CERQUAD should be covered without regard to the programmed/
unprogrammed state of the EPROM. Otherwise, the device may not meet the AC and DC parameters
listed in the datasheet.


Similar Part No. - DS87C530-ECL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS87C530-ECL MAXIM-DS87C530-ECL Datasheet
749Kb / 46P
   EPROM/ROM Microcontrollers with Real-Time Clock
logo
Dallas Semiconductor
DS87C530-ECL DALLAS-DS87C530-ECL Datasheet
435Kb / 40P
   EPROM MICRO WITH REAL TIME CLOCK
DS87C530-ECL DALLAS-DS87C530-ECL Datasheet
866Kb / 47P
   EPROM/ROM Microcontrollers with Real-Time Clock
logo
Maxim Integrated Produc...
DS87C530-ECL MAXIM-DS87C530-ECL Datasheet
655Kb / 45P
   EPROM/ROM Microcontrollers with Real-Time Clock
REV: 071107
logo
Dallas Semiconductor
DS87C530-ECL++ DALLAS-DS87C530-ECL+ Datasheet
866Kb / 47P
   EPROM/ROM Microcontrollers with Real-Time Clock
More results

Similar Description - DS87C530-ECL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS83C530-DS87C530 MAXIM-DS83C530-DS87C530 Datasheet
749Kb / 46P
   EPROM/ROM Microcontrollers with Real-Time Clock
EN87C196CB MAXIM-EN87C196CB Datasheet
655Kb / 45P
   EPROM/ROM Microcontrollers with Real-Time Clock
REV: 071107
logo
Dallas Semiconductor
DS87C530 DALLAS-DS87C530_05 Datasheet
866Kb / 47P
   EPROM/ROM Microcontrollers with Real-Time Clock
DS87C530 DALLAS-DS87C530 Datasheet
435Kb / 40P
   EPROM MICRO WITH REAL TIME CLOCK
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
   Real Time Clock
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
   REAL TIME CLOCK ?
logo
RICOH electronics devic...
RP5C15 RICOH-RP5C15 Datasheet
137Kb / 12P
   REAL-TIME CLOCK
logo
Epson ToYoCom
RTC-63421 EPSONTOYOCOM-RTC-63421 Datasheet
413Kb / 2P
   Real time clock
logo
Golledge Electronics Lt...
RV8564C3 GOLLEDGE-RV8564C3 Datasheet
128Kb / 1P
   Real Time Clock
RV8564C2 GOLLEDGE-RV8564C2 Datasheet
62Kb / 1P
   Real Time clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com