Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STD60NF06 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STD60NF06
Description  N-CHANNEL 60V - 0.014ohm - 60A DPAK STripFET??II POWER MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD60NF06 Datasheet(HTML) 7 Page - STMicroelectronics

  STD60NF06 Datasheet HTML 1Page - STMicroelectronics STD60NF06 Datasheet HTML 2Page - STMicroelectronics STD60NF06 Datasheet HTML 3Page - STMicroelectronics STD60NF06 Datasheet HTML 4Page - STMicroelectronics STD60NF06 Datasheet HTML 5Page - STMicroelectronics STD60NF06 Datasheet HTML 6Page - STMicroelectronics STD60NF06 Datasheet HTML 7Page - STMicroelectronics STD60NF06 Datasheet HTML 8Page - STMicroelectronics STD60NF06 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7/9
STD60NF06
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
2.20
2.40
0.087
0.094
A1
0.90
1.10
0.035
0.043
A2
0.03
0.23
0.001
0.009
B
0.64
0.90
0.025
0.035
B2
5.20
5.40
0.204
0.213
C
0.45
0.60
0.018
0.024
C2
0.48
0.60
0.019
0.024
D
6.00
6.20
0.236
0.244
E
6.40
6.60
0.252
0.260
G
4.40
4.60
0.173
0.181
H
9.35
10.10
0.368
0.398
L2
0.8
0.031
L4
0.60
1.00
0.024
0.039
V2
0
o
8
o
0
o
0
o
P032P_B
TO-252 (DPAK) MECHANICAL DATA


Similar Part No. - STD60NF06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD60NF06 STMICROELECTRONICS-STD60NF06 Datasheet
413Kb / 13P
   N-channel 60V - 0.014ohm - 60A - DPAK
logo
SHENZHEN DOINGTER SEMIC...
STD60NF06 DOINGTER-STD60NF06 Datasheet
2Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
STMicroelectronics
STD60NF06T4 STMICROELECTRONICS-STD60NF06T4 Datasheet
413Kb / 13P
   N-channel 60V - 0.014ohm - 60A - DPAK STripFET II Power MOSFET
STD60NF06T4 STMICROELECTRONICS-STD60NF06T4 Datasheet
413Kb / 13P
   N-channel 60V - 0.014ohm - 60A - DPAK
logo
VBsemi Electronics Co.,...
STD60NF06T4 VBSEMI-STD60NF06T4 Datasheet
989Kb / 7P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - STD60NF06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
CD00003115 STMICROELECTRONICS-CD00003115 Datasheet
413Kb / 13P
   N-channel 60V - 0.014ohm - 60A - DPAK STripFET II Power MOSFET
STD60NF06T4 STMICROELECTRONICS-STD60NF06T4 Datasheet
413Kb / 13P
   N-channel 60V - 0.014ohm - 60A - DPAK
STB60NF06 STMICROELECTRONICS-STB60NF06 Datasheet
425Kb / 9P
   N-CHANNEL 60V - 0.014ohm - 60A D2PAK STripFET??POWER MOSFET
STB60NE06L-16 STMICROELECTRONICS-STB60NE06L-16 Datasheet
85Kb / 8P
   N - CHANNEL 60V - 0.014ohm - 60A D2PAK STripFET POWER MOSFET
STD35NF06L STMICROELECTRONICS-STD35NF06L Datasheet
431Kb / 9P
   N-CHANNEL 60V - 0.014ohm - 35A DPAK STripFET?줚I MOSFET
STD35NF3LL STMICROELECTRONICS-STD35NF3LL_07 Datasheet
318Kb / 13P
   N-channel 30V - 0.014ohm - 35A - DPAK STripFET TM II Power MOSFET
STD65NF06 STMICROELECTRONICS-STD65NF06 Datasheet
335Kb / 14P
   N-channel 60V - 11.5m廓 - 60A - DPAK/TO-220 STripFET??II Power MOSFET
STP60NE06L-16 STMICROELECTRONICS-STP60NE06L-16 Datasheet
106Kb / 9P
   N - CHANNEL 60V - 0.014ohm - 60A TO-220/TO-220FP STripFET POWER MOSFET
STD60NF55L STMICROELECTRONICS-STD60NF55L Datasheet
455Kb / 9P
   N-CHANNEL 55V - 0.012ohm - 60A DPAK STripFET??II POWER MOSFET
STD60NF3LL STMICROELECTRONICS-STD60NF3LL Datasheet
452Kb / 9P
   N-CHANNEL 30V - 0.0075ohm - 60A DPAK STripFET??II POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com