Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STD5NM50-1 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STD5NM50-1
Description  N-CHANNEL 500V - 0.7ohm - 7.5A DPAK/IPAK MDmesh?줡ower MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD5NM50-1 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STD5NM50-1 Datasheet HTML 2Page - STMicroelectronics STD5NM50-1 Datasheet HTML 3Page - STMicroelectronics STD5NM50-1 Datasheet HTML 4Page - STMicroelectronics STD5NM50-1 Datasheet HTML 5Page - STMicroelectronics STD5NM50-1 Datasheet HTML 6Page - STMicroelectronics STD5NM50-1 Datasheet HTML 7Page - STMicroelectronics STD5NM50-1 Datasheet HTML 8Page - STMicroelectronics STD5NM50-1 Datasheet HTML 9Page - STMicroelectronics STD5NM50-1 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
STD5NM50/STD5NM50-1
9/10
TAPE AND REEL SHIPMENT (suffix ”T4”)*
TUBE SHIPMENT (no suffix)*
DPAK FOOTPRINT
* on sales type
DIM.
mm
inch
MIN.
MAX.
MIN.
MAX.
A
330
12.992
B
1.5
0.059
C
12.8
13.2
0.504
0.520
D
20.2
0.795
G
16.4
18.4
0.645
0.724
N
50
1.968
T
22.4
0.881
BASE QTY
BULK QTY
2500
2500
REEL MECHANICAL DATA
DIM.
mm
inch
MIN.
MAX.
MIN.
MAX.
A0
6.8
7
0.267
0.275
B0
10.4
10.6
0.409
0.417
B1
12.1
0.476
D
1.5
1.6
0.059
0.063
D1
1.5
0.059
E
1.65
1.85
0.065
0.073
F
7.4
7.6
0.291
0.299
K0
2.55
2.75
0.100
0.108
P0
3.9
4.1
0.153
0.161
P1
7.9
8.1
0.311
0.319
P2
1.9
2.1
0.075
0.082
R
40
1.574
W
15.7
16.3
0.618
0.641
TAPE MECHANICAL DATA
All dimensions
are in millimeters
All dimensions are in millimeters


Similar Part No. - STD5NM50-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD5NM50AG STMICROELECTRONICS-STD5NM50AG Datasheet
626Kb / 16P
   Automotive-grade N-channel 500 V, 0.7 Ω typ., 7.5 A, MDmesh Power MOSFET in a DPAK package
April 2019 Rev 2
logo
Inchange Semiconductor ...
STD5NM50T4 ISC-STD5NM50T4 Datasheet
265Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - STD5NM50-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD3NM50 STMICROELECTRONICS-STD3NM50 Datasheet
471Kb / 10P
   N-CHANNEL 500V - 2.5ohm - 3A DPAK/IPAK Zener-Protected MDmesh?줡ower MOSFET
STP8NM50 STMICROELECTRONICS-STP8NM50 Datasheet
329Kb / 9P
   N-CHANNEL 500V - 0.7ohm - 8A TO-220/TO-220FP MDmesh?줡ower MOSFET
STD2NM60 STMICROELECTRONICS-STD2NM60 Datasheet
474Kb / 10P
   N-CHANNEL 600V - 2.8ohm - 2A DPAK/IPAK Zener-Protected MDmesh?줡ower MOSFET
STD9NM50N STMICROELECTRONICS-STD9NM50N Datasheet
491Kb / 17P
   N-channel 500V - 0.47廓 - 7.5A - TO-220 - TO-220FP - IPAK - DPAK Second generation MDmesh??Power MOSFET
STP4NM60 STMICROELECTRONICS-STP4NM60 Datasheet
548Kb / 12P
   N-CHANNEL 600V - 1.3ohm - 3A TO-220/DPAK/IPAK Zener-Protected MDmesh?줡ower MOSFET
STE48NM50 STMICROELECTRONICS-STE48NM50 Datasheet
273Kb / 8P
   N-CHANNEL 500V - 0.08ohm - 48A ISOTOP MDmesh?줡ower MOSFET
STW20NM50 STMICROELECTRONICS-STW20NM50 Datasheet
256Kb / 8P
   N-CHANNEL 500V - 0.20ohm - 20A TO-247 MDmesh?줡ower MOSFET
STW47NM50 STMICROELECTRONICS-STW47NM50 Datasheet
117Kb / 6P
   N-CHANNEL 500V - 0.065ohm - 45A TO-247 MDmesh?줡ower MOSFET
STD2NB50 STMICROELECTRONICS-STD2NB50 Datasheet
451Kb / 10P
   N-CHANNEL 500V - 5ohm - 1A DPAK / IPAK PowerMesh??MOSFET
STD3NB50 STMICROELECTRONICS-STD3NB50 Datasheet
75Kb / 6P
   N - CHANNEL 500V - 2.5ohm - 3A - IPAK/DPAK PowerMESH MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com