Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP8051 Datasheet(PDF) 3 Page - Digital Core Design

Part # DP8051
Description  Pipelined High Performance 8-bit Microcontroller ver 3.10
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DP8051 Datasheet(HTML) 3 Page - Digital Core Design

  DP8051_03 Datasheet HTML 1Page - Digital Core Design DP8051_03 Datasheet HTML 2Page - Digital Core Design DP8051_03 Datasheet HTML 3Page - Digital Core Design DP8051_03 Datasheet HTML 4Page - Digital Core Design DP8051_03 Datasheet HTML 5Page - Digital Core Design DP8051_03 Datasheet HTML 6Page - Digital Core Design DP8051_03 Datasheet HTML 7Page - Digital Core Design DP8051_03 Datasheet HTML 8Page - Digital Core Design DP8051_03 Datasheet HTML 9Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
All trademarks mentioned in this document
http://www.DigitalCoreDesign.com
are trademarks of their respective owners.
http://www.dcd.pl
Copyright 1999-2003 DCD – Digital Core Design. All Rights Reserved.
DELIVERABLES
Source code:
VHDL Source Code or/and
VERILOG Source Code or/and
Encrypted, or plain text EDIF netlist
VHDL & VERILOG test bench environment
Active-HDL automatic simulation macros
ModelSim automatic simulation macros
Tests with reference responses
Technical documentation
Installation notes
HDL core specification
Datasheet
Synthesis scripts
Example application
Technical support
IP Core implementation support
3 months maintenance
Delivery the IP Core updates, minor and
major versions changes
Delivery the documentation updates
Phone & email support
LICENSING
Comprehensible and clearly defined licensing
methods without royalty fees make using of IP
Core easy and simply.
Single Design
license allows use IP Core in
single FPGA bitstream and ASIC implementa-
tion.
Unlimited Designs, One Year
licenses allow
use IP Core in unlimited number of FPGA bit-
streams and ASIC implementations.
In all cases number of IP Core instantiations
within a design, and number of manufactured
chips are unlimited. There is no time restriction
except One Year license where time of use is
limited to 12 months.
Single Design license for
VHDL, Verilog source code called HDL
Source
Encrypted, or plain text EDIF called Netlist
One Year license for
Encrypted Netlist only
Unlimited Designs license for
HDL Source
Netlist
Upgrade from
HDL Source to Netlist
Single Design to Unlimited Designs
DESIGN FEATURES
PROGRAM MEMORY:
The DP8051 soft core is dedicated for
operation with Internal and External Pro-
gram Memory. Internal Program Memory
can be implemented as:
ROM located in address range between
0000h
÷ (ROM
size-1)
RAM located in address range between
(RAMsize-1) ÷ FFFFh
External Program Memory can be im-
plemented as ROM or RAM located in ad-
dress range between ROMsize ÷ RAMsize.
INTERNAL DATA MEMORY:
The DP8051 can address Internal Data
Memory of up to 256 bytes The Internal
Data Memory can be implemented as Sin-
gle-Port synchronous RAM.
EXTERNAL DATA MEMORY:
The DP8051 soft core can address up to
16 MB of External Data Memory. Extra
DPX (Data Pointer eXtended) register is
used for segments swapping.
USER
SPECIAL FUNCTION REGISTERS:
Up to 104 External (user) Special Func-
tion Registers (ESFRs) may be added to
the DP8051 design. ESFRs are memory
mapped into Direct Memory between ad-
dresses 80 hex and FF hex in the same
manner as core SFRs and may occupy any
address that is not occupied by a core
SFR.
WAIT STATES SUPPORT:
The DP8051 soft core is dedicated for
operation with wide range of Program and
Data memories. Slow Program and Exter-
nal Data memory may assert a memory
Wait signal to hold up CPU activity.


Similar Part No. - DP8051_03

ManufacturerPart #DatasheetDescription
logo
Digital Core Design
DP8051CPU DCD-DP8051CPU Datasheet
243Kb / 10P
   Pipelined High Performance 8-bit Microcontroller
DP8051CPU DCD-DP8051CPU Datasheet
129Kb / 9P
   Pipelined High Performance 8-bit Microcontroller ver 3.10
DP8051CPU DCD-DP8051CPU_03 Datasheet
129Kb / 9P
   Pipelined High Performance 8-bit Microcontroller ver 3.10
DP8051XP DCD-DP8051XP Datasheet
295Kb / 12P
   Pipelined High Performance 8-bit Microcontroller
DP8051XP DCD-DP8051XP Datasheet
150Kb / 12P
   Pipelined High Performance 8-bit Microcontroller ver 3.10
More results

Similar Description - DP8051_03

ManufacturerPart #DatasheetDescription
logo
Digital Core Design
DP80390XP DCD-DP80390XP_03 Datasheet
151Kb / 12P
   Pipelined High Performance 8-bit Microcontroller ver 3.10
DP8051CPU DCD-DP8051CPU_03 Datasheet
129Kb / 9P
   Pipelined High Performance 8-bit Microcontroller ver 3.10
DP80390CPU DCD-DP80390CPU_03 Datasheet
130Kb / 9P
   Pipelined High Performance 8-bit Microcontroller ver 3.10
DP8051XP DCD-DP8051XP_03 Datasheet
150Kb / 12P
   Pipelined High Performance 8-bit Microcontroller ver 3.10
DR8051 DCD-DR8051 Datasheet
112Kb / 8P
   High Performance 8-bit Microcontroller ver 3.10
DR80390 DCD-DR80390_1 Datasheet
116Kb / 8P
   High Performance 8-bit Microcontroller ver 3.10
DR8051CPU DCD-DR8051CPU Datasheet
106Kb / 7P
   High Performance 8-bit Microcontroller ver 3.10
DR80390CPU DCD-DR80390CPU Datasheet
110Kb / 7P
   High Performance 8-bit Microcontroller ver 3.10
DR8051XP DCD-DR8051XP Datasheet
129Kb / 11P
   High Performance Configurable 8-bit Microcontroller ver 3.10
DR80390XP DCD-DR80390XP Datasheet
134Kb / 11P
   High Performance Configurable 8-bit Microcontroller ver 3.10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com