Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2431ZRTCR Datasheet(PDF) 8 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # CC2431ZRTCR
Description  System-on-Chip for 2.4 GHz ZigBee/ IEEE 802.15.4 with Location Engine
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

CC2431ZRTCR Datasheet(HTML) 8 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button CC2431ZRTCR Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2431ZRTCR Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2431ZRTCR Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2431ZRTCR Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2431ZRTCR Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2431ZRTCR Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2431ZRTCR Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2431ZRTCR Datasheet HTML 11Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2431ZRTCR Datasheet HTML 12Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
CC2431
Table 2: n parameter lookup table
n index
n
n index
n
0
1.000
16
3.375
1
1.250
17
3.500
2
1.500
18
3.625
3
1.750
19
3.750
4
1.875
20
3.875
5
2.000
21
4.000
6
2.125
22
4.125
7
2.250
23
4.250
8
2.375
24
4.375
9
2.500
25
4.500
10
2.625
26
4.625
11
2.750
27
5.000
12
2.875
28
5.500
13
3.000
29
6.000
14
3.125
30
7.000
15
3.250
31
8.000
The parameter n is written to the Location
Engine as an integer index in the range [0, 31]
as the index is given as an integer value with
no fractional bits, e.g. the value n = 7 is loaded
as 00000111. The typical value for n depends
on the environment.
2.1.2.1.3 Parameter Estimation
The parameters A and n can be estimated
empirically by collecting RSSI data (and
therefore
path
loss
data)
for
which
the
distances
between
the
transmitting
and
receiving devices are known. Figure 2 is a
scatter plot of abs(RSSI) data versus log
distance in meters. A least-squares best-fit line
is used to glean the specific values of A and n
for the environment in which the data were
measured:
A is the y-intercept of the line, and
n is the slope of the line
The data in Figure 2 give A=42.4 and n=2.98
for that environment. Note that the plot in this
example does not show the actual y-intercept
i.e. the point on the line where x=0.
The value of A loaded into the engine in this
case would by 42.5. The value of n loaded into
the engine, is seen to be 13 from Table 2.
CC2431 Data Sheet (Rev. 2.01) SWRS034B
Page 8 of 15


Similar Part No. - CC2431ZRTCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2431ZDKPRO TI-CC2431ZDKPRO Datasheet
432Kb / 15P
[Old version datasheet]   System-on-Chip for 2.4 GHz ZigBee-TM / IEEE 802.15.4 with Location Engine
CC2431ZDKPRO TI-CC2431ZDKPRO Datasheet
338Kb / 14P
[Old version datasheet]   System-on-Chip for 2.4 GHz ZigBee/ IEEE 802.15.4 with Location Engine
More results

Similar Description - CC2431ZRTCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2431 TI-CC2431_07 Datasheet
338Kb / 14P
[Old version datasheet]   System-on-Chip for 2.4 GHz ZigBee/ IEEE 802.15.4 with Location Engine
CC2431 TI-CC2431 Datasheet
432Kb / 15P
[Old version datasheet]   System-on-Chip for 2.4 GHz ZigBee-TM / IEEE 802.15.4 with Location Engine
logo
TEXAS ADVANCED OPTOELEC...
CC2430 TAOS-CC2430 Datasheet
1Mb / 212P
   A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee
logo
Texas Instruments
CC2430 TI-CC2430 Datasheet
1Mb / 234P
[Old version datasheet]   A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
CC2531F128 TI-CC2531F128_12 Datasheet
743Kb / 35P
[Old version datasheet]   A USB-Enabled System-On-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee
logo
Aplus Intergrated Circu...
CC2530F32 APLUS-CC2530F32 Datasheet
890Kb / 31P
   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
logo
TEXAS ADVANCED OPTOELEC...
CC2538 TAOS-CC2538 Datasheet
808Kb / 24P
   A Powerful System-On-Chip for 2.4-GHz IEEE 802.15.4, 6LoWPAN and ZigBee Applications
logo
Texas Instruments
CC2530F32 TI1-CC2530F32_17 Datasheet
980Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32 TI-CC2530F32_11 Datasheet
648Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F3 TI-CC2530F3_12 Datasheet
771Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com