Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC1010DK-868 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # CC1010DK-868
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
Download  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CC1010DK-868 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button CC1010DK-868 Datasheet HTML 4Page - List of Unclassifed Manufacturers CC1010DK-868 Datasheet HTML 5Page - List of Unclassifed Manufacturers CC1010DK-868 Datasheet HTML 6Page - List of Unclassifed Manufacturers CC1010DK-868 Datasheet HTML 7Page - List of Unclassifed Manufacturers CC1010DK-868 Datasheet HTML 8Page - List of Unclassifed Manufacturers CC1010DK-868 Datasheet HTML 9Page - List of Unclassifed Manufacturers CC1010DK-868 Datasheet HTML 10Page - List of Unclassifed Manufacturers CC1010DK-868 Datasheet HTML 11Page - List of Unclassifed Manufacturers CC1010DK-868 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 133 page
background image
Chipcon
Chipcon
Chipcon
Chipcon
SmartRF
SmartRF
SmartRF
SmartRF â CC1010
Chipcon AS
SmartRFâ CC1010 PRELIMINARY Datasheet (rev. 1.0) 2002-09-18
Page 8 of 133
Parameter
Min.
Typ.
Max.
Unit
Condition
RF Transceiver, Transmit
mode, 433/868 MHz
P=0.01 mW (-20 dBm)
P=0.3 mW (-5 dBm)
P=1 mW (0 dBm)
P=2.5 mW (4 dBm)
P=10 mW (10 dBm)
5.3/8.6
8.9/13.8
10.4/17
24.8/
23.5
26.6/NA
mA
mA
mA
mA
mA
The output power is delivered
to a 50
Ω load, see also page
113.
RF Transceiver, Power Down
mode
0.2
1
µA
RF Transceiver, general
RF Frequency Range
300
1000
MHz
Programmable in steps of
< 250 Hz
Transmit Section
Transmit data rate
0.6
78.6
kBaud
NRZ or Manchester encoding.
76.8 kBaud equals 76.8 kbit/s
using NRZ coding. See page
89.
Binary FSK frequency
separation
0
64
65
kHz
The frequency corresponding
to the digital "0" is denoted f0,
while f1 corresponds to a
digital "1".
The frequency separation is
f1-f0. The RF carrier
frequency, fc, is then given by
fc=(f0+f1)/2.
(The frequency deviation is
given by fd=+/-(f1-f0)/2 )
The frequency separation is
programmable in 250 Hz
steps. 65 kHz is the minimum
guaranteed separation at 1
MHz reference frequency.
Larger separations can be
achieved at higher reference
frequencies.
Output power
433 / 868 MHz
-20
0
10/4
dBm
Delivered to 50
Ω load.
The output power is
programmable, see page 113.
RF output impedance
433 / 868 MHz
140/80
Transmit mode, optimum load
impedance. For matching
details see “Input/ output
matching” p.112.


Similar Part No. - CC1010DK-868

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1010DK-868 TI-CC1010DK-868 Datasheet
1Mb / 152P
[Old version datasheet]   Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
More results

Similar Description - CC1010DK-868

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1010PAGR TI-CC1010PAGR Datasheet
1Mb / 149P
[Old version datasheet]   Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
CC1010 TI-CC1010 Datasheet
1Mb / 152P
[Old version datasheet]   Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
CC1000 TI-CC1000 Datasheet
593Kb / 55P
[Old version datasheet]   Single Chip Very Low Power RF Transceiver
logo
Future Technology Devic...
FT51BQ-T FTDI-FT51BQ-T Datasheet
1Mb / 43P
   Advanced Microcontroller with 8051 Compatible Core
logo
List of Unclassifed Man...
CC2510FX ETC1-CC2510FX Datasheet
1Mb / 253P
   True System-on-Chip with Low Power RF Transceiver and 8051 MCU
logo
Texas Instruments
CC1110 TI-CC1110 Datasheet
1Mb / 203P
[Old version datasheet]   True System-on-Chip with Low Power RF Transceiver and 8051 MCU
logo
ATMEL Corporation
AT89LP51RC2 ATMEL-AT89LP51RC2_14 Datasheet
7Mb / 254P
   8-bit Microcontroller Compatible with 8051 Products
AT89LP51ED2 ATMEL-AT89LP51ED2_14 Datasheet
809Kb / 26P
   8-bit Microcontroller Compatible with 8051 Products
AT89LP51IC2 ATMEL-AT89LP51IC2_14 Datasheet
7Mb / 254P
   8-bit Microcontroller Compatible with 8051 Products
AT89LP51 ATMEL-AT89LP51_14 Datasheet
4Mb / 117P
   8-bit Microcontroller Compatible with 8051 Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com