Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUC7027AST62 Datasheet(PDF) 9 Page - Analog Devices

Part # ADUC7027AST62
Description  Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC7027AST62 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADUC7027AST62 Datasheet HTML 5Page - Analog Devices ADUC7027AST62 Datasheet HTML 6Page - Analog Devices ADUC7027AST62 Datasheet HTML 7Page - Analog Devices ADUC7027AST62 Datasheet HTML 8Page - Analog Devices ADUC7027AST62 Datasheet HTML 9Page - Analog Devices ADUC7027AST62 Datasheet HTML 10Page - Analog Devices ADUC7027AST62 Datasheet HTML 11Page - Analog Devices ADUC7027AST62 Datasheet HTML 12Page - Analog Devices ADUC7027AST62 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 78 page
background image
Preliminary Technical Data
ADuC702x Series
Rev. PrA | Page 9 of 78
ORDERING GUIDE
Model
ADC
Channels
DAC
Channels
FLASH /
RAM
PWM
Ext
Memory
GPIO
Temp
Range
Package
Description
Package
Option
ADuC7020BCP62
5
4
62kB/8kB
14
–40°C to +
85°C
40-Lead Chip
Scale Package
CP-40
ADuC7021BCP62
8
2
62kB/8kB
13
–40°C to +
85°C
40-Lead Chip
Scale Package
CP-40
ADuC7021BCP32
8
2
32kB/4kB
13
–40°C to +
85°C
40-Lead Chip
Scale Package
CP-40
ADuC7021ACP32
8 (10 Bit
NMC)
2
32kB/4kB
13
–40°C to +
85°C
40-Lead Chip
Scale Package
CP-40
ADuC7022BCP62
10
62kB/8kB
13
–40°C to +
85°C
40-Lead Chip
Scale Package
CP-40
ADuC7022BCP32
10
32kB/4kB
13
–40°C to +
85°C
40-Lead Chip
Scale Package
CP-40
ADuC7022ACP32
10 (10 Bit
NMC)
62kB/8kB
13
–40°C to +
85°C
40-Lead Chip
Scale Package
CP-40
ADuC7024BCP62
10
2
62kB/8kB
Yes
30
–40°C to +
85°C
64-Lead Chip
Scale Package
CP-64-1
ADuC7024BST62
10
2
62kB/8kB
Yes
30
–40°C to +
85°C
64 Lead
Plastic Quad
Flatpack
ST-64
ADuC7025BCP62
12
62kB/8kB
Yes
30
–40°C to +
85°C
64-Lead Chip
Scale Package
CP-64-1
ADuC7025BCP32
12
32kB/4kB
Yes
30
–40°C to +
85°C
64-Lead Chip
Scale Package
CP-64-1
ADuC7026BST62
12
4
62kB/8kB
Yes
Yes
40
–40°C to +
85°C
80 Lead
Plastic Quad
Flatpack
ST-80
ADuC7027BST62
16
62kB/8kB
Yes
Yes
40
–40°C to +
85°C
80 Lead
Plastic Quad
Flatpack
ST-80
ADuC7027AST62
16 (10 Bit
NMC)
62kB/8kB
Yes
Yes
40
–40°C to +
85°C
80 Lead
Plastic Quad
Flatpack
ST-80
EVAL-ADuC7020QS
Development
System
EVAL-ADuC7024QS
Development
System
EVAL-ADuC7026QS
Development
System
Contact the factory for chip availability.


Similar Part No. - ADUC7027AST62

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC7027AST62 AD-ADUC7027AST62 Datasheet
840Kb / 80P
   Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
Rev. PrB
More results

Similar Description - ADUC7027AST62

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC7019 AD-ADUC7019 Datasheet
987Kb / 92P
   Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
REV. A
ADUC7024BSTZ62 AD-ADUC7024BSTZ62 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7121 AD-ADUC7121 Datasheet
1Mb / 96P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
REV. 0
ADUC7022 AD-ADUC7022_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7019 AD-ADUC7019_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7021 AD-ADUC7021_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7026 AD-ADUC7026_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7028 AD-ADUC7028_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7021BCPZ62 AD-ADUC7021BCPZ62 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7029 AD-ADUC7029_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com