Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

947C311K102CBMS Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # 947C311K102CBMS
Description  Type 947C High Capacitance, High Current, DC Link Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

947C311K102CBMS Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  947C311K102CBMS Datasheet HTML 1Page - Cornell Dubilier Electronics 947C311K102CBMS Datasheet HTML 2Page - Cornell Dubilier Electronics 947C311K102CBMS Datasheet HTML 3Page - Cornell Dubilier Electronics 947C311K102CBMS Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Type 947C High Capacitance, High Current, DC Link Capacitors
Typical Performance Curves
490 µF 800 V ESR vs Frequency and Temperature
1.0
1.5
2.0
2.5
100
1000
10000
100000
Frequency (Hz)
45 °C
65 °C
25 °C
0 °C
85 °C
–20 °C
–40 °C
230 µF 1000 V ESR vs Frequency and Temperature
1.0
1.5
2.0
2.5
3.0
100
1000
10000
100000
Frequency (Hz)
45 °C
65 °C
25 °C
0 °C
85 °C
–20 °C
–40 °C
160 µF 1200 V ESR vs Frequency and Temperature
1.0
1.5
2.0
2.5
3.0
3.5
4.0
100
1000
10000
100000
Frequency (Hz)
45 °C
65 °C
25 °C
0 °C
85 °C
–20 °C
–40 °C
490 µF 800 V Rated Ripple Current, Still Air, 5 kh Life
0
10
20
30
40
50
60
70
80
10
100
1000
10000
100000
Frequency (Hz)
45 °C
55 °C
65 °C
75 °C
85 °C
230 µF 1000 V Rated Ripple Current, Still Air, 5kh Life
0
10
20
30
40
50
60
70
80
10
100
1000
10000
100000
Frequency (Hz)
45 °C
55 °C
65 °C
75 °C
85 °C
160 µF 1200 V Rated Ripple Current, Still Air, 5kh Life
0
10
20
30
40
50
60
70
80
10
100
1000
10000
100000
Frequency (Hz)
45 °C
55 °C
65 °C
75 °C
85 °C


Similar Part No. - 947C311K102CBMS

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
947C311K102CBMS CDE-947C311K102CBMS Datasheet
316Kb / 8P
   Polypropylene, DC Link Capacitors
More results

Similar Description - 947C311K102CBMS

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
944L CDE-944L Datasheet
505Kb / 4P
   Type 944L Low Inductance DC Link Capacitors
logo
Vincotech
10-F124NIB150SH02-LA18F08 VINCOTECH-10-F124NIB150SH02-LA18F08 Datasheet
488Kb / 10P
   High DC link voltage applications
logo
List of Unclassifed Man...
BLC300J901B4E ETC1-BLC300J901B4E Datasheet
294Kb / 4P
   Type BLC Polypropylene Board Mount DC Link Capacitors
logo
Cornell Dubilier Electr...
947C CDE-947C Datasheet
316Kb / 8P
   Polypropylene, DC Link Capacitors
UNL CDE-UNL Datasheet
212Kb / 4P
   High Capacitance, High Current, Board Mount
logo
Exxelia Group
CNC3X EXXELIA-CNC3X Datasheet
2Mb / 17P
   High Capacitance Stacked Capacitors
02/21
CEC5X EXXELIA-CEC5X Datasheet
2Mb / 18P
   High Capacitance Stacked Capacitors
02/21
TEP EXXELIA-TEP Datasheet
2Mb / 17P
   High Capacitance Stacked Capacitors
02/21
logo
Cornell Dubilier Electr...
947D CDE-947D Datasheet
590Kb / 9P
   High Current, High Capacitance for Inverter Applications
logo
Panasonic Battery Group
ECJ0EB1C105M PANASONICBATTERY-ECJ0EB1C105M Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance) Small size and high capacitance
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com