Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

500C222T300CH2B Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # 500C222T300CH2B
Description  Long-Life, Screw Terminal, Aluminum Electrolytic
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

500C222T300CH2B Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  500C222T300CH2B Datasheet HTML 1Page - Cornell Dubilier Electronics 500C222T300CH2B Datasheet HTML 2Page - Cornell Dubilier Electronics 500C222T300CH2B Datasheet HTML 3Page - Cornell Dubilier Electronics 500C222T300CH2B Datasheet HTML 4Page - Cornell Dubilier Electronics 500C222T300CH2B Datasheet HTML 5Page - Cornell Dubilier Electronics 500C222T300CH2B Datasheet HTML 6Page - Cornell Dubilier Electronics 500C222T300CH2B Datasheet HTML 7Page - Cornell Dubilier Electronics 500C222T300CH2B Datasheet HTML 8Page - Cornell Dubilier Electronics 500C222T300CH2B Datasheet HTML 9Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Type 500C 95 °C Long-Life, Screw Terminal, Aluminum Electrolytic
Uninsulated Case Dimensions
For insulated case, add 0.024”(0.610 mm) to “D”and 0.030”(0.762 mm) to height.
Type
Capacitance
Tolerance
Voltage
Case Code Insulation
Terminal
Can Style
500C
100 = 10 µF
M= 20%
6R3 = 6.3 Vdc
0= None
A= Low Post
500C
492
U
063
AA
2
B
S
Part Numbering System
101 = 100 µF
U= 10%+75%
063 = 63 Vdc
1= Polyester B= High Post
492 = 4900 µF
T= 10%+50%
100 = 100 Vdc
2= PVC
D= High Current,
433= 43,000 µF
Low Post
E= High Current,
F or M= M5 Post
G= M6 Low Post
H= M6 High Post
High Post
Standard insulation is 0.008-in PVC sleeve with 0.01-in polypropylene end disk.
Polyester insulation is not available for 3.5 inch diameter units.
Typical Performance Curves
Diam. (D)
Length (L)
Terminals (S)
Case
±.031
±.78
±.062
±1.57
±0.015
±.38
Typical Weight
Code Inches
mm
Inches
mm
Inches
mm
oz
g
AK
1.375
34.93
1.625
41.28
0.50
12.70
1.9
54
AA
1.375
34.93
2.125
53.98
0.50
12.70
2.0
57
AH
1.375
34.93
2.625
66.68
0.50
12.70
2.7
77
AB
1.375
34.93
3.125
79.38
0.50
12.70
3.3
94
AJ
1.375
34.93
3.625
92.08
0.50
12.70
3.8
108
AC
1.375
34.93
4.125
104.78
0.50
12.70
4.4
125
AD
1.375
34.93
4.625
117.48
0.50
12.70
5.1
145
AE
1.375
34.93
5.125
130.18
0.50
12.70
6.8
193
AF
1.375
34.93
5.625
142.88
0.50
12.70
8.1
230
EA
1.750
44.45
2.125
53.98
0.75
19.05
2.7
76
EH
1.750
44.45
2.625
66.68
0.75
19.05
3.8
108
EB
1.750
44.45
3.125
79.38
0.75
19.05
5.1
145
EJ
1.750
44.45
3.625
92.08
0.75
19.05
6.8
193
EC
1.750
44.45
4.125
104.78
0.75
19.05
8.1
230
ED
1.750
44.45
4.625
117.48
0.75
19.05
9.0
255
EE
1.750
44.45
5.125
130.18
0.75
19.05
9.5
269
EF
1.750
44.45
5.625
142.88
0.75
19.05
10.5
298
BA
2.000
50.80
2.125
53.98
0.88
22.23
5.4
153
BH
2.000
50.80
2.625
66.68
0.88
22.23
6.1
173
BB
2.000
50.80
3.125
79.38
0.88
22.23
6.8
193
BJ
2.000
50.80
3.625
92.08
0.88
22.23
8.2
232
BC
2.000
50.80
4.125
104.78
0.88
22.23
9.5
269
BD
2.000
50.80
4.625
117.48
0.88
22.23
10.3
292
BE
2.000
50.80
5.125
130.18
0.88
22.23
10.7
303
BF
2.000
50.80
5.625
142.88
0.88
22.23
13.0
369
CH
2.500
63.50
2.625
66.68
1.13
28.58
9.2
261
CB
2.500
63.50
3.125
79.38
1.13
28.58
10.4
295
CJ
2.500
63.50
3.625
92.08
1.13
28.58
12.7
361
CC
2.500
63.50
4.125
104.78
1.13
28.58
15.0
425
CD
2.500
63.50
4.625
117.48
1.13
28.58
17.2
488
CE
2.500
63.50
5.125
130.18
1.13
28.58
19.3
547
CF
2.500
63.50
5.625
142.88
1.13
28.58
21.4
607
DB
3.000
76.20
3.125
79.38
1.25
31.75
16.7
473
DJ
3.000
76.20
3.625
92.08
1.25
31.75
20.0
567
DC
3.000
76.20
4.125
104.78
1.25
31.75
22.2
629
DD
3.000
76.20
4.625
117.48
1.25
31.75
25.5
723
DE
3.000
76.20
5.125
130.18
1.25
31.75
30.0
850
DF
3.000
76.20
5.625
142.88
1.25
31.75
31.9
904
DP
3.000
76.20
5.875
149.23
1.25
31.75
32.8
931
DN
3.000
76.20
7.625
193.68
1.25
31.75
39.5
1119
DG
3.000
76.20
8.625
219.08
1.25
31.75
43.3
1227
FC
3.500
88.90
4.125
104.78
1.25
31.75
30.0
850
FD
3.500
88.90
4.625
117.48
1.25
31.75
34.4
976
FE
3.500
88.90
5.125
130.18
1.25
31.75
40.5
1148
FF
3.500
88.90
5.625
142.88
1.25
31.75
43.1
1221
FP
3.500
88.90
5.875
149.23
1.25
31.75
44.3
1257
FN
3.500
88.90
7.625
193.68
1.25
31.75
53.3
1512
FG
3.500
88.90
8.625
219.08
1.25
31.75
58.5
1658
Blank=
Standard
Can
S= Stud
Bottom
P= Stud
with
Thermal
Pad


Similar Part No. - 500C222T300CH2B

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
500C222T300CH2B CDE-500C222T300CH2B Datasheet
1Mb / 15P
   Long Life, High Capacitance Screw Terminal Type
More results

Similar Description - 500C222T300CH2B

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SEK CDE-SEK_18 Datasheet
588Kb / 8P
   Long Life, Aluminum Electrolytic
MLP CDE-MLP_18 Datasheet
495Kb / 6P
   Ultra Long Life, Aluminum Electrolytic
logo
Vishay Siliconix
116RLL VISHAY-116RLL_V01 Datasheet
94Kb / 6P
   Aluminum Electrolytic Capacitors Radial Long Life
01-Jan-2023
logo
Cornell Dubilier Electr...
SH470M6R3ST CDE-SH470M6R3ST_15 Datasheet
364Kb / 7P
   2000 Hour Long Life, Aluminum Electrolytic
logo
Vishay Siliconix
104-PHL-ST VISHAY-104-PHL-ST Datasheet
123Kb / 8P
   Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 17-Oct-16
104PHL-ST VISHAY-104PHL-ST_17 Datasheet
127Kb / 8P
   Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 06-Sep-17
104PHL-ST VISHAY-104PHL-ST_V01 Datasheet
106Kb / 8P
   Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals
01-Jan-2023
096PLL4TSI VISHAY-096PLL4TSI Datasheet
136Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
Revision: 14-Oct-16
logo
Cornell Dubilier Electr...
550C CDE-550C_17 Datasheet
380Kb / 7P
   Ultra-Ripple, Long Life Screw Terminal Type
500C CDE-500C_17 Datasheet
1Mb / 15P
   Long Life, High Capacitance Screw Terminal Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com