Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TM225K025P0Z Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # TM225K025P0Z
Description  Molded, Radial Lead, Solid Tantalum Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

TM225K025P0Z Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  TM225K025P0Z Datasheet HTML 1Page - Cornell Dubilier Electronics TM225K025P0Z Datasheet HTML 2Page - Cornell Dubilier Electronics TM225K025P0Z Datasheet HTML 3Page - Cornell Dubilier Electronics TM225K025P0Z Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Type TIM Solid Tantalum Capacitors
Max
Max DF
Max Ripple
Catalog
Case
DCL
@ +25 ºC
25 ºC
Cap
Part Number
Code
@ +25 ºC
120 Hz
@ 120 Hz
@ 1 kHz
(µF)
(µA)
(%)
(mA rms)
(mA rms)
35 WVdc @ 85 ºC
23 WVdc @ 125 ºC
0.10
TIM104*035P0X
X
1
6
1
9
0.22
TIM224*035P0X
X
1
6
2
17
0.47
TIM474*035P0X
X
1
6
4.3
36
1.00
TIM105*035P0X
X
1
6
9.3
77
2.20
TIM225*035P0W
W
1
4
20
120
2.20
TIM225*035P0X
X
1
6
20
120
2.70
TIM275*035P0W
W
1
4
25
140
3.30
TIM335*035P0X
X
1
6
30
150
3.90
TIM395*035P0Y
Y
1
6
35
180
4.70
TIM475*035P0X
X
1
6
32
155
4.70
TIM475*035P0Y
Y
1
6
43
200
6.80
TIM685*035P0Y
Y
2
6
63
210
8.20
TIM825*035P0Y
Y
5
6
76
220
10.00
TIM106*035P0Y
Y
5
6
93
240
22.00
TIM226*035P0Z
Z
10
6
200
400
27.00
TIM276*035P0Z
Z
10
6
250
450
33.00
TIM336*035P0Z
Z
10
6
300
490
50 WVdc @ 85 ºC
33 WVdc @ 125 ºC
0.10
TIM104*050P0X
X
1
6
1.3
11
0.22
TIM224*050P0X
X
1
6
2.9
24
0.33
TIM334*050P0X
X
1
6
4.4
36
1.0
TIM105*050P0W
W
1
4
13
86
1.0
TIM105*050P0X
X
1
6
13
87
1.5
TIM155*050P0W
W
1
4
19
100
1.5
TIM155*050P0X
X
1
6
19
100
2.2
TIM225*050P0X
X
1
6
29
120
4.7
TIM475*050P0Y
Y
5
6
62
200
5.6
TIM565*050P0Y
Y
5
6
74
220
6.8
TIM685*050P0Z
Z
5
6
90
220
10.0
TIM106*050P0Z
Z
5
6
130
270
15.0
TIM156*050P0Z
Z
10
6
190
330
CDE may improve your order and shorten delivery by substituting a tighter tolerance or higher voltage capacitors in the same case size.
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 •
www.cde.com


Similar Part No. - TM225K025P0Z

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
TM221C16R SCHNEIDER-TM221C16R Datasheet
282Kb / 17P
   Modicon M221, Logic controller, 16 inputs/outputs, 7 relay outputs, 100??40 V AC
Mar 23, 2022
TM221C16R SCHNEIDER-TM221C16R Datasheet
279Kb / 17P
   Modicon M221, Logic controller, 16 inputs/outputs, 7 relay outputs, 100??40 V AC
Apr 4, 2022
TM221C16R SCHNEIDER-TM221C16R_V01 Datasheet
279Kb / 17P
   Modicon M221, Logic controller, 16 inputs/outputs, 7 relay outputs, 100??40 V AC
Apr 4, 2022
TM221C16T SCHNEIDER-TM221C16T Datasheet
274Kb / 18P
   Logic controller, Modicon M221, 16 IO transistor PNP
Mar 23, 2022
TM221C16U SCHNEIDER-TM221C16U Datasheet
274Kb / 18P
   Logic controller, Modicon M221, 16io tr.npn
Mar 23, 2022
More results

Similar Description - TM225K025P0Z

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
790D VISHAY-790D Datasheet
107Kb / 7P
   Resin-Molded, Radial-Lead Solid Tantalum Capacitors
Revision 26-Mar-02
790D106X0025B2BE3 VISHAY-790D106X0025B2BE3 Datasheet
114Kb / 9P
   Resin-Molded, Radial-Lead Solid Tantalum Capacitors
Revision: 18-Jun-12
logo
Cornell Dubilier Electr...
TAC CDE-TAC Datasheet
233Kb / 4P
   Molded, Axial Lead, Solid Tantalum Capacitors
logo
Vishay Siliconix
489D-499D VISHAY-489D-499D Datasheet
129Kb / 10P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
489D475X0035D1VE3 VISHAY-489D475X0035D1VE3 Datasheet
119Kb / 9P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
Revision: 12-Jun-06
489D VISHAY-489D Datasheet
116Kb / 8P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
Revision 02-Aug-02
292D VISHAY-292D Datasheet
122Kb / 8P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® Lead Frameless Molded
Revision: 05-Mar-08
298D VISHAY-298D Datasheet
156Kb / 7P
   Solid Tantalum Chip Capacitors MICROTAN™ Lead Frameless Molded
Revision: 22-Oct-07
logo
Cornell Dubilier Electr...
TAC335K006P01 CDE-TAC335K006P01 Datasheet
196Kb / 4P
   Molded, Axial Leaded Solid Tantalum Capacitors
TDC CDE-TDC Datasheet
149Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com