Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSPIC30F9020AT-20I Datasheet(PDF) 11 Page - Microchip Technology

Part # DSPIC30F9020AT-20I
Description  28/44-Pin High-Performance Switch Mode Power Supply Digital Signal Controllers
Download  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F9020AT-20I Datasheet(HTML) 11 Page - Microchip Technology

Back Button DSPIC30F9020AT-20I Datasheet HTML 7Page - Microchip Technology DSPIC30F9020AT-20I Datasheet HTML 8Page - Microchip Technology DSPIC30F9020AT-20I Datasheet HTML 9Page - Microchip Technology DSPIC30F9020AT-20I Datasheet HTML 10Page - Microchip Technology DSPIC30F9020AT-20I Datasheet HTML 11Page - Microchip Technology DSPIC30F9020AT-20I Datasheet HTML 12Page - Microchip Technology DSPIC30F9020AT-20I Datasheet HTML 13Page - Microchip Technology DSPIC30F9020AT-20I Datasheet HTML 14Page - Microchip Technology DSPIC30F9020AT-20I Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 274 page
background image
© 2006 Microchip Technology Inc.
Advance Information
DS70178A-page 9
dsPIC30F1010/202X
1.0
DEVICE OVERVIEW
This document contains device specific information for
the dsPIC30F1010/202X SMPS devices. These devices
contain extensive Digital Signal Processor (DSP) func-
tionality within a high-performance 16-bit microcontroller
(MCU) architecture, as reflected in the following block
diagrams. Figure 1-1 and Table 1-1 describe the
dsPIC30F1010 SMPS device, Figure 1-2 and Table 1-2
describe the dsPIC30F2020 device and Figure 1-3 and
Table 1-3 describe the dsPIC30F2023 SMPS device.
Note: This data sheet summarizes features of this group
of dsPIC30F devices and is not intended to be a complete
reference source. For more information on the CPU,
peripherals, register descriptions and general device
functionality, refer to the “dsPIC30F Family Reference
Manual” (DS70046). For more information on the device
instruction set and programming, refer to the “dsPIC30F/
33F Programmer’s Reference Manual” (DS70157).


Similar Part No. - DSPIC30F9020AT-20I

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSPIC30F9020AT-20I MICROCHIP-DSPIC30F9020AT-20I Datasheet
4Mb / 286P
   28/44-Pin High-Performance Switch Mode Power Supply
10/19/06
More results

Similar Description - DSPIC30F9020AT-20I

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSPIC30F1010 MICROCHIP-DSPIC30F1010 Datasheet
4Mb / 286P
   28/44-Pin High-Performance Switch Mode Power Supply Digital Signal Controllers
2006
DSPIC30F2023-30I-PT MICROCHIP-DSPIC30F2023-30I-PT Datasheet
4Mb / 286P
   28/44-Pin High-Performance Switch Mode Power Supply Digital Signal Controllers
10/19/06
DSPIC30F1010-20E MICROCHIP-DSPIC30F1010-20E Datasheet
2Mb / 286P
   28/44-Pin High-Performance Switch Mode Power Supply Digital Signal Controllers
10/19/06
DSPIC30F2020-30I MICROCHIP-DSPIC30F2020-30I Datasheet
4Mb / 286P
   28/44-Pin High-Performance Switch Mode Power Supply
10/19/06
DSPIC30F3014 MICROCHIP-DSPIC30F3014 Datasheet
4Mb / 220P
   High-Performance Digital Signal Controllers
2004
DSPIC30F6010 MICROCHIP-DSPIC30F6010 Datasheet
5Mb / 218P
   High-Performance Digital Signal Controllers
2004
DSPIC30F6014 MICROCHIP-DSPIC30F6014 Datasheet
3Mb / 222P
   High Performance Digital Signal Controllers
2004
DSPIC30F2011 MICROCHIP-DSPIC30F2011 Datasheet
3Mb / 207P
   High-Performance Digital Signal Controllers
2005
DSPIC30F5011 MICROCHIP-DSPIC30F5011 Datasheet
3Mb / 220P
   High-Performance Digital Signal Controllers
2004
DSPIC30F6011A MICROCHIP-DSPIC30F6011A_05 Datasheet
3Mb / 238P
   High-Performance Digital Signal Controllers
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com