Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N7066TX Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # 1N7066TX
Description  10 AMP 50 -150 VOLTS 30 ns HYPERFAST RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

1N7066TX Datasheet(HTML) 1 Page - Solid States Devices, Inc

  1N7066TX Datasheet HTML 1Page - Solid States Devices, Inc 1N7066TX Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRELIMINARY
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
1N70
__ __ __
Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
Package Type
__ = Axial Leaded
SMS = Surface Mount Square Tab
Voltage/Family
66= 50V
67 = 100V
68 = 150V
1N7066 thru 1N7068
and
1N7066SMS thru 1N7068SMS
10 AMP
50 ─ 150 VOLTS
30 ns HYPERFAST RECOVERY
RECTIFIER
FEATURES:
Hyper Fast Reverse Recovery: 30ns Maximum
4/
High Surge Current: 325 A Maximum
Hermetically Sealed
Low Forward Voltage Drop .95 @10A
Void Free Chip Construction
Solid Silver Leads
Available in Axial & Square Tab Versions
TX, TXV, and S-Level Screening Available 2/
Axial Lead Higher Current Replacements for:
1N5807, 1N5809, 1N5811
Possible SMS Replacements for Stud Mount :
1N5812, 1N5814, 1N5816
MAXIMUM RATINGS 3/
RATING
SYMBOL
VALUE
UNIT
Peak Repetitive Reverse
Voltage
And
DC Blocking Voltage
1N7066
1N7067
1N7068
VRRM
VRWM
VR
50
100
150
Volts
Average Rectified Forward Current (Axial TL ≤ 55°C; SMS TEC ≤ 100°C ) 5/
IO
10
Amps
Peak Surge Current
(8.3 ms pulse, half sine wave, superimposed on Io, allow
junction to reach equilibrium between pulses, TA = 25°C)
IFSM
325
Amps
Operating & Storage Temperature
TJ and
TSTG
-65 to +175
°
C
Thermal Resistance
Junction to Lead for Axial, L =.125"
Junction to End Tab for Surface Mount
RθJL
RθJE
8
4.5
°
C/W
NOTES:
1/ For Ordering Information, Price, Operating Curves, and Availability- Contact Factory.
2/ Screening Based on MIL-PRF-19500. Screening Flows Available on Request.
3/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.
4/
IF = 1A, IR = 1A, IRR = 0.1A, TA = 25°C
5/
Operating at higher Io currents may be achieved based on specific application
and device mounting if Tj is maintained below 175ºC.
Axial Leaded
SMS
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0119C
DOC


Similar Part No. - 1N7066TX

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
1N7066 SSDI-1N7066 Datasheet
167Kb / 2P
   HYPERFAST RECOVERY RECTIFIER
1N7066FL SSDI-1N7066FL Datasheet
142Kb / 3P
   10 AMP SOLAR ARRAY BYPASS BLOCKING DIODE 100 - 200 VOLTS
1N7066SMS SSDI-1N7066SMS Datasheet
167Kb / 2P
   HYPERFAST RECOVERY RECTIFIER
1N7066 SSDI-1N7066_1 Datasheet
167Kb / 2P
   HYPERFAST RECOVERY RECTIFIER
More results

Similar Description - 1N7066TX

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPD5807 SSDI-SPD5807 Datasheet
148Kb / 2P
   6.0 AMPS 50 - 150 VOLTS 40 ns HYPERFAST RECOVERY RECTIFIER
SPD5802 SSDI-SPD5802 Datasheet
148Kb / 2P
   LOW LEAKAGE 2.0 AMPS 50 - 150 VOLTS 25 ns HYPERFAST RECOVERY RECTIFIER
SHF2340 SSDI-SHF2340 Datasheet
268Kb / 3P
   3 AMP HYPERFAST RECOVERY RECTIFIER 400 - 600 VOLTS, 18 ns
SPD605 SSDI-SPD605 Datasheet
148Kb / 2P
   6.0 AMPS 50 - 300 VOLTS 40 ns HYPERFAST RECOVERY RECTIFIER
SPD205 SSDI-SPD205 Datasheet
148Kb / 2P
   2.0 AMPS 50 - 300 VOLTS 25 ns HYPERFAST RECOVERY RECTIFIER
SDR305 SSDI-SDR305 Datasheet
203Kb / 2P
   30 AMP 50-150 VOLTS 50 nsec ULTRA FAST RECTIFIER
SPD1510HF SSDI-SPD1510HF Datasheet
129Kb / 2P
   15 AMP HYPERFAST RECOVERY RECTIFIER 100 - 200 VOLTS, 30 nsec
SPD205 SSDI-SPD205_1 Datasheet
227Kb / 2P
   25 ns HYPERFAST RECOVERY RECTIFIER
SED150LB30 SSDI-SED150LB30 Datasheet
185Kb / 2P
   150 AMP 30 VOLTS SCHOTTKY RECTIFIER
5R6S SSDI-5R6S Datasheet
202Kb / 2P
   50 AMP 50-150 VOLTS 50nsec RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com