Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDR6TTX Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SDR6TTX
Description  6A 5 usec 1400 to 1800V Standard Recovery Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR6TTX Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SDR6TTX Datasheet HTML 1Page - Solid States Devices, Inc SDR6TTX Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDR6W series
Electrical Characteristics
Symbol
Min
Typ
Max
Units
Instantaneous Forward Voltage Drop
(IF = 6A, 300 – 500 μsec Pulse)
TA = 25ºC
TA = -55ºC
VF1
VF2
––
1.10
1.20
1.25
1.40
VDC
Reverse Leakage Current
(100% of rated VR, 300 μs pulse min.)
TA = 25ºC
TA = 100ºC
IR1
IR2
––
1.0
10
5.0
50
μA
Reverse Recovery Time
(I
F = 0.5A, IR = 1A, IRR = 0.25A, TA = 25ºC)
TA = 25ºC
tRR
––
1.5
5
μsec
Junction Capacitance
(VR = 10VDC, TA = 25ºC, f = 1MHz)
TA = 25ºC
CJ
––
22
40
pF
SDR6W
SDR6WA
SDR6WSMS
SDR6T
SDR6TA
SDR6TSMS
*Available Part Numbers:
SDR6R
SDR6RA
SDR6RSMS
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0094B
DOC
Case Outline: (Axial)
DIM
MIN
MAX
A
––
0.168”
B
0.13
.15
5”
0
6”
C (st
0.04
.05
d)
7”
0
3”
C (A
.03
.04
outline)
0
7”
0
3”
D
1.00”
––
Case Outline: (SMS)
DIM
MIN
MAX
A
0.173
.177
0
B
0.180
.210
0
C
0.022
.028
0
D
0.002”
––
Note: Dimensions prior to soldering.


Similar Part No. - SDR6TTX

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR6TAS SSDI-SDR6TAS Datasheet
158Kb / 2P
   6A 5 關sec 1400 to 1800 V Standard Recovery Rectifier
SDR6TATX SSDI-SDR6TATX Datasheet
158Kb / 2P
   6A 5 關sec 1400 to 1800 V Standard Recovery Rectifier
SDR6TATXV SSDI-SDR6TATXV Datasheet
158Kb / 2P
   6A 5 關sec 1400 to 1800 V Standard Recovery Rectifier
SDR6TSMSS SSDI-SDR6TSMSS Datasheet
158Kb / 2P
   6A 5 關sec 1400 to 1800 V Standard Recovery Rectifier
SDR6TSMSTX SSDI-SDR6TSMSTX Datasheet
158Kb / 2P
   6A 5 關sec 1400 to 1800 V Standard Recovery Rectifier
More results

Similar Description - SDR6TTX

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR6W SSDI-SDR6W Datasheet
158Kb / 2P
   6A 5 關sec 1400 to 1800 V Standard Recovery Rectifier
SPD6557 SSDI-SPD6557 Datasheet
36Kb / 2P
   6 AMPS 1300 VOLTS 5 usec STANDARD RECOVERY RECTIFIER
SDR10ASMS SSDI-SDR10ASMS Datasheet
213Kb / 2P
   10 AMPS 950 -1000 VOLTS 5 uSEC STANDARD RECOVERY RECTIFIER
SRM5 SSDI-SRM5 Datasheet
25Kb / 2P
   20 AMP 500 - 1000 VOLTS 5 usec STANDARD RECOVERY RECTIFIER
SDR12 SSDI-SDR12_1 Datasheet
157Kb / 2P
   12 AMPS 200 - 1000 VOLTS 5 usec STANDARD RECOVERY RECTIFIER
SDR10A SSDI-SDR10A Datasheet
202Kb / 2P
   10 AMPS 950 -1000 VOLTS 5 uSEC STANDARD RECOVERY RECTIFIER
SDR12 SSDI-SDR12 Datasheet
33Kb / 2P
   12 AMPS 200 - 1000 VOLTS 5 usec STANDARD RECOVERY RECTIFIER
SPD5624 SSDI-SPD5624 Datasheet
44Kb / 2P
   3 AMP 200-1000 Volts 5 usec STANDARD RECOVERY RECTIFIER
SRM5SMS SSDI-SRM5SMS Datasheet
56Kb / 2P
   20 AMP 500 -1000 VOLTS 5 usec STANDARD RECOVERY RECTIFIER
SDA312A SSDI-SDA312A Datasheet
52Kb / 2P
   10 AMPS 5 usec STANDARD RECOVERY 3 PHASE BRIDGE ASSY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com