Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GLC15010 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # GLC15010
Description  SURFCOIL SMT INDUCTORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GLC15010 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button GLC15010 Datasheet HTML 4Page - List of Unclassifed Manufacturers GLC15010 Datasheet HTML 5Page - List of Unclassifed Manufacturers GLC15010 Datasheet HTML 6Page - List of Unclassifed Manufacturers GLC15010 Datasheet HTML 7Page - List of Unclassifed Manufacturers GLC15010 Datasheet HTML 8Page - List of Unclassifed Manufacturers GLC15010 Datasheet HTML 9Page - List of Unclassifed Manufacturers GLC15010 Datasheet HTML 10Page - List of Unclassifed Manufacturers GLC15010 Datasheet HTML 11Page - List of Unclassifed Manufacturers GLC15010 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
SURFCOIL
® SMT INDUCTORS
SG-800H
SPRAGUE-GOODMAN ELECTRONICS, INC., 1700 SHAMES DRIVE, WESTBURY, NY 11590 •TEL: 516-334-8700 •FAX: 516-334-8771 • E-MAIL: info@ spraguegoodman.com
9
Standard
Inductance
SRF
Q Test
Rated
DCR
Inductance
Inductance
Test Freq.
Model
(MHz)
Q
Frequency
Current
(
Ω)
L (µH)
Tolerance*
(MHz)
No.
min
min
(MHz)
(mA)
max
0.22
± 20%
1.0
GLBR2220
230
30
25.20
700
0.30
0.27
± 20%
1.0
GLBR2720
200
30
25.20
650
0.32
0.33
± 20%
1.0
GLBR3320
180
30
25.20
630
0.35
0.39
± 20%
1.0
GLBR3920
155
30
25.20
620
0.37
0.47
± 20%
1.0
GLBR4720
135
30
25.20
580
0.40
0.56
± 20%
1.0
GLBR5620
120
30
25.20
560
0.42
0.68
± 20%
1.0
GLBR6820
105
30
25.20
530
0.48
0.82
± 20%
1.0
GLBR8220
90
30
25.20
500
0.50
1.00
± 20%
1.0
GLB1R020
80
30
25.20
470
0.52
1.20
± 20%
1.0
GLB1R220
70
30
25.20
460
0.55
1.50
± 20%
1.0
GLB1R520
60
30
25.20
430
0.61
1.80
± 20%
1.0
GLB1R820
50
30
7.96
410
0.61
2.20
± 20%
1.0
GLB2R220
45
50
7.96
410
0.61
2.70
± 20%
1.0
GLB2R720
43
50
7.96
400
0.61
3.30
± 20%
1.0
GLB3R320
39
50
7.96
380
0.66
3.90
± 20%
1.0
GLB3R920
36
50
7.96
360
0.74
4.70
± 20%
1.0
GLB4R720
33
50
5.00
350
0.81
5.60
± 20%
1.0
GLB5R620
30
50
5.00
330
0.88
6.80
± 20%
1.0
GLB6R820
26
50
5.00
310
1.00
8.20
± 20%
1.0
GLB8R220
24
50
5.00
250
1.60
10.0
± 10%
1.0
GLB10010
22
50
5.00
235
1.8
12.0
± 10%
1.0
GLB12010
20
50
5.00
225
1.9
15.0
± 10%
1.0
GLB15010
18
50
5.00
215
2.1
18.0
± 10%
1.0
GLB18010
16
50
2.52
205
2.3
22.0
± 10%
1.0
GLB22010
15
50
2.52
195
2.6
27.0
± 10%
1.0
GLB27010
13
50
2.52
185
2.9
33.0
± 10%
1.0
GLB33010
12
50
2.52
175
3.1
39.0
± 10%
1.0
GLB39010
10
50
2.52
165
3.6
47.0
± 10%
1.0
GLB47010
9.7
50
2.52
130
4.2
56.0
± 10%
0.1
GLB56010
9.0
40
2.52
125
4.7
68.0
± 10%
0.1
GLB68010
8.2
40
2.52
115
5.3
82.0
± 10%
0.1
GLB82010
7.5
40
2.52
110
5.9
100.0
± 10%
0.1
GLB10110
6.7
40
2.52
105
8.8
120.0
± 10%
0.1
GLB12110
6.1
40
1.50
100
10.0
150.0
± 10%
0.1
GLB15110
5.5
40
1.50
95
11.0
180.0
± 10%
0.1
GLB18110
5.1
40
1.50
85
13.0
220.0
± 10%
0.1
GLB22110
4.5
40
0.796
85
13.0
270.0
± 10%
0.1
GLB27110
4.1
40
0.796
80
14.0
330.0
± 10%
0.1
GLB33110
3.7
40
0.796
75
16.0
390.0
± 10%
0.1
GLB39110
3.3
40
0.796
70
19.0
470.0
± 10%
0.1
GLB47110
3.3
30
0.796
55
31.0
560.0
± 10%
0.1
GLB56110
2.7
30
0.796
50
35.0
680.0
± 10%
0.1
GLB68110
2.5
30
0.796
50
39.0
820.0
± 10%
0.1
GLB82110
2.4
30
0.796
45
45.0
1000.0
± 10%
0.1
GLB10210
2.1
30
0.796
40
53.0
GLB SERIES — MOLDED BOBBIN WOUND 1812 SIZE
* Inductance values from 1.00 to 8.2 µH also available with ±10% inductance tolerance.
Inductance values from 10.0 µH and up also available with ±5% inductance tolerance.
Consult factory regarding these special units.
Carrier and reel specifications on page 12.


Similar Part No. - GLC15010

ManufacturerPart #DatasheetDescription
logo
Gunter Seniconductor Gm...
GLC110 GSG-GLC110 Datasheet
111Kb / 1P
   N Channel Power MOSFET FOR LOGIC DRIVER
logo
SL Power Electronics
GLC110 SLPOWER-GLC110 Datasheet
309Kb / 2P
   110 Watt Global Performance Switchers
GLC110-12 SLPOWER-GLC110-12 Datasheet
309Kb / 2P
   110 Watt Global Performance Switchers
GLC110-12 SLPOWER-GLC110-12 Datasheet
309Kb / 2P
   110 Watt Global Performance Switchers
GLC110-15 SLPOWER-GLC110-15 Datasheet
309Kb / 2P
   110 Watt Global Performance Switchers
More results

Similar Description - GLC15010

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82422T1104J EPCOS-B82422T1104J Datasheet
486Kb / 9P
   SMT inductors
B82496C3180J000 EPCOS-B82496C3180J000 Datasheet
484Kb / 8P
   SMT inductors
B82432A EPCOS-B82432A Datasheet
141Kb / 8P
   SMT inductors
B82432T1102K000 EPCOS-B82432T1102K000 Datasheet
150Kb / 8P
   SMT inductors
B82442H1102K000 EPCOS-B82442H1102K000 Datasheet
168Kb / 9P
   SMT inductors
B82442H EPCOS-B82442H Datasheet
163Kb / 9P
   SMT inductors
B82496C3470J EPCOS-B82496C3470J Datasheet
484Kb / 8P
   SMT inductors
B82422H1473K EPCOS-B82422H1473K Datasheet
276Kb / 5P
   SMT Inductors
B82432A1104K EPCOS-B82432A1104K Datasheet
487Kb / 8P
   SMT inductors
B82442A1102K000 EPCOS-B82442A1102K000 Datasheet
180Kb / 9P
   SMT inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com