Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V55C2128164V Datasheet(PDF) 3 Page - Mosel Vitelic, Corp

Part # V55C2128164V
Description  128Mbit LOW-POWER SDRAM 2.5 VOLT, TSOP II / BGA PACKAGE 8M X 16
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V55C2128164V Datasheet(HTML) 3 Page - Mosel Vitelic, Corp

  V55C2128164V Datasheet HTML 1Page - Mosel Vitelic, Corp V55C2128164V Datasheet HTML 2Page - Mosel Vitelic, Corp V55C2128164V Datasheet HTML 3Page - Mosel Vitelic, Corp V55C2128164V Datasheet HTML 4Page - Mosel Vitelic, Corp V55C2128164V Datasheet HTML 5Page - Mosel Vitelic, Corp V55C2128164V Datasheet HTML 6Page - Mosel Vitelic, Corp V55C2128164V Datasheet HTML 7Page - Mosel Vitelic, Corp V55C2128164V Datasheet HTML 8Page - Mosel Vitelic, Corp V55C2128164V Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
3
V55C2128164V(T/B) Rev. 1.2 August 2002
MOSEL VITELIC
V55C2128164V(T/B)
54 Pin Plastic TSOP-II
PIN CONFIGURATION
Top View
Pin Names
VCC
I/O1
VCCQ
I/O2
I/O3
VSSQ
I/O4
I/O5
VCCQ
I/O6
I/O7
VSSQ
I/O8
VCC
LDQM
WE
CAS
RAS
CS
BA0
BA1
A10
A0
A1
A2
A3
VCC
VSS
I/O16
VSSQ
I/O15
I/O14
VCCQ
I/O13
I/O12
VSSQ
I/O11
I/O10
VCCQ
I/O9
VSS
NC
UDQM
CLK
CKE
NC
A11
A9
A8
A7
A6
A5
A4
VSS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
CLK
Clock Input
CKE
Clock Enable
CS
Chip Select
RAS
Row Address Strobe
CAS
Column Address Strobe
WE
Write Enable
A0–A11
Address Inputs
BA0, BA1
Bank Select
I/O1–I/O16
Data Input/Output
LDQM, UDQM
Data Mask
VCC
Power (+2.5V)
VSS
Ground
VCCQ
Power for I/O’s (+1.8V)
VSSQ
Ground for I/O’s
NC
Not connected
V 55 C 2 12816 4 S X
T
Mosel Vitelic
Manufactured
Low Power
Synchronous DRAM
C=CMOS Family
2.5V Supply Voltage
8Mx16(4K Refresh)
4 Banks
S=STTL
Component Rev Level
Component
Package
Speed
6 ns
7 ns
8 ns
Device
Number
A = 0.14um
10 ns
Description
Pkg.
Pin Count
TSOP-II
T
54


Similar Part No. - V55C2128164V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
V55C2256164VB ETC1-V55C2256164VB Datasheet
560Kb / 46P
   256Mbit MOBILE SDRAM 2.5 VOLT FBGA PACKAGE 16M X 16
More results

Similar Description - V55C2128164V

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V54C3128 MOSEL-V54C3128 Datasheet
871Kb / 45P
   128Mbit SDRAM 3.3 VOLT, BGA PACKAGE
V54C3256164VALT6 MOSEL-V54C3256164VALT6 Datasheet
838Kb / 52P
   256Mbit SDRAM 3.3 VOLT, TSOP II / SOC BGA / WBGA PACKAGE 16M X 16, 32M X 8, 64M X 4
V54C3256 MOSEL-V54C3256 Datasheet
853Kb / 52P
   256Mbit SDRAM 3.3 VOLT, TSOP II / SOC BGA / WBGA PACKAGE 16M X 16, 32M X 8, 64M X 4
logo
List of Unclassifed Man...
V55C2256164VB ETC1-V55C2256164VB Datasheet
560Kb / 46P
   256Mbit MOBILE SDRAM 2.5 VOLT FBGA PACKAGE 16M X 16
logo
Taiwan Memory Technolog...
T4312816A TMT-T4312816A Datasheet
711Kb / 29P
   8M x 16 SDRAM???
logo
Alliance Semiconductor ...
AS4C2M32SA ALSC-AS4C2M32SA Datasheet
5Mb / 54P
   64Mb SDRAM AS4C2M32SA - 86pin TSOP II PACKAGE
logo
Samsung semiconductor
K4S280432M SAMSUNG-K4S280432M Datasheet
125Kb / 10P
   128Mbit SDRAM 8M x 4Bit x 4 Banks Synchronous DRAM LVTTL
logo
Elite Semiconductor Mem...
M14D5121632A ESMT-M14D5121632A_1 Datasheet
987Kb / 59P
   8M x 16 Bit x 4 Banks DDR II SDRAM
M14D5121632A ESMT-M14D5121632A Datasheet
980Kb / 59P
   8M x 16 Bit x 4 Banks DDR II SDRAM
logo
Samsung semiconductor
K4S280432B SAMSUNG-K4S280432B Datasheet
109Kb / 10P
   128Mbit SDRAM 8M x 4Bit x 4 Banks Synchronous DRAM LVTTL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com