Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC65A Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # TC65A
Description  Axial Leaded Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

TC65A Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  TC65A Datasheet HTML 1Page - Cornell Dubilier Electronics TC65A Datasheet HTML 2Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type TC Axial Leaded Aluminum Electrolytic Capacitors
85 ºC, High Ripple, General Purpose Capacitor
Type TC is an axial leaded, 85 ºC, 1000 hour long life
general purpose aluminum electrolytic capacitor with a
high ripple current rating and is suitable for consumer
electronic equipment applications.
Highlights
General purpose
High ripple current
Low profile mounting
Specifications
Capacitance Range:
Voltage Range:
Capacitance Tolerance:
Operating Temperature Range:
DC Leakage Current:
Ripple Current Multipliers:
1.0 to 5,000 µF
16 to 450 WVdc
Dia.< .625, ±20%
Dia.≥ .625
16 to 150 WVdc, –10 +75%
250 to 450 WVdc, –10 +50%
–40 ºC to 85 ºC
Apply WVdc for 1,000 h at 85 ºC
Capacitance change ≤15% from initial limits
DC leakage current meets initial limits
ESR ≤150% of initial measured value
Outline Drawing
I = 6 √CV after 5 minutes
Not to exceed 3 mA @ 25 ºC
I = leakage current in µA
C = Capacitance in µF
V = Rated voltage
Rated
Ripple Multipliers
WVdc
60 Hz
400 Hz
1000 Hz 2400 Hz
0 to 50
0.8
1.05
1.10
1.14
51 to 150
0.8
1.08
1.13
1.16
151 & up
0.8
1.15
1.21
1.25
Ambient Temp.
+45 ºC +55 ºC +65 ºC +75 ºC +85 ºC
Ripple Multiplier
2.2
2.0
1.7
1.4
1.0
QA Stability Test:
Parts are supplied with PVC insulating sleeve.
Add .010” to diameter and .125” max to length to
allow for insulation.


Similar Part No. - TC65A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC650 MICROCHIP-TC650 Datasheet
440Kb / 14P
   Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Over-Temperature Alert
2002
TC650 MICROCHIP-TC650 Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
TC650 MICROCHIP-TC650 Datasheet
2Mb / 44P
   Analog and Interface Product Selector Guide
11/29/11
TC6501 MICROCHIP-TC6501 Datasheet
326Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
2004
TC6501 MICROCHIP-TC6501 Datasheet
254Kb / 16P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
11/29/12
More results

Similar Description - TC65A

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SKA470M6R3 CDE-SKA470M6R3 Datasheet
387Kb / 3P
   Axial Leaded Aluminum Electrolytic Capacitors
TCG252U010L1C CDE-TCG252U010L1C Datasheet
167Kb / 3P
   Axial Leaded Aluminum Electrolytic Capacitors
AXLH CDE-AXLH Datasheet
90Kb / 5P
   High Temperature Axial Leaded Aluminum Electrolytic Capacitors
logo
Kemet Corporation
PEG130HH4360QL1 KEMET-PEG130HH4360QL1 Datasheet
3Mb / 9P
   Axial Aluminum Electrolytic Capacitors
PEG130 KEMET-PEG130 Datasheet
507Kb / 8P
   Axial Aluminum Electrolytic Capacitors
4/27/2022
PEG226 KEMET-PEG226_V01 Datasheet
472Kb / 8P
   Axial Aluminum Electrolytic Capacitors
4/5/2022
PEG227 KEMET-PEG227 Datasheet
503Kb / 8P
   Axial Aluminum Electrolytic Capacitors
4/5/2022
PEG225 KEMET-PEG225 Datasheet
501Kb / 8P
   Axial Aluminum Electrolytic Capacitors
4/5/2022
PEG227 KEMET-PEG227_V01 Datasheet
1Mb / 8P
   Axial Aluminum Electrolytic Capacitors
1/19/2023
PEG124 KEMET-PEG124 Datasheet
572Kb / 11P
   Axial Aluminum Electrolytic Capacitors
4/27/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com