Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STD3N30L Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD3N30L
Description  N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD3N30L Datasheet(HTML) 1 Page - STMicroelectronics

  STD3N30L Datasheet HTML 1Page - STMicroelectronics STD3N30L Datasheet HTML 2Page - STMicroelectronics STD3N30L Datasheet HTML 3Page - STMicroelectronics STD3N30L Datasheet HTML 4Page - STMicroelectronics STD3N30L Datasheet HTML 5Page - STMicroelectronics STD3N30L Datasheet HTML 6Page - STMicroelectronics STD3N30L Datasheet HTML 7Page - STMicroelectronics STD3N30L Datasheet HTML 8Page - STMicroelectronics STD3N30L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
STD3N30L
N - CHANNEL ENHANCEMENT MODE
POWER MOS TRANSISTOR
s
TYPICAL RDS(on) = 1.15
s
AVALANCHE RUGGED TECHNOLOGY
s
100% AVALANCHE TESTED
s
REPETITIVE AVALANCHE DATA AT 100
oC
s
APPLICATION ORIENTED
CHARACTERIZATION
s
THROUGH-HOLE IPAK (TO-251) POWER
PACKAGE IN TUBE (SUFFIX ”-1”)
s
SURFACE-MOUNTING DPAK (TO-252)
POWER PACKAGE IN TAPE & REEL
(SUFFIX ”T4”)
APPLICATIONS
s
HIGH SPEED SWITCHING
s
UNINTERRUPTIBLE POWER SUPPLY (UPS)
s
MOTOR CONTROL, AUDIO AMPLIFIERS
s
INDUSTRIAL ACTUATORS
s
DC-DC & DC-AC CONVERTERS FOR
TELECOM, INDUSTRIAL AND CONSUMER
ENVIRONMENT
s
PARTICULARLY SUITABLE FOR
ELECTRONIC FLUORESCENT LAMP
BALLASTS
INTERNAL SCHEMATIC DIAGRAM
TYPE
VDSS
R DS(on)
ID
STD3N30L
300 V
< 1. 4
3A
November 1996
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Uni t
VDS
Drain-source Voltage (VGS = 0)
300
V
VDG R
Drain- gate Voltage (RGS =20 k
Ω)
300
V
VGS
Gate-source Voltage
± 15
V
ID
Drain Current (cont inuous) at T c =25
oC3
A
ID
Drain Current (cont inuous) at T c =100
oC2
A
IDM(
•)
Drain Current (pulsed)
12
A
Ptot
Total Dissipation at Tc =25
oC50
W
Derating Factor
0.4
W/
oC
Tstg
St orage Temperat ure
-65 to 150
oC
Tj
Max. Operat ing Junction Temperature
150
oC
(
•) Pulse width limited by safe operating area
1
3
2
IPAK
TO-251
(Suffix ”-1”)
1
3
DPAK
TO-252
(Suffix ”T4”)
1/10


Similar Part No. - STD3N30L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD3N30 STMICROELECTRONICS-STD3N30 Datasheet
143Kb / 10P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
More results

Similar Description - STD3N30L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STH60N10 STMICROELECTRONICS-STH60N10 Datasheet
246Kb / 11P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
STP15N05L STMICROELECTRONICS-STP15N05L Datasheet
201Kb / 10P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
November 1996
IRF630FI STMICROELECTRONICS-IRF630FI Datasheet
190Kb / 6P
   N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
STP3N50XI STMICROELECTRONICS-STP3N50XI Datasheet
289Kb / 7P
   N-CHANNEL enhancement mode power mos transistor
STD2NA60 STMICROELECTRONICS-STD2NA60 Datasheet
172Kb / 10P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
STD3NA50 STMICROELECTRONICS-STD3NA50 Datasheet
172Kb / 10P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
STP53N08 STMICROELECTRONICS-STP53N08 Datasheet
77Kb / 5P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
STP5N30L STMICROELECTRONICS-STP5N30L Datasheet
198Kb / 10P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
STP32N05L STMICROELECTRONICS-STP32N05L Datasheet
201Kb / 10P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
STP32N06L STMICROELECTRONICS-STP32N06L Datasheet
201Kb / 10P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com