Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M15R3312-F Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # M15R3312-F
Description  Multilayer Ceramic Capacitors COG (NPO). X7R & Z5U Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

M15R3312-F Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  M15R3312-F Datasheet HTML 1Page - Cornell Dubilier Electronics M15R3312-F Datasheet HTML 2Page - Cornell Dubilier Electronics M15R3312-F Datasheet HTML 3Page - Cornell Dubilier Electronics M15R3312-F Datasheet HTML 4Page - Cornell Dubilier Electronics M15R3312-F Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Type M15 to M50 Multilayer Ceramic Capacitors
COG (NPO). X7R & Z5U Capacitors
Type M15 to M50 conformally coated radial leaded
capacitors cover a wide range of temperature coeffi-
cients for a wide variety of applications.
Highlights
• Conformally coated, radial leaded
• Coating meets UL94V-0
• IECQ approved to:
QC300601/US0002 - NPO
QC300701/US0002 - X7R
QC300701/US0004 - Z5U
Specifications
Capacitance Range: 1 pF to 6.8 µF
Voltage Range: 50, 100, 200 Vdc
Capacitance Tolerance: See ratings tables
Temperature Coefficient: COG (NPO), X7R & Z5U
Available in Tape and Ammo Pack Configuration: Add ‘TA’ to end of catalog part number
Ratings
RoHS Compliant
COG (NPO) Temperature Coefficient
200 Vdc
Catalog
Sizes (Inches)
Catalog
Sizes (Inches)
Catalog
Sizes (Inches)
Part Number
Cap
L
H
T
S
Part Number Cap L
H
T
S
Part Number Cap
L
H
T
S
M15G109D2-F
1.0 pF .150 .210 .130 .100 M15G120*2-F 12 pF .150 .210 .130 .100 M15G101*2-F 100 pF .150 .210 .130 .100
M20G109D2-F
1.0 pF .200 .260 .150 .100 M20G120*2-F 12 pF .200 .260 .150 .100 M20G101*2-F 100 pF .200 .260 .150 .100
M22G109D2-F
1.0 pF .200 .260 .150 .200 M22G120*2-F 12 pF .200 .260 .150 .200 M22G101*2-F 100 pF .200 .260 .150 .200
M15G159D2-F
1.5 pF .150 .210 .130 .100 M15G150*2-F 15 pF .150 .210 .130 .100 M15G121*2-F 120 pF .150 .210 .130 .100
M20G159D2-F
1.5 pF .200 .260 .150 .100 M20G150*2-F 15 pF .200 .260 .150 .100 M20G121*2-F 120 pF .200 .260 .150 .100
M22G159D2-F
1.5 pF .200 .260 .150 .200 M22G150*2-F 15 pF .200 .260 .150 .200 M22G121*2-F 120 pF .200 .260 .150 .200
M15G229D2-F
2.2 pF .150 .210 .130 .100 M15G180*2-F 18 pF .150 .210 .130 .100 M15G151*2-F 150 pF .150 .210 .130 .100
M20G229D2-F
2.2 pF .200 .260 .150 .100 M20G180*2-F 18 pF .200 .260 .150 .100 M20G151*2-F 150 pF .200 .260 .150 .100
M22G229D2-F
2.2 pF .200 .260 .150 .200 M22G180*2-F 18 pF .200 .260 .150 .200 M22G151*2-F 150 pF .200 .260 .150 .200
M15G279D2-F
2.7 pF .150 .210 .130 .100 M15G220*2-F 22 pF .150 .210 .130 .100 M15G181*2-F 180 pF .150 .210 .130 .100
M20G279D2-F
2.7 pF .200 .260 .150 .100 M20G220*2-F 22 pF .200 .260 .150 .100 M20G181*2-F 180 pF .200 .260 .150 .100
M22G279D2-F
2.7 pF .200 .260 .150 .200 M22G220*2-F 22 pF .200 .260 .150 .200 M22G181*2-F 180 pF .200 .260 .150 .200
M15G339D2-F
3.3 pF .150 .210 .130 .100 M15G270*2-F 27 pF .150 .210 .130 .100 M15G221*2-F 220 pF .150 .210 .130 .100
M20G339D2-F
3.3 pF .200 .260 .150 .100 M20G270*2-F 27 pF .200 .260 .150 .100 M20G221*2-F 220 pF .200 .260 .150 .100
M22G339D2-F
3.3 pF .200 .260 .150 .200 M22G270*2-F 27 pF .200 .260 .150 .200 M22G221*2-F 220 pF .200 .260 .150 .200
M15G399D2-F
3.9 pF .150 .210 .130 .100 M15G330*2-F 33 pF .150 .210 .130 .100 M15G271*2-F 270 pF .150 .210 .130 .100
M20G399D2-F
3.9 pF .200 .260 .150 .100 M20G330*2-F 33 pF .200 .260 .150 .100 M20G271*2-F 270 pF .200 .260 .150 .100
M22G399D2-F
3.9 pF .200 .260 .150 .200 M22G330*2-F 33 pF .200 .260 .150 .200 M22G271*2-F 270 pF .200 .260 .150 .200
M15G479D2-F
4.7 pF .150 .210 .130 .100 M15G390*2-F 39 pF .150 .210 .130 .100 M15G331*2-F 330 pF .150 .210 .130 .100
M20G479D2-F
4.7 pF .200 .260 .150 .100 M20G390*2-F 39 pF .200 .260 .150 .100 M20G331*2-F 330 pF .200 .260 .150 .100
M22G479D2-F
4.7 pF .200 .260 .150 .200 M22G390*2-F 39 pF .200 .260 .150 .200 M22G331*2-F 330 pF .200 .260 .150 .200
M15G569D2-F
5.6 pF .150 .210 .130 .100 M15G470*2-F 47 pF .150 .210 .130 .100 M15G391*2-F 390 pF .150 .210 .130 .100
M20G569D2-F
5.6 pF .200 .260 .150 .100 M20G470*2-F 47 pF .200 .260 .150 .100 M20G391*2-F 390 pF .200 .260 .150 .100
M22G569D2-F
5.6 pF .200 .260 .150 .200 M22G470*2-F 47 pF .200 .260 .150 .200 M22G391*2-F 390 pF .200 .260 .150 .200
M15G689D2-F
6.8 pF .150 .210 .130 .100 M15G560*2-F 56 pF .150 .210 .130 .100 M15G471*2-F 470 pF .150 .210 .130 .100
M20G689D2-F
6.8 pF .200 .260 .150 .100 M20G560*2-F 56 pF .200 .260 .150 .100 M20G471*2-F 470 pF .200 .260 .150 .100
M22G689D2-F
6.8 pF .200 .260 .150 .200 M22G560*2-F 56 pF .200 .260 .150 .200 M22G471*2-F 470 pF .200 .260 .150 .200
M15G829D2-F
8.2 pF .150 .210 .130 .100 M15G680*2-F 68 pF .150 .210 .130 .100 M20G561*2-F 560 pF .200 .260 .150 .100
M20G829D2-F
8.2 pF .200 .260 .150 .100 M20G680*2-F 68 pF .200 .260 .150 .100 M22G561*2-F 560 pF .200 .260 .150 .200
M22G829D2-F
8.2 pF .200 .260 .150 .200 M22G680*2-F 68 pF .200 .260 .150 .200 M20G681*2-F 680 pF .200 .260 .150 .100
M15G100*2-F
10 pF .150 .210 .130 .100 M15G820*2-F 82 pF .150 .210 .130 .100 M22G681*2-F 680 pF .200 .260 .150 .200
M20G100*2-F
10 pF .200 .260 .150 .100 M20G820*2-F 82 pF .200 .260 .150 .100 M20G821*2-F 820 pF .200 .260 .150 .100
M22G100*2-F
10 pF .200 .260 .150 .200 M22G820*2-F 82 pF .200 .260 .150 .200 M22G821*2-F 820 pF .200 .260 .150 .200
*Insert proper letter symbol for tolerence
Add ‘TR’ to end of part number for Tape & Reel
1 pF to 8.2 pF available in D = ±.5 pF only
M15, M20, M22 - 2,500 per reel
10 pF to 22 pF: J = ±5%; K = ±10%
M30 - 1,500; M40 - 1,000 per reel; M50 - N/A
27 pF to 47 pF: G = ±2%; J = ±5%; K = ±10%
(Available in full reels only)
56 pF & Up:
F = ±1%; G = ±2%; J = ±5%; K = ±10%
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com


Similar Part No. - M15R3312-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M15R3312-F ETC2-M15R3312-F Datasheet
159Kb / 6P
   Type M15 to M50 Multilayer Ceramic Capacitors
More results

Similar Description - M15R3312-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
0603N104 ETC1-0603N104 Datasheet
328Kb / 7P
   Multilayer Ceramic Chip Capacitors Products NPO, X7R, Y5V
logo
RFE international
RD25ZU104M251BXXXX RFE-RD25ZU104M251BXXXX Datasheet
809Kb / 5P
   Multilayer Ceramic Capacitor RD Series (COG/X7R/X5R/Y5V/Z5U)Radial Leaded
25-01-2023
logo
EPCOS
B37641K7475K62 EPCOS-B37641K7475K62 Datasheet
211Kb / 13P
   Multilayer Ceramic Capacitors HighCap; X5R and X7R
logo
RFE international
AD10XR104K500A RFE-AD10XR104K500A Datasheet
621Kb / 3P
   MULTILAYER CERAMIC CAPACITOR AD Series (X7R/X5R/Y5V/Z5U): Axial Leaded
2022.05.31
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com