Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

500C223U063EJ2B Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # 500C223U063EJ2B
Description  Long-Life, Screw Terminal, Aluminum Electrolytic
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

500C223U063EJ2B Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  500C223U063EJ2B Datasheet HTML 1Page - Cornell Dubilier Electronics 500C223U063EJ2B Datasheet HTML 2Page - Cornell Dubilier Electronics 500C223U063EJ2B Datasheet HTML 3Page - Cornell Dubilier Electronics 500C223U063EJ2B Datasheet HTML 4Page - Cornell Dubilier Electronics 500C223U063EJ2B Datasheet HTML 5Page - Cornell Dubilier Electronics 500C223U063EJ2B Datasheet HTML 6Page - Cornell Dubilier Electronics 500C223U063EJ2B Datasheet HTML 7Page - Cornell Dubilier Electronics 500C223U063EJ2B Datasheet HTML 8Page - Cornell Dubilier Electronics 500C223U063EJ2B Datasheet HTML 9Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Type 500C 95 °C Long-Life, Screw Terminal, Aluminum Electrolytic
–40 °C to +95 °C, Long Life
Twice the Life!
Type 500C capacitors are designed for mainframe computers and other long life
UPS and power supply filter applications. They deliver nearly as much capacitance
as the Type DCMC capacitors, but with two times the life expectancy. They are an
excellent choice for high ripple applications. The extended cathode foil of the 500C
assures cool operation with heat flow from the capacitor element to the can.
Highlights
Specifications
Operating Temperature:
Rated Voltage:
Capacitance:
Capacitance Tolerance:
Leakage Current:
Cold Impedence:
Ripple Current Multipliers:
–40 °C to +95 °C
6.3 to 500 Vdc
100 µF to 2.6 F
<200 Vdc: –10 +75%; ≥200 Vdc: –10% +50%
≤3√CV µA at 5 minutes; 4 mA max.
20 °C multiple of 25 °C Z ≤20 for 6.3–10 V, 8 for 16–50 V,
4 for 63–100 V, 3 for 150 V and up.
Ambient Temperature
EIA Ripple Life:
Life Test:
Shelf Life:
Vibration:
5,000 h at full load @ +85 °C per EIA IS-749
Capacitance ±20%
ESR 200% of limit
DCL 100% of limit
5,000 h at 95 °C and rated voltage
Capacitance ±20%
ESR 200% of limit
DCL 100% of limit
500 h @ +95 °C, Capacitance, ESR and DCL, initial
requirements.
10 to 55 Hz, 0.06” and 10 g max, 1.5 h ea. of 2 axis
45 °C
55 °C
65 °C
75 °C
85 °C
2.00
1.82
1.59
1.33
1.00
Frequency
10 kHz
50 Hz 60 Hz 120 Hz 360 Hz 1 kHz 5 kHz & up
1 3/8” & 1 3/4” Diameters
6.3 to 160 V
0.91
0.93
1.00
1.06
1.08
1.10
1.10
200 to 350 V
0.76
0.81
1.00
1.24
1.36
1.43
1.44
400 to 500 Vx
0.76
0.81
1.00
1.24
1.37
1.44
1.45
2” & 2 1/2” Diameters
6.3 to 160 V
0.93
0.95
1.00
1.04
1.06
1.06
1.07
200 to 350 V
0.78
0.83
1.00
1.20
1.29
1.34
1.35
400 to 500 V
0.77
0.82
1.00
1.22
1.33
1.39
1.40
3” & 3 1/2” Diameters
6.3 to 160 V
0.95
0.97
1.00
1.03
1.04
1.04
1.04
200 to 350 V
0.84
0.88
1.00
1.12
1.17
1.20
1.20
400 to 500 V
0.79
0.84
1.00
1.18
1.26
1.31
1.32
Long-life, High-Capacitance
Better for Power-supply and UPS systems
Thermal-Pak™ extended cathode construction
Complies with the EU Directive
2 0 0 2 / 9 5 / E C r e q u i r e m e n t
restricting the use of Lead (Pb),
Mercury (Hg), Cadmium (Cd),
Hexavalent chromium (Cr(VI)),
PolyBrominated Biphenyls (PBB)
and PolyBrominated Diphenyl
Ethers (PBDE).


Similar Part No. - 500C223U063EJ2B

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
500C223U063EJ2B CDE-500C223U063EJ2B Datasheet
1Mb / 15P
   Long Life, High Capacitance Screw Terminal Type
More results

Similar Description - 500C223U063EJ2B

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SEK CDE-SEK_18 Datasheet
588Kb / 8P
   Long Life, Aluminum Electrolytic
MLP CDE-MLP_18 Datasheet
495Kb / 6P
   Ultra Long Life, Aluminum Electrolytic
logo
Vishay Siliconix
116RLL VISHAY-116RLL_V01 Datasheet
94Kb / 6P
   Aluminum Electrolytic Capacitors Radial Long Life
01-Jan-2023
logo
Cornell Dubilier Electr...
SH470M6R3ST CDE-SH470M6R3ST_15 Datasheet
364Kb / 7P
   2000 Hour Long Life, Aluminum Electrolytic
logo
Vishay Siliconix
104-PHL-ST VISHAY-104-PHL-ST Datasheet
123Kb / 8P
   Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 17-Oct-16
104PHL-ST VISHAY-104PHL-ST_17 Datasheet
127Kb / 8P
   Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 06-Sep-17
104PHL-ST VISHAY-104PHL-ST_V01 Datasheet
106Kb / 8P
   Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals
01-Jan-2023
096PLL4TSI VISHAY-096PLL4TSI Datasheet
136Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
Revision: 14-Oct-16
logo
Cornell Dubilier Electr...
550C CDE-550C_17 Datasheet
380Kb / 7P
   Ultra-Ripple, Long Life Screw Terminal Type
500C CDE-500C_17 Datasheet
1Mb / 15P
   Long Life, High Capacitance Screw Terminal Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com