Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T495V227K035AS Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # T495V227K035AS
Description  Low ESR, High Ripple Current, Solid Tantalum Chip Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

T495V227K035AS Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  T495V227K035AS Datasheet HTML 1Page - Cornell Dubilier Electronics T495V227K035AS Datasheet HTML 2Page - Cornell Dubilier Electronics T495V227K035AS Datasheet HTML 3Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Type T495 Solid Tantalum Chip Capacitors
Low ESR, High Ripple Current, Solid Tantalum Chip Capacitors
Highlights
Designed for very low ESR
High ripple current capability
High surge current capability
Taped and reeled per EIA RS 481-1
Low ESL (<2.5 nH ESL)
High operating temperature +125 ºC
Like the T491 standard tantalum capacitors the Type T495’s
physical outline and dimensions conform to the global
standard for tantalum capacitor chips and exceed the
requirements for EIA standard 535BAAC, but performance
sets the T495 apart. The very low ESR, high ripple current
capability, capacitance stability, and ability to withstand high
inrush currents makes the T495 ideal for output filtering in
switch-mode power supplies and DC-DC converters and
in battery-stiffening filters. This capability is from unique
design and high-stress, low impedance electrical condition­
ing. Reliability and thermal stability are assured by lead-
frame attachments to the tantalum pellet made by micropro­
cessor-controlled welding and high temperature silver
epoxy adhesive. Standard packaging is compatible with all
tape-fed placement units and with EIA 481-1 tape and reel
specifications
Specifications
Capacitance Range:
Tolerance:
Voltage Range:
OperatingTemperature:
Cap Change From Initial Limit:
DC Leakage:
DissipationFactor:
Standard Packaging Tape and Reel:
4.7 µF to 470 µF
±10% standard, ±20% available
6 Vdc to 50 Vdc
–55 ºC to +125 ºC (with proper derating)
–10% @ –55 ºC; +10% @ +85 ºC
+12% @ +125 ºC
At 25 ºC — See Ratings
At 85 ºC — 10 x 25 ºC Limit
At 125 ºC — 12 x 25 ºC Limit
0.1 µF to 1.0 µF — 4%
1.5 µF to 68 µF — 6%
100 µF to 220 µF — 8%
EIA RS-481-1
Case
Code
EIA
IECQ
Qty per
7" Reel
Width
Pitch
Tape
D
7343
500
12mm
8mm
X
7343H
500
12mm
8mm
V
7343L
2,500
8mm
4mm
13” Reels Available on Special Order
CDE Cornell Dubilier•1605 E. Rodney French Blvd.•New Bedford, MA 02744•Ph: (508)996-8561•Fax: (508)996-3830• www.cde.com


Similar Part No. - T495V227K035AS

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T495V107K004AGE0457280 KEMET-T495V107K004AGE0457280 Datasheet
1Mb / 28P
   Tantalum Surface Mount Capacitors ??Low ESR
T495V107K004AHE045 KEMET-T495V107K004AHE045 Datasheet
1Mb / 29P
   Tantalum Surface Mount Capacitors ??Low ESR
T495V107K004AHE0457280 KEMET-T495V107K004AHE0457280 Datasheet
1Mb / 28P
   Tantalum Surface Mount Capacitors ??Low ESR
T495V107K004AME0457280 KEMET-T495V107K004AME0457280 Datasheet
1Mb / 28P
   Tantalum Surface Mount Capacitors ??Low ESR
T495V107K004ANE0457280 KEMET-T495V107K004ANE0457280 Datasheet
1Mb / 28P
   Tantalum Surface Mount Capacitors ??Low ESR
More results

Similar Description - T495V227K035AS

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
396UVR016MEW ILLINOISCAPACITOR-396UVR016MEW_16 Datasheet
181Kb / 2P
   Low ESR, High Ripple Current
logo
Vishay Siliconix
TR8 VISHAY-TR8 Datasheet
138Kb / 9P
   Solid Tantalum Chip Capacitors MICROTANTM Low ESR, Leadframeless Molded
Revision: 09-Aug-11
logo
Hitachi Semiconductor
TMCR HITACHI-TMCR Datasheet
189Kb / 3P
   Low ESR Tantalum Chip Capacitors
logo
NIC-Components Corp.
NTCL NIC-NTCL Datasheet
83Kb / 3P
   Low ESR Tantalum Chip Capacitors
NTC-L NIC-NTC-L Datasheet
83Kb / 3P
   Low ESR Tantalum Chip Capacitors
logo
Surge Components
HBW SURGE-HBW Datasheet
486Kb / 3P
   low esr and high ripple current
HBV SURGE-HBV Datasheet
501Kb / 3P
   low esr and high ripple current
logo
Vishay Siliconix
TR8 VISHAY-TR8_17 Datasheet
408Kb / 16P
   Solid Tantalum Chip Capacitors MICROTAN® Low ESR, Leadframeless Molded
Revision: 18-Jul-17
TMCR VISHAY-TMCR Datasheet
260Kb / 13P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Low ESR
Revision: 26-Oct-17
TR8M106M010C2000 VISHAY-TR8M106M010C2000 Datasheet
142Kb / 10P
   Solid Tantalum Chip Capacitors MICROTAN® Low ESR, Leadframeless Molded
Revision: 21-Mar-13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com