Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAC107J006P01 Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # TAC107J006P01
Description  Molded, Axial Leaded Solid Tantalum Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

TAC107J006P01 Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  TAC107J006P01 Datasheet HTML 1Page - Cornell Dubilier Electronics TAC107J006P01 Datasheet HTML 2Page - Cornell Dubilier Electronics TAC107J006P01 Datasheet HTML 3Page - Cornell Dubilier Electronics TAC107J006P01 Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Type TAC Solid Tantalum Capacitors
Max
Max
DCL
DF %
Cap
Case @ +25 ºC @ +25 ºC
Catalog
(µF)
Code
(µA)
120 Hz
Part Number
68
7
8.2
6
TAC686K015P07
82
7
9.8
8
TAC826K015P07
100
7
10.0
8
TAC107K015P07
120
8
10.0
8
TAC127K015P08
150
8
10.0
8
TAC157K015P08
1
1
0.5
4
TAC105K020P01
1.2
1
0.5
4
TAC125K020P01
1.5
1
0.5
4
TAC155K020P01
1.8
2
0.5
4
TAC185K020P02
2.2
2
0.5
4
TAC225K020P02
2.7
2
0.5
4
TAC275K020P02
3.3
2
0.5
4
TAC335K020P02
3.9
2
0.6
4
TAC395K020P02
4.7
2
0.8
4
TAC475K020P02
5.6
5
0.9
4
TAC565K020P05
6.8
5
1.1
6
TAC685K020P05
8.2
5
1.3
6
TAC825K020P05
10
5
1.6
6
TAC106K020P05
12
6
1.9
6
TAC126K020P06
15
6
2.4
6
TAC156K020P06
18
6
2.9
6
TAC186K020P06
22
6
3.5
6
TAC226K020P06
27
7
4.3
6
TAC276K020P07
33
7
5.0
6
TAC336K020P07
39
7
6.2
6
TAC396K020P07
47
7
7.5
6
TAC476K020P07
56
7
8.9
6
TAC566K020P07
68
7
10.0
6
TAC686K020P07
82
8
10.0
8
TAC826K020P08
100
8
10.0
8
TAC107K020P08
0.47
1
0.5
3
TAC474K025P01
0.56
1
0.5
3
TAC564K025P01
0.68
1
0.5
3
TAC684K025P01
0.82
1
0.5
3
TAC824K025P01
1.0
1
0.5
3
TAC105K025P01
1.2
2
0.5
3
TAC125K025P02
1.5
2
0.5
3
TAC155K025P02
1.8
2
0.5
3
TAC185K025P02
2.2
2
0.5
3
TAC225K025P02
2.7
2
0.5
3
TAC275K025P02
15 WVdc @ 85 ºC
10 WVdc @ 125 ºC
25 WVdc @ 85 ºC
17 WVdc @ 125 ºC
20 WVdc @ 85 ºC
13 WVdc @ 125 ºC
Max
Max
DCL
DF %
Cap
Case @ +25 ºC @ +25 ºC
Catalog
(µF)
Code
(µA)
120 Hz
Part Number
3.3
2
0.7
3
TAC335K025P02
3.9
5
0.8
3
TAC395K025P05
4.7
5
0.9
4
TAC475K025P05
5.6
5
1.1
4
TAC565K025P05
6.8
5
1.4
4
TAC685K025P05
8.2
5
1.5
4
TAC825K025P05
10
5
1.5
4
TAC106K025P05
12
6
2.4
4
TAC126K025P06
15
6
3.0
4
TAC156K025P06
18
7
3.6
6
TAC186K025P07
22
7
4.4
6
TAC226K025P07
27
7
5.4
6
TAC276K025P07
33
7
6.6
6
TAC336K025P07
39
7
7.8
6
TAC396K025P07
47
7
9.4
6
TAC476K025P07
56
8
10
6
TAC566K025P08
68
8
10
6
TAC686K025P08
0.10
1
0.5
3
TAC104K035P01
0.12
1
0.5
3
TAC124K035P01
0.15
1
0.5
3
TAC154K035P01
0.18
1
0.5
3
TAC184K035P01
0.22
1
0.5
3
TAC224K035P01
0.27
1
0.5
3
TAC274K035P01
0.33
1
0.5
3
TAC334K035P01
0.39
1
0.5
3
TAC394K035P01
0.47
1
0.5
3
TAC474K035P01
0.56
2
0.5
3
TAC564K035P02
0.68
2
0.5
3
TAC684K035P02
0.82
2
0.5
3
TAC824K035P02
1.0
2
0.5
3
TAC105K035P02
1.2
2
0.5
3
TAC125K035P02
1.5
2
0.5
3
TAC155K035P02
1.8
5
0.5
3
TAC185K035P05
2.2
5
0.6
3
TAC225K035P05
2.7
5
0.8
3
TAC275K035P05
3.3
5
0.9
4
TAC335K035P05
3.9
5
1.1
4
TAC395K035P05
4.7
5
1.3
4
TAC475K035P05
5.6
6
1.6
4
TAC565K035P06
6.8
6
1.9
4
TAC685K035P06
8.2
6
2.3
4
TAC825K035P06
10
6
2.8
4
TAC106K035P06
25 WVdc @ 85 ºC
17 WVdc @ 125 ºC
35 WVdc @ 85 ºC
23 WVdc @ 125 ºC
CDE may improve your order and shorten delivery by substituting tighter tolerance or higher voltage capacitors in the same case size
.
CDE Cornell Dubilier•1605 E. Rodney French Blvd.•New Bedford, MA 02744•Ph: (508)996-8561•Fax: (508)996-3830• www.cde.com


Similar Part No. - TAC107J006P01

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
TAC107K006P07-F CDE-TAC107K006P07-F Datasheet
233Kb / 4P
   Molded, Axial Lead, Solid Tantalum Capacitors
TAC107K010P07-F CDE-TAC107K010P07-F Datasheet
233Kb / 4P
   Molded, Axial Lead, Solid Tantalum Capacitors
TAC107K015P07-F CDE-TAC107K015P07-F Datasheet
233Kb / 4P
   Molded, Axial Lead, Solid Tantalum Capacitors
TAC107K020P08-F CDE-TAC107K020P08-F Datasheet
233Kb / 4P
   Molded, Axial Lead, Solid Tantalum Capacitors
More results

Similar Description - TAC107J006P01

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
TAC CDE-TAC Datasheet
233Kb / 4P
   Molded, Axial Lead, Solid Tantalum Capacitors
CSR13 CDE-CSR13 Datasheet
636Kb / 7P
   Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
CSR21 CDE-CSR21 Datasheet
326Kb / 2P
   Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
CSR23 CDE-CSR23 Datasheet
376Kb / 3P
   Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
logo
Vishay Siliconix
173D VISHAY-173D Datasheet
81Kb / 6P
   Solid-Electrolyte TANTALEX Capacitors, Axial-Leaded, Molded-Case
Revision 13-Jun-02
173D107X9020YWE3 VISHAY-173D107X9020YWE3 Datasheet
114Kb / 10P
   Solid-Electrolyte TANTALEX Capacitors, Axial-Leaded, Molded Case
Revision: 05-Apr-12
CX06 VISHAY-CX06 Datasheet
48Kb / 3P
   Subminiature, Leaded Solid Tantalum Capacitors
Revision 13-Jun-02
CX06J156K VISHAY-CX06J156K Datasheet
62Kb / 4P
   Subminiature, Leaded Solid Tantalum Capacitors
Revision: 09-Mar-12
CX16 VISHAY-CX16 Datasheet
73Kb / 3P
   Subminiature, Leaded Solid Tantalum Capacitors
Revision 17-Apr-02
173D104X9035UWE3 VISHAY-173D104X9035UWE3 Datasheet
123Kb / 10P
   Solid-Electrolyte TANTALEX™ Capacitors, Axial-Leaded, Molded Case
01-Jan-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com