Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK220M200ST Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # SK220M200ST
Description  85 ?C Radial Leaded Aluminum Electorlytic Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SK220M200ST Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  SK220M200ST Datasheet HTML 1Page - Cornell Dubilier Electronics SK220M200ST Datasheet HTML 2Page - Cornell Dubilier Electronics SK220M200ST Datasheet HTML 3Page - Cornell Dubilier Electronics SK220M200ST Datasheet HTML 4Page - Cornell Dubilier Electronics SK220M200ST Datasheet HTML 5Page - Cornell Dubilier Electronics SK220M200ST Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type SK 105 ºC Radial Leaded Aluminum Electorlytic Capacitors
Ratings
Max ESR Max Ripple
Catalog
120 Hz
120 Hz
Size in. (mm)
Cap
Part Number
+25 ºC
+85 ºC
Diameter
Length
Lead Space Lead Dia.
(µF)
(Ω)
(mA)
(D)
(L)
(S)
(d)
25 Vdc (32 Volts Surge)
220
SK221M025ST
0.84
320
.315 (8.0) .453 (11.5)
.138 (3.5)
.0236 (0.6)
330
SK331M025ST
0.56
420
.394 (10.0) .512 (13.0)
.197 (5.0)
.0236 (0.6)
470
SK471M025ST
0.39
540
.394 (10.0) .630 (16.0)
.197 (5.0)
.0236 (0.6)
1,000
SK102M025ST
0.18
950
.512 (13.0) .827 (21.0)
.197 (5.0)
.0236 (0.6)
2,200
SK222M025ST
0.14
1550
.512 (13.0) .984 (26.0)
.197 (5.0)
.0236 (0.6)
3,300
SK332M025ST
0.10
1950
.630 (16.0) 1.26 (32.0)
.295 (7.5)
.0315 (0.8)
4,700
SK472M025ST
0.08
2360
.709 (18.0) 1.38 (35.0)
.295 (7.5)
.0315 (0.8)
6,800
SK682M025ST
0.06
2550
.709 (18.0) 1.65 (42.0)
.295 (7.5)
.0315 (0.8)
35 Vdc (44 Volts Surge)
10
SK100M035ST
15.92
60
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
22
SK220M035ST
7.23
95
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
33
SK330M035ST
4.82
115
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
47
SK470M035ST
3.38
140
.248 (6.3) .433 (11.0)
.098 (2.5)
.0197 (0.5)
100
SK101M035ST
1.59
230
.315 (8.0) .453 (11.5)
.138 (3.5)
.0236 (0.6)
220
SK221M035ST
0.72
370
.394 (10.0) .512 (13.0)
.197 (5.0)
.0236 (0.6)
330
SK331M035ST
0.48
490
.394 (10.0) .630 (16.0)
.197 (5.0)
.0236 (0.6)
470
SK471M035ST
0.33
640
.394 (10.0) .827 (21.0)
.197 (5.0)
.0236 (0.6)
1,000
SK102M035ST
0.15
1100
.512 (13.0) .827 (21.0)
.197 (5.0)
.0236 (0.6)
2,200
SK222M035ST
0.14
1800
.630 (16.0) 1.26 (32.0)
.295 (7.5)
.0315 (0.8)
3,300
SK332M035ST
0.10
2220
.709 (18.0) 1.38 (35.0)
.295 (7.5)
.0315 (0.8)
4,700
SK472M035ST
0.08
2400
.709 (18.0) 1.65 (42.0)
.295 (7.5)
.0315 (0.8)
50 Vdc (63 Volts Surge)
0.47
SKR47M050ST
282.33
5
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
1.0
SK010M050ST
132.70
10
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
2.2
SK2R2M050ST
60.32
23
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
3.3
SK3R3M050ST
40.21
35
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
4.7
SK4R7M050ST
28.23
40
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
10
SK100M050ST
13.27
65
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
22
SK220M050ST
6.03
100
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
33
SK330M050ST
4.02
125
.248 (6.3) .433 (11.0)
.098 (2.5)
.0197 (0.5)
47
SK470M050ST
2.82
150
.248 (6.3) .433 (11.0)
.098 (2.5)
.0197 (0.5)
100
SK101M050ST
1.33
250
.315 (8.0) .433 (11.0)
.138 (3.5)
.0236 (0.6)
220
SK221M050ST
0.60
440
.394 (10.0) .630 (16.0)
.197 (5.0)
.0236 (0.6)
330
SK331M050ST
0.40
580
.394 (10.0) .827 (21.0)
.197 (5.0)
.0236 (0.6)
470
SK471M050ST
0.28
760
.512 (13.0) .827 (21.0)
.197 (5.0)
.0236 (0.6)
1,000
SK102M050ST
0.13
1350
.630 (16.0) .984 (25.0)
.295 (7.5)
.0236 (0.6)
2,200
SK222M050ST
0.14
2090
.709 (18.0) 1.38 (35.0)
.295 (7.5)
.0236 (0.6)
3,300
SK332M050ST
0.10
2320
.709 (18.0) 1.65 (42.0)
.295 (7.5)
.0236 (0.6)
63 Vdc (79 Volts Surge)
0.5
SKR47M063ST
254.10
5
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
1.0
SK010M063ST
119.43
10
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
2.2
SK2R2M063ST
54.28
29
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
3.3
SK3R3M063ST
36.19
40
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
4.7
SK4R7M063ST
25.41
45
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
10.0
SK100M063ST
11.94
70
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
* Note max leakage current ≥100 Vdc is measured at 3 minutes


Similar Part No. - SK220M200ST

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SK220M200ST CDE-SK220M200ST Datasheet
551Kb / 8P
   2000 Hour Long Life, General Purpose Aluminum Electrolytic
More results

Similar Description - SK220M200ST

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SH470M6R3ST CDE-SH470M6R3ST Datasheet
483Kb / 5P
   105 ?CRadial Leaded Aluminum Electorlytic Capacitors
logo
Vishay Siliconix
515D VISHAY-515D Datasheet
101Kb / 9P
   Aluminum Capacitors 85 °C, Miniature, Radial Lead
Revision: 07-Jan-13
515D VISHAY-515D_V01 Datasheet
111Kb / 8P
   Aluminum Capacitors 85 °C, Miniature, Radial Lead
01-Jan-2022
logo
Cornell Dubilier Electr...
SEK101M6R3ST CDE-SEK101M6R3ST Datasheet
446Kb / 6P
   105 ?C Radial Leaded Aluminum Electrolytic Capacitors
LPX391M160A1P3 CDE-LPX391M160A1P3 Datasheet
158Kb / 3P
   85 ?C Radial Snap-In Aluminum Electrolytic Capacitors High Voltage, High Value Radial Leaded Snap-In
logo
AVX Corporation
REF AVX-REF Datasheet
519Kb / 7P
   Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
REH AVX-REH Datasheet
500Kb / 8P
   Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
logo
Panasonic Semiconductor
EEU-FR1A101B PANASONIC-EEU-FR1A101B Datasheet
253Kb / 1P
   Radial Leaded Aluminum Electrolytic Capacitors
EEU-FR1E331 PANASONIC-EEU-FR1E331 Datasheet
253Kb / 1P
   Radial Leaded Aluminum Electrolytic Capacitors
logo
AVX Corporation
REA AVX-REA Datasheet
410Kb / 8P
   Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com