Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STD35NF3LL Datasheet(PDF) 4 Page - STMicroelectronics

Part # STD35NF3LL
Description  N-CHANNEL 30V - 0.014 ohm - 35A IPAK/DPAK STripFET??II POWER MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD35NF3LL Datasheet(HTML) 4 Page - STMicroelectronics

  STD35NF3LL Datasheet HTML 1Page - STMicroelectronics STD35NF3LL Datasheet HTML 2Page - STMicroelectronics STD35NF3LL Datasheet HTML 3Page - STMicroelectronics STD35NF3LL Datasheet HTML 4Page - STMicroelectronics STD35NF3LL Datasheet HTML 5Page - STMicroelectronics STD35NF3LL Datasheet HTML 6Page - STMicroelectronics STD35NF3LL Datasheet HTML 7Page - STMicroelectronics STD35NF3LL Datasheet HTML 8Page - STMicroelectronics STD35NF3LL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
STD35NF3LL/STD35NF3LL-1
4/10
Output Characteristics
Transfer Characteristics
Transconductance
Static Drain-source On Resistance
Gate Charge vs Gate-source Voltage
Capacitance Variations


Similar Part No. - STD35NF3LL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD35NF3LL STMICROELECTRONICS-STD35NF3LL Datasheet
318Kb / 13P
   N-channel 30V - 0.014ohm - 35A - DPAK STripFET TM II Power MOSFET
STD35NF3LLT4 STMICROELECTRONICS-STD35NF3LLT4 Datasheet
318Kb / 13P
   N-channel 30V - 0.014ohm - 35A - DPAK STripFET TM II Power MOSFET
STD35NF3LL STMICROELECTRONICS-STD35NF3LL_07 Datasheet
318Kb / 13P
   N-channel 30V - 0.014ohm - 35A - DPAK STripFET TM II Power MOSFET
More results

Similar Description - STD35NF3LL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD35NF3LL STMICROELECTRONICS-STD35NF3LL_07 Datasheet
318Kb / 13P
   N-channel 30V - 0.014ohm - 35A - DPAK STripFET TM II Power MOSFET
STD30NF06L STMICROELECTRONICS-STD30NF06L Datasheet
461Kb / 10P
   N-CHANNEL 60V - 0.022ohm - 35A DPAK/IPAK STripFET??POWER MOSFET
STD30NF03L STMICROELECTRONICS-STD30NF03L_07 Datasheet
330Kb / 14P
   N-channel 30V - 0.020ohm - 30A - DPAK/IPAK STripFET TM II Power MOSFET
STD17NF03L STMICROELECTRONICS-STD17NF03L_07 Datasheet
312Kb / 14P
   N-channel 30V - 0.038ohm - 17A - DPAK/IPAK STripFET TM II Power MOSFET
STD70NH02L STMICROELECTRONICS-STD70NH02L Datasheet
490Kb / 16P
   N-CHANNEL 24V - 0.0062 Ohm - 60A IPAK/DPAK STripFET II Power MOSFET
STD12NF06 STMICROELECTRONICS-STD12NF06 Datasheet
443Kb / 10P
   N-CHANNEL 60V - 0.08 ohm - 12A IPAK/DPAK STripFET??II POWER MOSFET
STD12NF06L STMICROELECTRONICS-STD12NF06L Datasheet
444Kb / 10P
   N-CHANNEL 60V - 0.08 ohm - 12A IPAK/DPAK STripFET??II POWER MOSFET
STD30NF06 STMICROELECTRONICS-STD30NF06 Datasheet
457Kb / 10P
   N-CHANNEL 60V - 0.020 ohm - 28A IPAK/DPAK STripFET??II POWER MOSFET
STD30PF03L STMICROELECTRONICS-STD30PF03L Datasheet
320Kb / 8P
   P-CHANNEL 30V - 0.025ohm - 24A DPAK/IPAK STripFET??II POWER MOSFET
STD17NF03L STMICROELECTRONICS-STD17NF03L Datasheet
264Kb / 9P
   N-CHANNEL 30V - 0.038ohm - 17A - DPAK/IPAK STripFET??POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com