Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLW5-25 Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # NLW5-25
Description  105 ?C, Miniature Computer Grade, Axial Leaded
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

NLW5-25 Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  NLW5-25 Datasheet HTML 1Page - Cornell Dubilier Electronics NLW5-25 Datasheet HTML 2Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Type NLW 105 ºC, Miniature Computer Grade, Axial Leaded
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Part Numbering System
Ratings
NLW
200
6
E
Type
Capacitance
Voltage
Options
NLW
1 = 1 µF
6 = 6.3 Vdc
E = Epoxy end seal
10 = 10 µF
16 = 16 Vdc
Blank = No epoxy
200 = 200 µF
100 = 100 Vdc
For epoxy add the following to length
Can Dia Inches
+ Length Inches
0.197 - 0.315
+ 0.0512
0.394 - 0.512
+ 0.0630
0.630 - 0.709
+ 0.0709
Ripple Current
Nominal
Catalog
Part Number
ESR Max
@ 85 ºC
Size
Cap
120 Hz
120 Hz
D x L
(µF)
(Ω)
(A)
(Inches)
25 Vdc (30 Vdc Surge)
100
NLW100-25
2.70
0.195
0.40 x 0.88
150
NLW150-25
1.80
0.260
0.40 x 1.06
200
NLW200-25
1.30
0.320
0.40 x 1.06
250
NLW250-25
1.06
0.400
0.40 x 1.57
300
NLW300-25
0.88
0.420
0.40 x 1.57
50 Vdc (65 Vdc Surge)
1
NLW1-50
200.0
0.020
0.28 x 0.57
2
NLW2-50
100.0
0.026
0.28 x 0.57
3
NLW3-50
67.0
0.030
0.28 x 0.57
4
NLW4-50
50.0
0.034
0.28 x 0.57
5
NLW5-50
40.0
0.037
0.28 x 0.57
6
NLW6-50
33.0
0.039
0.28 x 0.57
8
NLW8-50
25.0
0.046
0.28 x 0.69
10
NLW10-50
20.0
0.052
0.28 x 0.69
15
NLW15-50
13.5
0.068
0.32 x 0.69
20
NLW20-50
10.0
0.076
0.32 x 0.76
25
NLW25-50
8.0
0.090
0.34 x 0.81
30
NLW30-50
6.6
0.115
0.40 x 0.76
35
NLW35-50
5.7
0.130
0.40 x 0.88
40
NLW40-50
5.0
0.138
0.40 x 0.88
50
NLW50-50
4.0
0.160
0.40 x 0.94
75
NLW75-50
2.7
0.200
0.40 x 1.06
100
NLW100-50
2.0
0.250
0.40 x 1.32
125
NLW125-50
1.6
0.310
0.40 x 1.57
100 Vdc (125 Vdc Surge)
2
NLW2-100
100.0
0.020
0.28 x 0.57
10
NLW10-100
20.0
0.082
0.40 x 0.88
15
NLW15-100
13.5
0.104
0.40 x 0.94
20
NLW20-100
10.0
0.122
0.40 x 1.06
25
NLW25-100
8.0
0.133
0.40 x 1.06
150 Vdc (180 Vdc Surge)
1
NLW1-150
200
0.020
0.28 x 0.57
2
NLW2-150
100
0.028
0.28 x 0.57
3
NLW3-150
67
0.038
0.32 x 0.76
5
NLW5-150
40
0.049
0.34 x 0.88
10
NLW10-150
20
0.088
0.40 x 0.94
12
NLW12-150
17
0.100
0.40 x 1.06
Ripple Current
Nominal
Catalog
Part Number
ESR Max
@ 85 ºC
Size
Cap
120 Hz
120 Hz
D x L
(µF)
(Ω)
(A)
(Inches)
6.3 Vdc (8 Vdc Surge)
200
NLW200-6
2
0.25
0.40 x 0.88
12 Vdc (14 Vdc Surge)
15
NLW15-12
17.7
0.056
0.28 x 0.57
100
NLW100-12
3.3
0.150
0.32 x 0.81
200
NLW200-12
1.7
0.270
0.40 x 0.94
250
NLW250-12
1.3
0.290
0.40 x 0.94
16 Vdc (20 Vdc Surge)
10
NLW10-16
26.50
0.047
0.28 x 0.57
15
NLW15-16
17.70
0.056
0.28 x 0.57
20
NLW20-16
16.60
0.062
0.28 x 0.57
25
NLW25-16
13.30
0.072
0.28 x 0.69
30
NLW30-16
11.10
0.078
0.28 x 0.69
50
NLW50-16
6.70
0.108
0.32 x 0.76
75
NLW75-16
4.50
0.136
0.34 x 0.81
100
NLW100-16
3.30
0.150
0.34 x 0.81
150
NLW150-16
2.20
0.225
0.40 x 0.88
200
NLW200-16
1.70
0.270
0.40 x 0.94
250
NLW250-16
1.30
0.310
0.40 x 1.06
300
NLW300-16
1.10
0.370
0.40 x 1.32
400
NLW400-16
0.83
0.470
0.40 x 1.57
25 Vdc (30 Vdc Surge)
1
NLW1-25
200.00
0.020
0.28 x 0.57
2
NLW2-25
100.00
0.026
0.28 x 0.57
3
NLW3-25
67.00
0.030
0.28 x 0.57
4
NLW4-25
50.00
0.034
0.28 x 0.57
5
NLW5-25
40.00
0.037
0.28 x 0.57
10
NLW10-25
26.50
0.047
0.28 x 0.57
15
NLW15-25
17.70
0.056
0.28 x 0.57
20
NLW20-25
13.30
0.063
0.28 x 0.57
25
NLW25-25
10.60
0.082
0.32 x 0.69
35
NLW35-25
7.60
0.094
0.34 x 0.76
40
NLW40-25
6.70
0.098
0.34 x 0.76
50
NLW50-25
5.30
0.115
0.34 x 0.81
75
NLW75-25
3.60
0.175
0.40 x 0.88


Similar Part No. - NLW5-25

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
NLW5-25 CDE-NLW5-25 Datasheet
273Kb / 3P
   Subminiature, high capacitance, low cost
More results

Similar Description - NLW5-25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
361R222M6R3EG2 ETC2-361R222M6R3EG2 Datasheet
285Kb / 5P
   105 ?C, Miniature, Industrial Grade, Radial Leaded
logo
Cornell Dubilier Electr...
556 CDE-556 Datasheet
81Kb / 5P
   Computer Grade, Axial Leaded, Aluminum
TCX103U010L3C CDE-TCX103U010L3C Datasheet
210Kb / 2P
   105 쨘C, Axial Leaded Aluminum Electrolytic Capacitors Extended Life Computer Grade Capacitor
057152U6R3FE2 CDE-057152U6R3FE2 Datasheet
175Kb / 4P
   Type 057 105 째C Military Grade, Axial Leaded, Aluminum
logo
Vishay Siliconix
30D VISHAY-30D_13 Datasheet
76Kb / 5P
   Aluminum Capacitors 105 °C, Miniature, Axial Lead, General Purpose
Revision: 16-Apr-13
30D VISHAY-30D Datasheet
174Kb / 5P
   Aluminum Capacitors 105 °C, Miniature, Axial Lead, General Purpose
Revision: 22-Jul-08
logo
List of Unclassifed Man...
WBR100-16A ETC2-WBR100-16A Datasheet
163Kb / 2P
   Industrial Grade, Axial Leaded, Aluminum
057152U6R3FE2 ETC2-057152U6R3FE2 Datasheet
175Kb / 4P
   Military Grade, Axial Leaded, Aluminum
logo
Cornell Dubilier Electr...
WBR100-16A CDE-WBR100-16A Datasheet
163Kb / 2P
   Industrial Grade, Axial Leaded, Aluminum
SEK101M6R3ST CDE-SEK101M6R3ST Datasheet
446Kb / 6P
   105 ?C Radial Leaded Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com