Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK010M200ST Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # SK010M200ST
Description  85 ?C Radial Leaded Aluminum Electorlytic Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SK010M200ST Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  SK010M200ST Datasheet HTML 1Page - Cornell Dubilier Electronics SK010M200ST Datasheet HTML 2Page - Cornell Dubilier Electronics SK010M200ST Datasheet HTML 3Page - Cornell Dubilier Electronics SK010M200ST Datasheet HTML 4Page - Cornell Dubilier Electronics SK010M200ST Datasheet HTML 5Page - Cornell Dubilier Electronics SK010M200ST Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type SK 85 ºC Radial Leaded Aluminum Electorlytic Capacitors
Max ESR Max Ripple
Catalog
120 Hz
120 Hz
Size in. (mm)
Cap
Part Number
+25 ºC
+85 ºC
Diameter
Length
Lead Space Lead Dia.
(µF)
(Ω)
(mA)
(D)
(L)
(S)
(d)
6.3 Vdc (8 Volts Surge)
100
SK101M6R3ST
2.92
130
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
220
SK221M6R3ST
1.33
240
.248 (6.3) .433 (11.0)
.098 (2.5)
.0197 (0.5)
330
SK331M6R3ST
0.88
300
.248 (6.3) .433 (11.0)
.098 (2.5)
.0197 (0.5)
470
SK471M6R3ST
0.62
380
.315 (8.0) .453 (11.5)
.138 (3.5)
.0236 (0.6)
1000
SK102M6R3ST
0.29
580
.394 (10.0) .512 (13.0)
.197 (5.0)
.0236 (0.6)
2200
SK222M6R3ST
0.14
1050
.394 (10.0) .827 (21.0)
.197 (5.0)
.0236 (0.6)
3300
SK332M6R3ST
0.10
1250
.512 (13.0) .827 (21.0)
.197 (5.0)
.0236 (0.6)
4700
SK472M6R3ST
0.08
1700
.512 (13.0) .984 (26.0)
.197 (5.0)
.0236 (0.6)
6800
SK682M6R3ST
0.07
1900
.630 (16.0) .984 (25.0)
.295 (7.5)
.0315 (0.8)
10000
SK103M6R3ST
0.05
2250
.630 (16.0) 1.26 (32.0)
.295 (7.5)
.0315 (0.8)
15000
SK153M6R3ST
0.04
2680
.630 (16.0) 1.38 (35.0)
.295 (7.5)
.0315 (0.8)
10 Vdc (13 Volts Surge)
33
SK330M010ST
7.64
80
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
47
SK470M010ST
5.36
95
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
100
SK101M010ST
2.52
180
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
220
SK221M010ST
1.15
250
.248 (6.3) .433 (11.0)
.098 (2.5)
.0197 (0.5)
330
SK331M010ST
0.76
330
.315 (8.0) .433 (11.0)
.138 (3.5)
.0236 (0.6)
470
SK471M010ST
0.54
400
.315 (8.0) .433 (11.0)
.138 (3.5)
.0236 (0.6)
1000
SK102M010ST
0.25
630
.394 (10.0) .630 (16.0)
.197 (5.0)
.0236 (0.6)
2200
SK222M010ST
0.14
1100
.394 (10.0) .827 (21.0)
.197 (5.0)
.0236 (0.6)
3300
SK332M010ST
0.10
1400
.512 (13.0) .827 (21.0)
.197 (5.0)
.0236 (0.6)
4700
SK472M010ST
0.08
1800
.630 (16.0) .984 (25.0)
.295 (7.5)
.0315 (0.8)
6800
SK682M010ST
0.07
2150
.630 (16.0) 1.26 (32.0)
.295 (7.5)
.0315 (0.8)
10000
SK103M010ST
0.05
2500
.709 (18.0) 1.38 (35.0)
.295 (7.5)
.0315 (0.8)
15000
SK153M010ST
0.04
2950
.709 (18.0) 1.65 (42.0)
.295 (7.5)
.0315 (0.8)
16 Vdc (20 Volts Surge)
22
SK220M016ST
9.65
75
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
33
SK330M016ST
6.43
110
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
47
SK470M016ST
4.52
130
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
100
SK101M016ST
2.12
185
.248 (6.3) .433 (11.0)
.098 (2.5)
.0197 (0.5)
220
SK221M016ST
0.97
320
.315 (8.0) .453 (11.5)
.138 (3.5)
.0236 (0.6)
330
SK331M016ST
0.64
360
.315 (8.0) .453 (11.5)
.138 (3.5)
.0236 (0.6)
470
SK471M016ST
0.45
470
.394 (10.0) .512 (13.0)
.197 (5.0)
.0236 (0.6)
1000
SK102M016ST
0.21
790
.394 (10.0) .827 (21.0)
.197 (5.0)
.0236 (0.6)
2200
SK222M016ST
0.14
1350
.512 (13.0) .827 (21.0)
.197 (5.0)
.0236 (0.6)
3300
SK332M016ST
0.10
1700
.512 (13.0) .984 (26.0)
.197 (5.0)
.0236 (0.6)
4700
SK472M016ST
0.08
2100
.630 (16.0) 1.26 (32.0)
.295 (7.5)
.0315 (0.8)
6800
SK682M016ST
0.07
2500
.709 (18.0) 1.38 (35.0)
.295 (7.5)
.0315 (0.8)
10000
SK103M016ST
0.05
2700
.709 (18.0) 1.65 (42.0)
.295 (7.5)
.0315 (0.8)
25 Vdc (32 Volts Surge)
10
SK100M025ST
18.57
50
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
22
SK220M025ST
8.44
90
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
33
SK330M025ST
5.63
110
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
47
SK470M025ST
3.95
130
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
100
SK101M025ST
1.85
185
.248 (6.3) .433 (11.0)
.098 (2.5)
.0197 (0.5)
SK
100
M
100
S
T
Capacitance
Rated
Lead
Type Capacitance Tolerance
Voltage
Packaging
Configuration
(µF)
(%)
(Vdc)
SK
1R0 = 1
K = ±10
6R3 = 6.3 A = Tape & Ammo
1 = Lead cut
100 = 10
M = ±20
010 = 10 E = Different Characteristic
2 = Lead form
101 = 100
100 = 100 R = Tape & Reel
4 = Lead crimp & cut (form)
102 = 1000
S = Standard
T = Standard
Ratings
RoHS Compliant


Similar Part No. - SK010M200ST

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SK010M200ST CDE-SK010M200ST Datasheet
551Kb / 8P
   2000 Hour Long Life, General Purpose Aluminum Electrolytic
More results

Similar Description - SK010M200ST

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SH470M6R3ST CDE-SH470M6R3ST Datasheet
483Kb / 5P
   105 ?CRadial Leaded Aluminum Electorlytic Capacitors
logo
Vishay Siliconix
515D VISHAY-515D Datasheet
101Kb / 9P
   Aluminum Capacitors 85 °C, Miniature, Radial Lead
Revision: 07-Jan-13
515D VISHAY-515D_V01 Datasheet
111Kb / 8P
   Aluminum Capacitors 85 °C, Miniature, Radial Lead
01-Jan-2022
logo
Cornell Dubilier Electr...
SEK101M6R3ST CDE-SEK101M6R3ST Datasheet
446Kb / 6P
   105 ?C Radial Leaded Aluminum Electrolytic Capacitors
LPX391M160A1P3 CDE-LPX391M160A1P3 Datasheet
158Kb / 3P
   85 ?C Radial Snap-In Aluminum Electrolytic Capacitors High Voltage, High Value Radial Leaded Snap-In
logo
AVX Corporation
REF AVX-REF Datasheet
519Kb / 7P
   Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
REH AVX-REH Datasheet
500Kb / 8P
   Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
logo
Panasonic Semiconductor
EEU-FR1A101B PANASONIC-EEU-FR1A101B Datasheet
253Kb / 1P
   Radial Leaded Aluminum Electrolytic Capacitors
EEU-FR1E331 PANASONIC-EEU-FR1E331 Datasheet
253Kb / 1P
   Radial Leaded Aluminum Electrolytic Capacitors
logo
AVX Corporation
REA AVX-REA Datasheet
410Kb / 8P
   Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com