Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GLSZ112L4R7 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # GLSZ112L4R7
Description  SURFCOIL짰 SMT INDUCTORS AND TRANSFORMERS (PROFESSIONAL GRADE)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GLSZ112L4R7 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button GLSZ112L4R7 Datasheet HTML 4Page - List of Unclassifed Manufacturers GLSZ112L4R7 Datasheet HTML 5Page - List of Unclassifed Manufacturers GLSZ112L4R7 Datasheet HTML 6Page - List of Unclassifed Manufacturers GLSZ112L4R7 Datasheet HTML 7Page - List of Unclassifed Manufacturers GLSZ112L4R7 Datasheet HTML 8Page - List of Unclassifed Manufacturers GLSZ112L4R7 Datasheet HTML 9Page - List of Unclassifed Manufacturers GLSZ112L4R7 Datasheet HTML 10Page - List of Unclassifed Manufacturers GLSZ112L4R7 Datasheet HTML 11Page - List of Unclassifed Manufacturers GLSZ112L4R7 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
SURFACE MOUNT INDUCTORS AND TRANSFORMERS
SG-890A
SPRAGUE-GOODMAN ELECTRONICS, INC., 1700 SHAMES DRIVE, WESTBURY, NY 11590 • TEL: 516-334-8700 • FAX: 516-334-8771 • E-MAIL: info@ spraguegoodman.com
9
1
10
100
1000
10000
-14
-12
-6
-4
-2
0
-8
-10
-16
-18
FREQUENCY (MHz)
dB
0.1
-24
-22
-20
-26
1
10
100
1000
10000
-14
-12
-6
-4
-2
0
-8
-10
FREQUENCY (MHz)
dB
0.1
APPLICATIONS
• RF circuits
• Mobile Radio
• Satellite TV
SPECIFICATIONS
Operating Temperature Range: –40°C to +125°C
Soldering Heat Resistance: 230°C, 5 s
SMD DIRECTIONAL COUPLER
5.7 x 5.7 x 4.0 mm — GLSN SERIES
FEATURES
• Compact design
• Suitable for automatic insertion
• For reflow and vapor phase soldering
• Ceramic base
• Terminals are formed from the ends of the coil
windings, eliminating solder joints between the
coil and the terminals which could open from the
heat of circuit assembly.
3 dB
Loss at 20 MHz
Coupling
Band Limits
(dB)
Model
(dB)
(MHz)
max
Number
6
0.8 - 1100
2.8
GLSN2/6D112
8
0.8 - 1200
2.0
GLSN1/8D122
10
0.5 -
900
1.2
GLSN10D901
16
0.5 - 1500
0.6
GLSN16D152
2
4
1
5
3
0.16
± 0.004
4.0
± 0.1
0.22
± 0.006
5.7
± 0.15
0.22
± 0.006
5.7
± 0.15
15
24
3
0.28
7.0
0.079
2.0
PAD LAYOUT
0.047
1.2
0.16
4.0
TYP
TYP
0.08
2.0
All dimensions are in / mm.
Unless otherwise specified, the tolerance on dimensions is ± 0.004 / 0.1.
COUPLING - GLSN16D152
LOSS - GLSN16D152


Similar Part No. - GLSZ112L4R7

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
GLS OMRON-GLS Datasheet
62Kb / 3P
   Magnetic Proximity Sensor
GLS-1 OMRON-GLS-1 Datasheet
62Kb / 3P
   Magnetic Proximity Sensor
GLS-M1 OMRON-GLS-M1 Datasheet
62Kb / 3P
   Magnetic Proximity Sensor
GLS-S1 OMRON-GLS-S1 Datasheet
62Kb / 3P
   Magnetic Proximity Sensor
logo
Greenliant systems
GLS27SF010 GREENLIANT-GLS27SF010 Datasheet
951Kb / 23P
   Many-Time Programmable Flash
More results

Similar Description - GLSZ112L4R7

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
VPH1-1400-R COOPER-VPH1-1400-R Datasheet
444Kb / 8P
   Inductors and Transformers
CTX1-3P-R COOPER-CTX1-3P-R Datasheet
573Kb / 8P
   Power Inductors and Transformers
CTX10-4P COOPER-CTX10-4P Datasheet
461Kb / 8P
   Power Inductors and Transformers
logo
Vishay Siliconix
PE30L0FR472MAB VISHAY-PE30L0FR472MAB Datasheet
177Kb / 6P
   Fully Sealed Potentiometer Military and Professional Grade
Revision: 29-Aug-12
logo
Filtran LTD
8409-XX FILTRAN-8409-XX Datasheet
189Kb / 1P
   SMD Power Inductors and Transformers
logo
Central Technologies
CTCSF CT-CTCSF Datasheet
400Kb / 1P
   Current Sense Transformers and Inductors
logo
Filtran LTD
8417-XX FILTRAN-8417-XX Datasheet
172Kb / 1P
   SMD Power Inductors and Transformers
logo
Pulse A Technitrol Comp...
PA0648NL PULSE-PA0648NL Datasheet
78Kb / 1P
   SMT TRANSFORMERS
PE-68386NL PULSE-PE-68386NL Datasheet
1Mb / 2P
   SMT AND THT GATE DRIVE TRANSFORMERS
logo
Vishay Siliconix
PE30 VISHAY-PE30_08 Datasheet
131Kb / 6P
   Fully Sealed Container Cermet Potentiometer Military and Professional Grade
Revision: 04-Sep-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com