Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSR13J394K Datasheet(PDF) 6 Page - Cornell Dubilier Electronics

Part # CSR13J394K
Description  Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

CSR13J394K Datasheet(HTML) 6 Page - Cornell Dubilier Electronics

  CSR13J394K Datasheet HTML 1Page - Cornell Dubilier Electronics CSR13J394K Datasheet HTML 2Page - Cornell Dubilier Electronics CSR13J394K Datasheet HTML 3Page - Cornell Dubilier Electronics CSR13J394K Datasheet HTML 4Page - Cornell Dubilier Electronics CSR13J394K Datasheet HTML 5Page - Cornell Dubilier Electronics CSR13J394K Datasheet HTML 6Page - Cornell Dubilier Electronics CSR13J394K Datasheet HTML 7Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type CSR13 (MIL-C-39003/01) Solid Tantalum Capacitors
Ratings
*
Failure rate level indicator
(M, P, R, S)
+ D failure rate: Not QPL for +8305 thru +8401
+ C failure rate: Not QPL for +7390 thru +7401
MIL-C-39003/1 (CSR13) Dash Numbers
Max.
Exponential Failure Rate
Weibull Failure Rate
Max
DF
(% per 1000 hours)
(% per 1000 hours)
Catalog
Cap
Case
DCL
@ +25 ºC
'M'
'P'
'R'
'S'
'B'
'C'
'D'
Cap
Part Number
Tol. ±
Code @ +25 ºC 120 Hz
Level
Level
Level
Level
Level
Level
Level
(µF)
(%)
(µA)
(%)
(1.0)
(.10)
(.01)
(.001)
(.10)
(.01)
(.001)
75 WVdc @ +85 ºC — 50 WVdc @ +125 ºC
0.56
CSR13H564K*
10
A
0.3
2
2396
2636
2876
3116
6260
7260
8260
0.68
CSR13H684K*
10
A
0.3
2
2397
2637
2877
3117
6262
7262
8262
0.82
CSR13H824K*
10
B
0.3
2
2399
2639
2879
3119
6265
7265
8265
1.0
CSR13H105K*
10
B
0.3
2
2400
2640
2880
3120
6267
7267
8267
1.0
CSR13H105M*
20
B
0.3
2
2401
2641
2881
3121
6268
7268
8268
1.2
CSR13H125K*
10
B
0.3
4
2402
2642
2882
3122
6270
7270
8270
1.5
CSR13H155K*
10
B
0.6
4
2403
2643
2883
3123
6272
7272
8272
1.5
CSR13H155M*
20
B
0.6
4
2404
2644
2884
3124
6273
7273
8273
1.8
CSR13H185K*
10
B
0.7
4
2405
2645
2885
3125
6275
7275
8275
2.2
CSR13H225K*
10
B
0.8
4
2406
2646
2886
3126
6277
7277
8277
2.2
CSR13H225M*
20
B
0.8
4
2407
2647
2887
3127
6278
7278
8278
2.7
CSR13H275K*
10
B
1.0
4
2408
2648
2888
3128
6280
7280
8280
3.3
CSR13H335K*
10
B
1.2
4
2409
2649
2889
3129
6282
7282
8282
3.3
CSR13H335M*
20
B
1.2
4
2410
2650
2890
3130
6283
7283
8283
3.9
CSR13H395K*
10
B
1.5
4
2411
2651
2891
3131
6285
7285
8285
4.7
CSR13H475K*
10
C
3
4
2412
2652
2892
3132
6287
7287
8287
4.7
CSR13H475M*
20
C
3
4
2413
2653
2893
3133
6288
7288
8288
5.6
CSR13H565K*
10
C
3
4
2414
2654
2894
3134
6290
7290
8290
6.8
CSR13H685K*
10
C
5
4
2415
2655
2895
3135
6292
7292
8292
6.8
CSR13H685M*
20
C
5
4
2416
2656
2896
3136
6293
7293
8293
8.2
CSR13H825K*
10
C
5
4
2417
2657
2897
3137
6295
7295
8295
10
CSR13H106K*
10
C
5
4
2418
2658
2898
3138
6297
7297
8297
10
CSR13H106M*
20
C
5
4
2419
2659
2899
3139
6298
7298
8298
12
CSR13H126K*
10
D
5
4
2420
2660
2900
3140
6300
7300
8300
15
CSR13H156K*
10
D
7
4
2421
2661
2901
3141
6302
7302
8302
15
CSR13H156M*
20
D
7
4
2422
2662
2902
3142
6303
7303
8303
100 WVdc @ +85 ºC — 67 WVdc @ +125 ºC
0.0047 CSR13J472K*
10
A
0.3
2
2423
2663
2903
3143
6305
7305
+8305
0.0047 CSR13J472M*
20
A
0.3
2
2424
2664
2904
3144
6306
7306
+8306
0.0056 CSR13J562K*
10
A
0.3
2
2425
2665
2905
3145
6308
7308
+8308
0.0068 CSR13J682K*
10
A
0.3
2
2426
2666
2906
3146
6310
7310
+8310
0.0068 CSR13J682M*
20
A
0.3
2
2427
2667
2907
3147
6311
7311
+8311
0.0082 CSR13J822K*
10
A
0.3
2
2428
2668
2908
3148
6313
7313
+8313
0.010
CSR13J103K*
10
A
0.3
2
2429
2669
2909
3149
6315
7315
+8315
0.010
CSR13J103M*
20
A
0.3
2
2430
2670
2910
3150
6316
7316
+8316
0.012
CSR13J123K*
10
A
0.3
2
2431
2671
2911
3151
6318
7318
+8318


Similar Part No. - CSR13J394K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
CSR13B553JA KEMET-CSR13B553JA Datasheet
568Kb / 38P
   TANTALUM HERMETICALLY SEALED
CSR13B553JB KEMET-CSR13B553JB Datasheet
568Kb / 38P
   TANTALUM HERMETICALLY SEALED
CSR13B553JC KEMET-CSR13B553JC Datasheet
568Kb / 38P
   TANTALUM HERMETICALLY SEALED
CSR13B553JD KEMET-CSR13B553JD Datasheet
568Kb / 38P
   TANTALUM HERMETICALLY SEALED
CSR13B553JM KEMET-CSR13B553JM Datasheet
568Kb / 38P
   TANTALUM HERMETICALLY SEALED
More results

Similar Description - CSR13J394K

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
CSR21 CDE-CSR21 Datasheet
326Kb / 2P
   Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
CSR23 CDE-CSR23 Datasheet
376Kb / 3P
   Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
TAS225K006P1A CDE-TAS225K006P1A Datasheet
681Kb / 5P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
THF157K006P1F CDE-THF157K006P1F Datasheet
233Kb / 2P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
THF CDE-THF Datasheet
204Kb / 3P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TXA825K006P1A CDE-TXA825K006P1A Datasheet
316Kb / 3P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TAS225K006P1A CDE-TAS225K006P1A_16 Datasheet
139Kb / 6P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TAC335K006P01 CDE-TAC335K006P01 Datasheet
196Kb / 4P
   Molded, Axial Leaded Solid Tantalum Capacitors
logo
Vishay Siliconix
CX06 VISHAY-CX06 Datasheet
48Kb / 3P
   Subminiature, Leaded Solid Tantalum Capacitors
Revision 13-Jun-02
CX16 VISHAY-CX16 Datasheet
73Kb / 3P
   Subminiature, Leaded Solid Tantalum Capacitors
Revision 17-Apr-02
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com