Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GVD1211-001 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # GVD1211-001
Description  SUPER HYPERABRUPT TUNING VARACTOR DIODES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GVD1211-001 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  GVD1211-001 Datasheet HTML 1Page - List of Unclassifed Manufacturers GVD1211-001 Datasheet HTML 2Page - List of Unclassifed Manufacturers GVD1211-001 Datasheet HTML 3Page - List of Unclassifed Manufacturers GVD1211-001 Datasheet HTML 4Page - List of Unclassifed Manufacturers GVD1211-001 Datasheet HTML 5Page - List of Unclassifed Manufacturers GVD1211-001 Datasheet HTML 6Page - List of Unclassifed Manufacturers GVD1211-001 Datasheet HTML 7Page - List of Unclassifed Manufacturers GVD1211-001 Datasheet HTML 8Page - List of Unclassifed Manufacturers GVD1211-001 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
D TYP
M
L
TERMINATIONS (GOLD PLATED)
BOTTOM VIEW
MOUNTING PAD LAYOUT
A
TOP VIEW
B
DOT INDICATES
CATHODE END
C1
SIDE VIEW FOR - 01__
EPOXY
ENCAPSULANT
EPOXY
ENCAPSULANT
C2
SIDE VIEW FOR - 11__
K TYP
5
SPRAGUE-GOODMAN ELECTRONICS, INC., 1700 SHAMES DRIVE, WESTBURY, NY 11590 • TEL: 516-334-8700 • FAX: 516-334-8771 • E-MAIL: info@ spraguegoodman.com
Total
Total
Total
Total
Capacitance
Capacitance
Capacitance
Capacitance
Q min
CT (pF) at –1 V
CT (pF) at –2.5 V
CT (pF) at –4 V
CT (pF) at –8 V
at –4 V
Model
min
min
max
max
max
(50 MHz)
Number*
36.0
18.0
27.0
12.0
6.2
400
GVD90001 – ___
26.0
13.0
20.0
9.0
4.7
500
GVD90002 – ___
17.0
8.5
13.0
6.0
3.2
600
GVD90003 – ___
13.0
6.5
10.0
4.5
2.7
750
GVD90004 – ___
9.0
4.5
6.5
3.0
1.7
900
GVD90005 – ___
4.0
2.0
3.0
1.5
1.0
1200
GVD90006 – ___
1.8
1.1
1.5
0.8
0.55
1400
GVD90007 – ___
1.2
0.8
1.1
0.6
0.45
1600
GVD90008 – ___
0.6
0.5
0.8
0.4
0.35
1800
GVD90009 – ___
SUPER HYPERABRUPT TUNING VARACTOR DIODES
Surface Mount Low Parasitic Package (SMLP)
APPLICATIONS
• PCS
• WANS
• DECT
• GSM
• TAGS
• AMPS
• Cellular
SPECIFICATIONS
Reverse breakdown voltage at 10 µA DC
(at 25°C): 12 V min
Maximum reverse leakage current at –10 V
(at 25°C): 0.05 µA DC
Device dissipation at 25°C: 250 mW (derated
linearly to zero at +125°C)
Operating junction temperature: –65°C to +125°C
Storage temperature: –65°C to +125°C
All dimensions are in / mm.
Unless otherwise specified, the tolerance on dimensions is ± 0.003/ 0.08.
Note: An SMLP package with three terminations sized to fit the pad layout for an SOT-23 package is also available. This
package can be used for multiple diode designs (such as common cathode or common anode). Contact factory
for the three-terminal SMLP outline drawing, and for further information on the multiple diode configurations.
FEATURES
• Mesa epitaxial silicon construction
• Silicon dioxide passivated
• Fits footprint for SOD-323, SOD-123 and smaller
• High frequency (VHF to 8 GHz)
• Available on carrier and reel
• Available in chip form (add suffix -000)
• Two package styles including lower cost, flat
top version
• Alternate notched termination version available,
contact factory for outline drawing
VARACTOR DIODES
SG-950
Dash
No.
AB
C1
C2
DK
L
M
- 011
0.10
0.050 0.035 0.050
0.015 ± 0.004
0.030 0.070 0.112
- 111
2.5
1.3
0.89
1.3
0.38 ± 0.1
0.76
1.8
2.84
- 012
0.12
0.060 0.035 0.050
0.020 ± 0.005
0.030 0.080 0.132
- 112
3.0
1.5
0.89
1.3
0.51 ± 0.1
0.76
2.0
3.35
- 013
0.200 0.100 0.035 0.050
0.020 ± 0.005
0.030 0.120 0.212
- 113
5.08
2.54
0.89
1.3
0.51 ± 0.1
0.76
3.05
5.38
- 014
0.075 0.050 0.035 0.050
0.015 ± 0.004
0.030 0.070 0.087
- 114
1.9
1.3
0.89
1.3
0.38 ± 0.1
0.76
1.8
2.2
- 015
0.062 0.042 0.030 0.050
0.011 ± 0.003
0.020 0.060 0.072
- 115
1.6
1.1
0.76
1.3
0.28 ± 0.08
0.51
1.5
1.8
* For complete model number, select “Dash No.” from chart below.


Similar Part No. - GVD1211-001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GVD-1010-40 ETC2-GVD-1010-40 Datasheet
231Kb / 2P
   Vibration and shock absorbing Dampers
GVD-1010-55 ETC2-GVD-1010-55 Datasheet
231Kb / 2P
   Vibration and shock absorbing Dampers
GVD-1012-40 ETC2-GVD-1012-40 Datasheet
231Kb / 2P
   Vibration and shock absorbing Dampers
GVD-1012-55 ETC2-GVD-1012-55 Datasheet
231Kb / 2P
   Vibration and shock absorbing Dampers
GVD-1016-40 ETC2-GVD-1016-40 Datasheet
231Kb / 2P
   Vibration and shock absorbing Dampers
More results

Similar Description - GVD1211-001

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMV2026 SKYWORKS-SMV2026 Datasheet
596Kb / 7P
   Surface Mount, Silicon Hyperabrupt Tuning Varactor Diodes
logo
Alpha Industries
SMV1283-011 ALPHA-SMV1283-011 Datasheet
21Kb / 2P
   Hyperabrupt Junction Tuning Varactor
logo
Skyworks Solutions Inc.
SMV1135-004 SKYWORKS-SMV1135-004 Datasheet
119Kb / 4P
   Hyperabrupt Junction Tuning Varactor
SMVA1211-001LF SKYWORKS-SMVA1211-001LF Datasheet
541Kb / 6P
   Hyperabrupt Junction Tuning Varactor
SMVA1470-004LF SKYWORKS-SMVA1470-004LF Datasheet
447Kb / 6P
   Hyperabrupt Junction Tuning Varactor
SMVA1705-004LF SKYWORKS-SMVA1705-004LF Datasheet
538Kb / 6P
   Hyperabrupt Junction Tuning Varactor
SMV1145-079LF SKYWORKS-SMV1145-079LF_15 Datasheet
600Kb / 6P
   Hyperabrupt Junction Tuning Varactor
SMV2025 SKYWORKS-SMV2025 Datasheet
593Kb / 7P
   Surface Mount, Silicon Hyperabrupt Tuning Varactor Diodes
SMV1245-011 SKYWORKS-SMV1245-011 Datasheet
115Kb / 4P
   Hyperabrupt Junction Tuning Varactor
SMV1269-074 SKYWORKS-SMV1269-074 Datasheet
116Kb / 4P
   Hyperabrupt Junction Tuning Varactor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com