Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMABS47K-F Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # MMABS47K-F
Description  Metallized Polyester Capacitors Oval Axial Leaded Capacitors for AC Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

MMABS47K-F Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  MMABS47K-F Datasheet HTML 1Page - Cornell Dubilier Electronics MMABS47K-F Datasheet HTML 2Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Type MMA Metallized Polyester Capacitors
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Oval Axial Leaded Capacitors for AC Applications
Type MMA oval axial-leaded metallized polyester
capacitors are designed for AC applications. It is con-
structed with a UL 94V-0 flame retardant outer wrap
and has secure epoxy end seals to resist moisture. The
metallized polyester dielectric is self-healing, has a low
DF and is crona free at high AC voltages. The Type
MMA is the axial leaded alternative to Type DMMA
for medium current and AC applications, This non-
protected film capacitor has Underwriters Laboratories,
Inc. recognition for onstruction only under U.L.
File
Number 128034(N).
Highlights
• Low ESR and DF
• Medium current
• AC applications
Specifications
Capacitance Range:
Voltage Range:
Capacitance Tolerance:
Temperature Range:
Dielectric Strength:
Dissipation factor:
Insulation Resistance:
Lift Test:
.01 µF to 5.0 µF
125 to 480 Vac, 60 Hz (250 to 1000 Vdc)
±10% standard, ±5% optional
–55 ºC to 125 ºC with full rated voltage at 85 ºC
derate lineraly to 50% of rated voltage at 125 ºC
200% of rated voltagefor 1 minute
.60% Max. (25 ºC, 1kHz)
10,000 MΩ x µF, 30,000 MΩ Min.
500 hours at 85 ºC at 115% rated voltage
Pulse Rating
Outline Drawing
NOTE: Other capacitance values, sizes and performance specification
are available. Contact us.
Ratings
Pulse Capability
Body Length
Rated
.875
1.000 - 1.250 1.312 - 1.500 ≥1.750
Voltage
dV/dt — volts per microsecond, maximum
125
34
16
9
240
46
22
12
360
111
72
42
29
480
222
122
65
36
Cap
Catalog
T
W
L
d
(µF) Part Number Inches (mm) Inches (mm) Inches (mm) Inches (mm)
125 Vac (250 Vdc)
.047 MMAAS47K-F .177 (4.5)
.275 (7.0) .562 (14.3)
.020 (.5)
.068 MMAAS68K-F .166 (4.2)
.264 (6.7) .687 (17.4)
.020 (.5)
.10 MMAAP1K-F
.186 (4.7)
.311 (7.9)
.687 (17.4)
.024 (.6)
.15 MMAAP15K-F .228 (5.8)
.353 (9.0) .687 (17.4)
.024 (.6)
.22 MMAAP22K-F .276 (7.0) .401 (10.2) .687 (17.4)
.024 (.6)
Cap
Catalog
T
W
L
d
(µF)
Part Number Inches (mm) Inches (mm) Inches (mm) Inches (mm)
125 Vac (250 Vdc)
.33 MMAAP33K-F
.339 (8.6) .464 (11.8) .687 (17.4)
.024 (.6)
.47 MMAAP47K-F
.285 (7.2) .410 (10.4) 1.000 (25.4) .024 (.6)
.68 MMAAP68K-F
.344 (8.7) .469 (11.9) 1.000 (25.4) .032 (.8)
1.00 MMAAW1K-F
.407 (10.3) .572 (14.5) 1.062 (27.0) .032 (.8)
1.50 MMAAW1P5K-F .431 (10.9) .611 (15.5) 1.250 (31.7) .032 (.8)
1.375” MIN.
(35mm)
L
MAX.
“d”
T
MAX.
W MAX.
RoHS Compliant


Similar Part No. - MMABS47K-F

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
MMA TELEDYNE-MMA Datasheet
474Kb / 5P
   Controlled with USB or Ethernet
logo
M-System Co.,Ltd.
MMA MSYSTEM-MMA Datasheet
106Kb / 3P
   Lightning Surge Protectors for Electronics Equipment M-RESTER
logo
Sensata Technologies, I...
MMA SENSATA-MMA Datasheet
158Kb / 3P
   INVERTER/CHARGER
Rev: 07/20/19
logo
Vishay Siliconix
MMA-0204 VISHAY-MMA-0204 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMA-0204 VISHAY-MMA-0204 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
More results

Similar Description - MMABS47K-F

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
102MWR630K ILLINOISCAPACITOR-102MWR630K_13 Datasheet
328Kb / 3P
   Axial leaded metallized polyester film capacitors
102MTR102KA ILLINOISCAPACITOR-102MTR102KA Datasheet
379Kb / 4P
   Axial Leaded Metallized Polyester Film Capacitors Reduced Size
102MTR102KA ILLINOISCAPACITOR-102MTR102KA_13 Datasheet
538Kb / 4P
   Reduced size Axial leaded metallized polyester film capacitors
103MSR400K ILLINOISCAPACITOR-103MSR400K_13 Datasheet
238Kb / 2P
   Radial leaded metallized polyester film capacitors
223MTB102KE ILLINOISCAPACITOR-223MTB102KE_13 Datasheet
379Kb / 4P
   Radial leaded metallized polyester film capacitors
103MMR250K ILLINOISCAPACITOR-103MMR250K_13 Datasheet
226Kb / 2P
   Radial leaded metallized polyester film capacitors
logo
Cornell Dubilier Electr...
150154J63AA1 CDE-150154J63AA1 Datasheet
172Kb / 4P
   Type 150 Axial Leaded Metallized Polyester
logo
DB Lectro Inc
MPC DBLECTRO-MPC Datasheet
178Kb / 2P
   Metallized Polyester Film Capacitor (Axial and Oval)
logo
Illinois Capacitor, Inc...
102MPW630K ILLINOISCAPACITOR-102MPW630K_13 Datasheet
252Kb / 2P
   Axial leaded metallized polypropylene film capacitors
105MPH100K ILLINOISCAPACITOR-105MPH100K_13 Datasheet
204Kb / 2P
   Axial leaded metallized polypropylene film capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com