Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SH101M160ST Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # SH101M160ST
Description  105 ?CRadial Leaded Aluminum Electorlytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SH101M160ST Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  SH101M160ST Datasheet HTML 1Page - Cornell Dubilier Electronics SH101M160ST Datasheet HTML 2Page - Cornell Dubilier Electronics SH101M160ST Datasheet HTML 3Page - Cornell Dubilier Electronics SH101M160ST Datasheet HTML 4Page - Cornell Dubilier Electronics SH101M160ST Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type SH 105 ºC Radial Leaded Aluminum Electorlytic Capacitors
Ratings
Max ESR Max Ripple
Catalog
120 Hz
120 Hz
Size in. (mm)
Cap
Part Number
25 ºC
105 ºC
Diameter
Length
Lead Space Lead Dia.
(µF)
(Ω)
(mA)
(D)
(L)
(S)
(d)
35 Vdc (44 Volts Surge)
10
SH100M035ST
18.58
40
.197 (5.0)
.433 (11.0)
.079 (2.0)
.0197 (0.5)
22
SH220M035ST
8.44
65
.236 (6.0)
.433 (11.0)
.098 (2.5)
.0197 (0.5)
33
SH330M035ST
5.63
85
.236 (6.0)
.433 (11.0)
.098 (2.5)
.0197 (0.5)
47
SH470M035ST
3.95
115
.236 (6.0)
.433 (11.0)
.138 (3.5)
.0197 (0.5)
100
SH101M035ST
1.86
190
.315 (8.0)
.453 (11.5)
.138 (3.5)
.0236 (0.6)
220
SH221M035ST
0.84
315
.394 (10.0) .472 (12.0)
.197 (5.0)
.0236 (0.6)
330
SH331M035ST
0.56
440
.394 (10.0) .630 (16.0)
.197 (5.0)
.0236 (0.6)
470
SH471M035ST
0.40
580
.512 (13.0)
.787 (20.0)
.197 (5.0)
.0236 (0.6)
1000
SH102M035ST
0.19
995
.512 (13.0) .984 (25.0)
.197 (5.0)
.0315 (0.8)
2200
SH222M035ST
0.10
1450
.630 (16.0) 1.26 (32.0)
.295 (7.5)
.0315 (0.8)
3300
SH332M035ST
0.07
1660
.709 (18.0) 1.40 (36.0)
.295 (7.5)
.0315 (0.8)
50 Vdc (63 Volts Surge)
0.47
SHR47M050ST
338.80
7.0
.197 (5.0)
.433 (11.0)
.079 (2.0)
.0197 (0.5)
1.0
SH010M050ST
159.24
12.0
.197 (5.0)
.433 (11.0)
.079 (2.0)
.0197 (0.5)
2.2
SH2R2M050ST
72.38
18.0
.197 (5.0)
.433 (11.0)
.079 (2.0)
.0197 (0.5)
3.3
SH3R3M050ST
48.25
25.0
.197 (5.0)
.433 (11.0)
.079 (2.0)
.0197 (0.5)
4.7
SH4R7M050ST
33.88
30.0
.197 (5.0)
.433 (11.0)
.079 (2.0)
.0197 (0.5)
10
SH100M050ST
15.92
50.0
.197 (5.0)
.433 (11.0)
.079 (2.0)
.0197 (0.5)
22
SH220M050ST
7.24
75.0
.197 (5.0)
.433 (11.0)
.079 (2.0)
.0197 (0.5)
33
SH330M050ST
4.83
105.0
.236 (6.0)
.433 (11.0)
.098 (2.5)
.0197 (0.5)
47
SH470M050ST
3.39
125.0
.315 (8.0)
.453 (11.5)
.138 (3.5)
.0197 (0.5)
100
SH101M050ST
1.59
210.0
.394 (10.0) .472 (12.0)
.197 (5.0)
.0236 (0.6)
220
SH221M050ST
0.72
400.0
.394 (10.0) .630 (16.0)
.197 (5.0)
.0236 (0.6)
330
SH331M050ST
0.48
535.0
.394 (10.0)
.787 (20.0)
.197 (5.0)
.0236 (0.6)
470
SH471M050ST
0.34
730.0
.512 (13.0)
.787 (20.0)
.197 (5.0)
.0236 (0.6)
1000
SH102M050ST
0.16
1110.0
.630 (16.0) .984 (25.0)
.295 (7.5)
.0315 (0.8)
2200
SH222M050ST
0.08
1530.0
.709 (18.0) 1.40 (36.0)
.295 (7.5)
.0315 (0.8)
63 Vdc (79 Volts Surge)
4.7
SH4R7M063ST
28.23
34
.197 (5.0)
.433 (11.0)
.079 (2.0)
.0197 (0.5)
10
SH100M063ST
13.27
55
.197 (5.0)
.433 (11.0)
.079 (2.0)
.0197 (0.5)
22
SH220M063ST
6.03
90
.236 (6.0)
.433 (11.0)
.138 (3.5)
.0197 (0.5)
33
SH330M063ST
4.02
110
.315 (8.0)
.453 (11.5)
.138 (3.5)
.0197 (0.5)
47
SH470M063ST
2.82
155
.315 (8.0)
.453 (11.5)
.138 (3.5)
.0236 (0.6)
100
SH101M063ST
1.33
260
.394 (10.0) .472 (12.0)
.197 (5.0)
.0236 (0.6)
220
SH221M063ST
0.60
460
.394 (10.0)
.787 (20.0)
.197 (5.0)
.0236 (0.6)
330
SH331M063ST
0.40
650
.512 (13.0)
.787 (20.0)
.197 (5.0)
.0236 (0.6)
470
SH471M063ST
0.28
800
.512 (13.0) .984 (25.0)
.295 (7.5)
.0315 (0.8)
1000
SH102M063ST
0.13
1200
.630 (16.0) 1.26 (32.0)
.295 (7.5)
.0315 (0.8)
100 Vdc (300 Volts Surge)
0.47
SHR47M100ST
282.33
10
.197 (5.0)
.433 (11.0)
.079 (2.0)
.0197 (0.5)
1.0
SH010M100ST
132.70
15
.197 (5.0)
.433 (11.0)
.079 (2.0)
.0197 (0.5)
2.2
SH2R2M100ST
60.32
22
.197 (5.0)
.433 (11.0)
.079 (2.0)
.0197 (0.5)
3.3
SH3R3M100ST
40.21
29
.197 (5.0)
.433 (11.0)
.079 (2.0)
.0197 (0.5)
4.7
SH4R7M100ST
28.23
37
.197 (5.0)
.433 (11.0)
.079 (2.0)
.0197 (0.5)
10.0
SH100M100ST
13.27
65
.236 (6.0)
.433 (11.0)
.138 (3.5)
.0197 (0.5)


Similar Part No. - SH101M160ST

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SH101M160ST CDE-SH101M160ST Datasheet
364Kb / 7P
   2000 Hour Long Life, Aluminum Electrolytic
More results

Similar Description - SH101M160ST

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SK101M6R3ST CDE-SK101M6R3ST Datasheet
434Kb / 6P
   85 ?C Radial Leaded Aluminum Electorlytic Capacitors
SEK101M6R3ST CDE-SEK101M6R3ST Datasheet
446Kb / 6P
   105 ?C Radial Leaded Aluminum Electrolytic Capacitors
TCX103U010L3C CDE-TCX103U010L3C Datasheet
210Kb / 2P
   105 쨘C, Axial Leaded Aluminum Electrolytic Capacitors Extended Life Computer Grade Capacitor
057152U6R3FE2 CDE-057152U6R3FE2 Datasheet
175Kb / 4P
   Type 057 105 째C Military Grade, Axial Leaded, Aluminum
logo
Vishay Siliconix
81D VISHAY-81D Datasheet
348Kb / 5P
   Aluminum Capacitors 105 °C, Snap-In
Revision: 25-Aug-08
logo
Cornell Dubilier Electr...
SKA470M6R3 CDE-SKA470M6R3 Datasheet
387Kb / 3P
   Axial Leaded Aluminum Electrolytic Capacitors
logo
AVX Corporation
REF AVX-REF Datasheet
519Kb / 7P
   Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
REH AVX-REH Datasheet
500Kb / 8P
   Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
logo
Panasonic Semiconductor
EEU-FR1A101B PANASONIC-EEU-FR1A101B Datasheet
253Kb / 1P
   Radial Leaded Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
81DA VISHAY-81DA_08 Datasheet
321Kb / 4P
   Aluminum Capacitors 105 °C, Snap-In
Revision: 26-Aug-08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com