Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M60U33M50-F Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # M60U33M50-F
Description  Y5U Multilayer Ceramic Capacitors Radial Leaded Noise Suppressor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

M60U33M50-F Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  M60U33M50-F Datasheet HTML 1Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type M60 Y5U Multilayer Ceramic Capacitors
Radial Leaded Noise Suppressor
The Type M60 conformally coated radial leaded mul-
tilayer ceramic capacitor is constructed with a general
purpose Y5U material that has a maximum operating
temperature from –55 ºC to +125 ºC. It is excellent for
noise suppression in automotive applications.
Highlights
Conformally coated, radial leaded
Ultra high insulation resistance
Ultra High withstand voltage
Excellent for noise suppression
Great for automotive ignition noise suppression
Specifications
Capacitance Range:
Voltage Range:
Capacitance Tolerance:
Temperature Coefficient:
Maximum Operating Temperature:
Dissipation Factor:
Insulation Resistance:
Withstand Voltage:
Available in Tape and Ammo Pack Configuration:
Maximum Ripple Current:
0.1 µF to 100 µF
25, 50, 100, 250 WVdc
±20%
Y5U
–55 ºC to +125 ºC
2.5%
≥1000 Ω x µF or 10,000 MΩ whichever is less
250% of rated voltage is applied for 1 to 5 sec.
Add ‘TA’ to end of catalog part number
Length .200 .248
.295
.394 .531 .886 1.12
Arms
0.3
0.8
1.0
1.5
2.0
3.0
4.0
Ratings
Catalog
Cap Voltage Temp.
Size (Inches)
Catalog
Cap Voltage Temp.
Size (Inches)
Part Number
µF
Vdc
Coeff.
L
H
T
S
d
Part Number
µF
Vdc
Coeff.
L
H
T
S
d
M60UR68M25-F .68
25
Y5U
.200 .177 .138 .197 .020
M60UR10M100-F .10
100
Y5U .200 .177 .138 .197 .020
M60U1M25-F
1.0
25
Y5U
.200 .177 .138 .197 .020
M60UR15M100-F .15
100
Y5U .200 .177 .138 .197 .020
M60U1R5M25-F 1.5
25
Y5U
.248 .197 .157 .197 .020
M60UR22M100-F .22
100
Y5U .200 .177 .138 .197 .020
M60U2R2M25-F 2.2
25
Y5U
.248 .197 .157 .197 .020
M60UR33M100-F .33
100
Y5U .248 .197 .157 .197 .020
M60U3R3M25-F 3.3
25
Y5U
.295 .295 .157 .197 .020
M60UR47M100-F .47
100
Y5U .248 .197 .157 .197 .020
M60U4R7M25-F 4.7
25
Y5U
.295 .295 .157 .197 .020
M60UR68M100-F .68
100
Y5U .295 .295 .157 .197 .020
M60U6R8M25-F 6.8
25
Y5U
.394 .394 .197 .197 .020
M60U1M100-F
1.0
100
Y5U .295 .295 .157 .197 .020
M60U10M25-F
10
25
Y5U
.394 .394 .197 .197 .020
M60U1R5M100-F 1.5
100
Y5U .295 .295 .157 .197 .020
M60U15M25-F
15
25
Y5U
.531 .531 .216 .394 .024
M60U2R2M100-F 2.2
100
Y5U .394 .394 .197 .197 .020
M60U22M25-F
22
25
Y5U
.531 .531 .216 .394 .024
M60U3R3M100-F 3.3
100
Y5U .394 .394 .197 .197 .020
M60U33M25-F
33
25
Y5U
.866 .689 .335 .787 .031
M60U4R7M100-F 4.7
100
Y5U .531 .531 .216 .394 .024
M60U47M25-F
47
25
Y5U
.866 .689 .335 .787 .031
M60U6R8M100-F 6.8
100
Y5U .531 .531 .216 .394 .024
M60U68M25-F
68
25
Y5U 1.120 .689 .335 .984 .031
M60U10M100-F
10
100
Y5U .866 .689 .335 .787 .031
M60U100M25-F 100
25
Y5U 1.120 .689 .335 .984 .031
M60U15M100-F
15
100
Y5U .866 .689 .335 .787 .031
M60UR10M50-F .10
50
Y5U
.200 .177 .138 .197 .020
M60U22M100-F
22
100
Y5U 1.120 .689 .335 .984 .031
M60UR47M50-F .47
50
Y5U
.200 .177 .138 .197 .050
M60U33M100-F
33
100
Y5U 1.120 .689 .335 .984 .031
M60UR68M50-F .68
50
Y5U
.248 .197 .157 .197 .020
M60UR10M250-F .10
250
Y5U .248 .197 .157 .197 .020
M60U1M50-F
1.0
50
Y5U
.248 .197 .157 .197 .020
M60UR15M250-F .15
250
Y5U .248 .197 .157 .197 .020
M60U1R5M50-F 1.5
50
Y5U
.295 .295 .157 .197 .020
M60UR22M250-F .22
250
Y5U .295 .295 .157 .197 .020
M60U3R3M50-F 3.3
50
Y5U
.295 .295 .157 .197 .020
M60UR33M250-F .33
250
Y5U .295 .295 .157 .197 .020
M60U4R7M50-F 4.7
50
Y5U
.394 .394 .197 .197 .020
M60UR47M250-F .47
250
Y5U .394 .394 .197 .197 .020
M60U6R8M50-F 6.8
50
Y5U
.394 .394 .197 .197 .020
M60UR68M250-F .68
250
Y5U .394 .394 .197 .197 .020
M60U10M50-F
10
50
Y5U
.531 .531 .216 .394 .024
M60U1M250-F
1.0
250
Y5U .531 .531 .216 .394 .024
M60U15M50-F
15
50
Y5U
.531 .531 .216 .394 .024
M60U1R5M250-F 1.5
250
Y5U .531 .531 .216 .394 .024
M60U22M50-F
22
50
Y5U
.866 .689 .335 .787 .031
M60U2R2M250-F 2.2
250
Y5U .866 .689 .335 .787 .031
M60U33M50-F
33
50
Y5U
.866 .689 .335 .787 .031
M60U3R3M250-F 3.3
250
Y5U .866 .689 .335 .787 .031
M60U47M50-F
47
50
Y5U 1.120 .689 .335 .984 .031
M60U4R7M250-F 4.7
250
Y5U 1.120 .689 .335 .984 .031
M60U68M50-F
68
50
Y5U 1.120 .689 .335 .984 .031
M60U6R8M250-F 6.8
250
Y5U 1.120 .689 .335 .984 .031
Length
Qty Per Box
'TA' Ammo Pack, Full Boxes Only
.200
2,000
Not available in larger sizes
.248
2,000
.394
1,500
RoHS Compliant


Similar Part No. - M60U33M50-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M60 ETC1-M60 Datasheet
102Kb / 1P
   DOOR BELL DUAL TONE
logo
MOSDESIGN SEMICONDUCTOR...
M60 MOSDESIGN-M60 Datasheet
101Kb / 2P
   DOOR BELL DUAL TONE
2011-05-27
logo
Everlight Electronics C...
M600 EVERLIGHT-M600 Datasheet
447Kb / 13P
   5 PIN SOP HIGH SPEED
M600 EVERLIGHT-M600 Datasheet
593Kb / 13P
   5 PIN SOP HIGH SPEED 10MBit/s LOGIC GATE PHOTOCOUPLER
logo
Heyco.
M6000 HEYCO-M6000 Datasheet
307Kb / 1P
   HEYbrid™ Stainless Steel Liquid Tight Cordgrips
More results

Similar Description - M60U33M50-F

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C320C106K3R5TA7301 KEMET-C320C106K3R5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C320C153J5G5TA7301 KEMET-C320C153J5G5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C335C225M5U5TA7303 KEMET-C335C225M5U5TA7303 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C052K102K2X5CA KEMET-C052K102K2X5CA Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C104K5R5TA7301 KEMET-C322C104K5R5TA7301 Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C317C104M5U5TA KEMET-C317C104M5U5TA Datasheet
234Kb / 11P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C333C105M5U5TA KEMET-C333C105M5U5TA Datasheet
900Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C222J1G5CA KEMET-C322C222J1G5CA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C340C104K2R5CA KEMET-C340C104K2R5CA Datasheet
900Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C102J1G5CA KEMET-C322C102J1G5CA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL& RADIAL LEADED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com