Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SH470M160ST Datasheet(PDF) 5 Page - Cornell Dubilier Electronics

Part # SH470M160ST
Description  105 ?CRadial Leaded Aluminum Electorlytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SH470M160ST Datasheet(HTML) 5 Page - Cornell Dubilier Electronics

  SH470M160ST Datasheet HTML 1Page - Cornell Dubilier Electronics SH470M160ST Datasheet HTML 2Page - Cornell Dubilier Electronics SH470M160ST Datasheet HTML 3Page - Cornell Dubilier Electronics SH470M160ST Datasheet HTML 4Page - Cornell Dubilier Electronics SH470M160ST Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type SH 105 ºC Radial Leaded Aluminum Electorlytic Capacitors
Ratings
* Over 160 Vdc the ripple is measured at 85 ºC
Max ESR Max Ripple
Catalog
120 Hz
120 Hz
Size in. (mm)
Cap
Part Number
25 ºC
105 ºC
Diameter
Length
Lead Space Lead Dia.
(µF)
(Ω)
(mA)
(D)
(L)
(S)
(d)
100 Vdc (300 Volts Surge)
22.0
SH220M100ST
6.03
115
.315 (8.0) .453 (11.5)
.138 (3.5)
.0236 (0.6)
33.0
SH330M100ST
4.02
160
.394 (10.0) .472 (12.0)
.197 (5.0)
.0236 (0.6)
47.0
SH470M100ST
2.82
210
.394 (10.0) .630 (16.0)
.197 (5.0)
.0236 (0.6)
100.0
SH101M100ST
1.33
385
.512 (13.0) .787 (20.0)
.197 (5.0)
.0236 (0.6)
220.0
SH221M100ST
0.60
590
.630 (16.0) .984 (25.0)
.295 (7.5)
.0315 (0.8)
330.0
SH331M100ST
0.40
720
.630 (16.0) .984 (25.0)
.295 (7.5)
.0315 (0.8)
470.0
SH471M100ST
0.28
875
.630 (16.0) 1.26 (32.0)
.295 (7.5)
.0315 (0.8)
* 160 Vdc (200 Volts Surge)
1.0
SH010M160ST
199.04
17
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
2.2
SH2R2M160ST
90.47
25
.236 (6.0) .433 (11.0)
.098 (2.5)
.0197 (0.5)
3.3
SH3R3M160ST
60.32
36
.315 (8.0) .453 (11.5)
.138 (3.5)
.0236 (0.6)
4.7
SH4R7M160ST
42.35
43
.315 (8.0) .453 (11.5)
.138 (3.5)
.0236 (0.6)
10
SH100M160ST
19.90
70
.394 (10.0) .472 (12.0)
.197 (5.0)
.0236 (0.6)
22
SH220M160ST
9.05
130
.394 (10.0) .787 (20.0)
.197 (5.0)
.0236 (0.6)
33
SH330M160ST
6.03
180
.512 (13.0) .787 (20.0)
.197 (5.0)
.0236 (0.6)
47
SH470M160ST
4.23
270
.512 (13.0) .984 (25.0)
.295 (7.5)
.0315 (0.8)
100
SH101M160ST
1.99
330
.630 (16.0) .984 (25.0)
.295 (7.5)
.0315 (0.8)
* 200 Vdc (250 Volts Surge)
1.0
SH010M200ST
199.04
17
.236 (6.0) .433 (11.0)
.098 (2.5)
.0197 (0.5)
2.2
SH2R2M200ST
90.47
25
.315 (8.0) .433 (11.0)
.138 (3.5)
.0197 (0.5)
3.3
SH3R3M200ST
60.32
36
.315 (8.0) .453 (11.5)
.138 (3.5)
.0236 (0.6)
4.7
SH4R7M200ST
42.35
50
.394 (10.0) .472 (12.0)
.197 (5.0)
.0236 (0.6)
10
SH100M200ST
19.90
80
.394 (10.0) .630 (16.0)
.197 (5.0)
.0236 (0.6)
22
SH220M200ST
9.05
140
.394 (10.0) .787 (20.0)
.197 (5.0)
.0236 (0.6)
33
SH330M200ST
6.03
190
.512 (13.0) .984 (25.0)
.197 (5.0)
.0236 (0.6)
47
SH470M200ST
4.23
220
.512 (13.0) .984 (25.0)
.197 (5.0)
.0236 (0.6)
100
SH101M200ST
1.99
335
.630 (16.0) 1.26 (32.0)
.295 (7.5)
.0315 (0.8)
* 250 Vdc (300 Volts Surge)
1.0
SH010M250ST
199.04
17
.236 (6.0) .433 (11.0)
.138 (3.5)
.0197 (0.5)
2.2
SH2R2M250ST
90.47
29
.315 (8.0) .453 (11.5)
.138 (3.5)
.0236 (0.6)
3.3
SH3R3M250ST
60.32
42
.394 (10.0) .472 (12.0)
.197 (5.0)
.0236 (0.6)
4.7
SH4R7M250ST
42.35
50
.394 (10.0) .472 (12.0)
.197 (5.0)
.0236 (0.6)
10
SH100M250ST
19.90
88
.394 (10.0) .787 (20.0)
.197 (5.0)
.0236 (0.6)
22
SH220M250ST
9.05
155
.512 (13.0) .984 (25.0)
.197 (5.0)
.0236 (0.6)
33
SH330M250ST
6.03
190
.512 (13.0) .984 (25.0)
.197 (5.0)
.0236 (0.6)
47
SH470M250ST
4.23
230
.630 (16.0) .984 (25.0)
.295 (7.5)
.0315 (0.8)
100
SH101M250ST
1.99
340
.709 (18.0) 1.40 (36.0)
.295 (7.5)
.0315 (0.8)
* 400 Vdc (450 Volts Surge)
22
SH220M400ST
12.06
110
.630 (16.0) .984 (25.0)
.295 (7.5)
.0315 (0.8)
* 450 Vdc (500 Volts Surge)
10.0
SH100M450ST
26.54
80
.512 (13.0) .984 (25.0)
.197 (5.0)
.0236 (0.6)


Similar Part No. - SH470M160ST

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SH470M160ST CDE-SH470M160ST Datasheet
364Kb / 7P
   2000 Hour Long Life, Aluminum Electrolytic
More results

Similar Description - SH470M160ST

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SK101M6R3ST CDE-SK101M6R3ST Datasheet
434Kb / 6P
   85 ?C Radial Leaded Aluminum Electorlytic Capacitors
SEK101M6R3ST CDE-SEK101M6R3ST Datasheet
446Kb / 6P
   105 ?C Radial Leaded Aluminum Electrolytic Capacitors
TCX103U010L3C CDE-TCX103U010L3C Datasheet
210Kb / 2P
   105 쨘C, Axial Leaded Aluminum Electrolytic Capacitors Extended Life Computer Grade Capacitor
057152U6R3FE2 CDE-057152U6R3FE2 Datasheet
175Kb / 4P
   Type 057 105 째C Military Grade, Axial Leaded, Aluminum
logo
Vishay Siliconix
81D VISHAY-81D Datasheet
348Kb / 5P
   Aluminum Capacitors 105 °C, Snap-In
Revision: 25-Aug-08
logo
Cornell Dubilier Electr...
SKA470M6R3 CDE-SKA470M6R3 Datasheet
387Kb / 3P
   Axial Leaded Aluminum Electrolytic Capacitors
logo
AVX Corporation
REF AVX-REF Datasheet
519Kb / 7P
   Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
REH AVX-REH Datasheet
500Kb / 8P
   Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
logo
Panasonic Semiconductor
EEU-FR1A101B PANASONIC-EEU-FR1A101B Datasheet
253Kb / 1P
   Radial Leaded Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
81DA VISHAY-81DA_08 Datasheet
321Kb / 4P
   Aluminum Capacitors 105 °C, Snap-In
Revision: 26-Aug-08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com