Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DIL12-1C75-15EHR Datasheet(PDF) 5 Page - Meder Electronic

Part # DIL12-1C75-15EHR
Description  Sealed DIL Version w/ up to 4.25 kVDC Breakdown Voltage Option
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

DIL12-1C75-15EHR Datasheet(HTML) 5 Page - Meder Electronic

  DIL12-1C75-15EHR Datasheet HTML 1Page - Meder Electronic DIL12-1C75-15EHR Datasheet HTML 2Page - Meder Electronic DIL12-1C75-15EHR Datasheet HTML 3Page - Meder Electronic DIL12-1C75-15EHR Datasheet HTML 4Page - Meder Electronic DIL12-1C75-15EHR Datasheet HTML 5Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
138
MEDER electronic
www.meder.com
Sealed DIL Version w/ up to 4.25
kVDC Breakdown Voltage Option
DIL Series
COIL DATA
Contact
Form
Switch
Model
Coil
Voltage
Coil
Resistance
Pull-in
Voltage
Drop-Out
Voltage
Nominal
Coil Power
All Data
at 20 °C
VDC
Ω
VDC
VDC
mW
Nom.
Max.
Min.
Typ.
Max.
Max.
Min.
Typ.
1A
66
72
75
5
7.5
405
450
495
3.5
0.75
55
12
16
1620
1800
1980
8.4
1.8
80
24
30
4050
4500
4950
16.8
3.6
130
2A
66
72
75
5
7.5
180
200
220
3.5
0.75
125
12
16
621
680
748
8.4
1.8
210
24
30
1800
2000
2200
16.8
3.6
290
1C
90
5
7.5
180
200
220
3.5
0.75
125
12
16
900
1000
1100
8.4
1.8
145
24
30
2700
3000
3300
16.8
3.6
190
2C
5
7.5
145
150
165
3.5
0.75
165
12
16
612
680
748
8.4
1.8
210
24
30
1800
2000
2200
16.8
3.6
290
The pull-in, drop-out voltages and coil resisitance will change at the rate of 0,4 % per °C.


Similar Part No. - DIL12-1C75-15EHR

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
DIL12-1C90-51SHR MEDER-DIL12-1C90-51SHR Datasheet
97Kb / 2P
   DIL Reed Relays
DIL12-1C90-51SHR_DE MEDER-DIL12-1C90-51SHR_DE Datasheet
100Kb / 2P
   (deutsch) DIL Reed Relay
More results

Similar Description - DIL12-1C75-15EHR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
564R VISHAY-564R Datasheet
94Kb / 5P
   Lower Voltage Ceramic Singlelayer DC Disc Capacitors 2 kVDC to 7.5 kVDC
Revision: 06-Jul-16
logo
E-CMOS Corporation
5KP E-CMOS-5KP Datasheet
372Kb / 5P
   Breakdown Voltage: 6.8 to 440 V Peak Pulse Power: 5000 W
P6KE E-CMOS-P6KE Datasheet
358Kb / 5P
   Breakdown Voltage: 6.8 to 600 V Peak Pulse Power: 600 W
logo
Vishay Siliconix
564R VISHAY-564R_V01 Datasheet
117Kb / 8P
   Lower Voltage Ceramic Singlelayer DC Disc Capacitors 2 kVDC to 7.5 kVDC
01-Jan-2022
660C VISHAY-660C Datasheet
91Kb / 5P
   High Voltage Ceramic DC Disc Capacitors with Axial Leads, 10 kVDC to 30 kVDC
Revision: 11-Sep-15
660R VISHAY-660R Datasheet
89Kb / 5P
   High Voltage Ceramic DC Disc Capacitors with Axial Leads, 10 kVDC to 30 kVDC
logo
Shenzhen Luguang Electr...
1N6267 LUGUANG-1N6267 Datasheet
191Kb / 4P
   BREAKDOWN VOLTAGE: 6.8 --- 200V PEAK PULSE POWER: 1500 W
logo
Rugao Dachang Electroni...
P4KE DACHANG-P4KE Datasheet
272Kb / 4P
   Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
P6KE DACHANG-P6KE Datasheet
270Kb / 4P
   Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
1.5KE6.8 DACHANG-1.5KE6.8 Datasheet
174Kb / 4P
   Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com