Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCH38FM470J-Y Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # MCH38FM470J-Y
Description  Multilayer High RF Power Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

MCH38FM470J-Y Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  MCH38FM470J-Y Datasheet HTML 1Page - Cornell Dubilier Electronics MCH38FM470J-Y Datasheet HTML 2Page - Cornell Dubilier Electronics MCH38FM470J-Y Datasheet HTML 3Page - Cornell Dubilier Electronics MCH38FM470J-Y Datasheet HTML 4Page - Cornell Dubilier Electronics MCH38FM470J-Y Datasheet HTML 5Page - Cornell Dubilier Electronics MCH38FM470J-Y Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Types MCH and MCHN Multilayer High RF Power Capacitors
Typical Performance Data
Q vs. Frequency 470 pF @ 25 ºC
1
10
100
1000
10000
100000
1
10
100
1000
10000
f (MHz)
Porcelain (3838) 2.5 kV 11.4 A @ 64 MHz
MCH38K471J (3838) 2.5 kV 14.2 A @ 64 MHz
Porcelain (3838)
MCH (3838)
Impedance |Z| vs. Frequency for 470 pF @ 25 ºC
0.1
1
10
100
1000
1
10
100
1000
10000
f (MHz)
Porcelain (3838) 2.5 kV 11.4 A @ 64 MHz
MCH38K471J (3838) 2.5 kV 14.2 A @ 64 MHz
Porcelain (3838)
MCH (3838)
Impedance vs. Frequency for 470 pF @ 25 ºC
4


Similar Part No. - MCH38FM470J-Y

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH3007 SANYO-MCH3007 Datasheet
85Kb / 10P
   High-Frequency Low-Noise Amplifi er
logo
ON Semiconductor
MCH3007 ONSEMI-MCH3007 Datasheet
403Kb / 12P
   RF Transistor 12V, 30mA, fT=8GHz, NPN Single MCPH3
August, 2013
MCH3007-TL-H ONSEMI-MCH3007-TL-H Datasheet
403Kb / 12P
   RF Transistor 12V, 30mA, fT=8GHz, NPN Single MCPH3
August, 2013
logo
Teledyne Technologies I...
MCH3008 TELEDYNE-MCH3008 Datasheet
275Kb / 2P
   1 TO 3400 MHz TO-8H TRIPLE-MCH3008 BALANCED MIXER
MCH3009 TELEDYNE-MCH3009 Datasheet
175Kb / 2P
   1 TO 3400 MHz TO-8H TRIPLE-MCH3009 BALANCED MIXER
More results

Similar Description - MCH38FM470J-Y

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
MCM01 CDE-MCM01 Datasheet
456Kb / 6P
   SMT Clad RF Capacitors Multilayer High Power, High Temperature Mica and PTFE Capacitors
MC08CA0R5D-F CDE-MC08CA0R5D-F Datasheet
431Kb / 9P
   Multilayer RF Capacitors High-Frequency, High-Power, High-Voltage Chips with Nonmagnetic Option
logo
Vishay Siliconix
QUAD-HIFREQ VISHAY-QUAD-HIFREQ Datasheet
166Kb / 14P
   Surface Mount Multilayer Ceramic Capacitors for RF Power Applications
Revision: 07-Mar-17
QUADHIFREQ VISHAY-QUADHIFREQ Datasheet
166Kb / 14P
   Surface Mount Multilayer Ceramic Capacitors for RF Power Applications
Revision: 07-Mar-17
TDFZ170229 VISHAY-TDFZ170229_15 Datasheet
82Kb / 4P
   RF Power Pot Capacitors
Revision: 07-Sep-15
TOSZ080110 VISHAY-TOSZ080110 Datasheet
77Kb / 3P
   RF Power Barrel Capacitors
Revision: 11-Sep-15
logo
Cornell Dubilier Electr...
MCM CDE-MCM Datasheet
562Kb / 7P
   Multilayer High Power, High Temperature Mica and PTFE Capacitors
logo
AVX Corporation
HQCC AVX-HQCC Datasheet
148Kb / 3P
   Hi-Q High RF Power MLC Surface Mount Capacitors
HQCC7M152GAH6A AVX-HQCC7M152GAH6A Datasheet
718Kb / 5P
   Hi-Q짰 High RF Power MLC Surface Mount Capacitors
logo
Panasonic Semiconductor
ECD-G0E150J PANASONIC-ECD-G0E150J Datasheet
233Kb / 6P
   Multilayer Ceramic Capacitors(High-Q Capacitors)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com