Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GLZB1N217 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # GLZB1N217
Description  SURFCOIL SMT INDUCTORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GLZB1N217 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  GLZB1N217 Datasheet HTML 1Page - List of Unclassifed Manufacturers GLZB1N217 Datasheet HTML 2Page - List of Unclassifed Manufacturers GLZB1N217 Datasheet HTML 3Page - List of Unclassifed Manufacturers GLZB1N217 Datasheet HTML 4Page - List of Unclassifed Manufacturers GLZB1N217 Datasheet HTML 5Page - List of Unclassifed Manufacturers GLZB1N217 Datasheet HTML 6Page - List of Unclassifed Manufacturers GLZB1N217 Datasheet HTML 7Page - List of Unclassifed Manufacturers GLZB1N217 Datasheet HTML 8Page - List of Unclassifed Manufacturers GLZB1N217 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
FEATURES
• Lead free, ROHS Compliant
• High Q
• High self-resonant frequency including
nonmagnetic models in microwave range
• Shielded series use ferrite filled encapsulation
to reduce external magnetic coupling
• Low DC resistance
• Carrier and reel packaging is standard
• Ten case sizes
SPECIFICATIONS
Electrical
• Inductance & Q, etc.: See tables
• Temperature range –20°C to +85°C,
except GLY, GLYC, GLZ, GLZB and GLZP
Models are – 40°C to +85°C
- Change of L = ±10% max, except
GLX, GLY, GLYC, GLZ, GLZB and GLZP
Models are ± 5%
- Change of Q = ±20% max, except GLY, GLYC,
GLZ, GLZB and GLZP Models are ±25%
• Rated Current: See tables. Current
rating is determined by either or both
of the following conditions:
1. Self heating raises SURFCOIL
temperature 20°C
2. Inductance value reduced by
10% from saturation effect
Mechanical (Chip Inductors)
• Suitable for wave flow soldering, infrared,
and vapor phase reflow (typically over 90%
coverage)
• Withstands soldering temperatures
without damage
• Fully encapsulated and thermally cycled
for stability and highest reliability
[View applies to molded bobbin wound types]
Encapsulation: Epoxy resin all series;
GLC, GLD and GLW have ferrite
filler for closed magnetic circuit.
Core: Ferrite (except high
frequency GLA and
GLU series, which
are nonmagnetic)
Coil: Polyurethane
enameled copper wire
Terminal: Phosphor-Bronze
tin plated
Sprague-Goodman
SURFCOIL® SMT INDUCTORS
ENGINEERING BULLETIN
SG-800H.1
Supercedes SG-800G
Sprague-Goodman Electronics, Inc.
1700 SHAMES DRIVE, WESTBURY, NY 11590
TEL: 516-334-8700 • FAX: 516-334-8771
E-MAIL: info@spraguegoodman.com


Similar Part No. - GLZB1N217

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
GLZ EIC-GLZ Datasheet
44Kb / 3P
   ZENER DIODES
logo
Pan Jit International I...
GLZ10 PANJIT-GLZ10 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
logo
Diotech Company.
GLZ10 DIOTECH-GLZ10 Datasheet
1Mb / 4P
   500mW SUFACE MOUNT ZENER DIODE
logo
EIC discrete Semiconduc...
GLZ10A EIC-GLZ10A Datasheet
44Kb / 3P
   ZENER DIODES
logo
Pan Jit International I...
GLZ10A PANJIT-GLZ10A Datasheet
106Kb / 5P
   SURFACE MOUNT ZENER DIODES
More results

Similar Description - GLZB1N217

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82422T1104J EPCOS-B82422T1104J Datasheet
486Kb / 9P
   SMT inductors
B82496C3180J000 EPCOS-B82496C3180J000 Datasheet
484Kb / 8P
   SMT inductors
B82432A EPCOS-B82432A Datasheet
141Kb / 8P
   SMT inductors
B82432T1102K000 EPCOS-B82432T1102K000 Datasheet
150Kb / 8P
   SMT inductors
B82442H1102K000 EPCOS-B82442H1102K000 Datasheet
168Kb / 9P
   SMT inductors
B82442H EPCOS-B82442H Datasheet
163Kb / 9P
   SMT inductors
B82496C3470J EPCOS-B82496C3470J Datasheet
484Kb / 8P
   SMT inductors
B82422H1473K EPCOS-B82422H1473K Datasheet
276Kb / 5P
   SMT Inductors
B82432A1104K EPCOS-B82432A1104K Datasheet
487Kb / 8P
   SMT inductors
B82442A1102K000 EPCOS-B82442A1102K000 Datasheet
180Kb / 9P
   SMT inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com