Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPW223M1AN45V-W Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # LPW223M1AN45V-W
Description  85 ?C Snap-In Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

LPW223M1AN45V-W Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  LPW223M1AN45V-W Datasheet HTML 1Page - Cornell Dubilier Electronics LPW223M1AN45V-W Datasheet HTML 2Page - Cornell Dubilier Electronics LPW223M1AN45V-W Datasheet HTML 3Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type LPW 85 ºC Snap-In Aluminum Electrolytic Capacitors
Type LPW radial leaded snap-in aluminum electro-
lytic capacitors are a compact design for high density
packaging and is ideal for low voltage, general purpose
input filtering applications.
Low Voltage, High Value Capacitors
Low voltage
High Capacitance
85 ºC
Good for input filtering in consumer applications
22 to 35 mm diameter with 10 mm lead spacing
Highlights
Specifications
Capacitance Range:
Voltage Range:
Capacitance tolerance:
Operating Temperature Range:
Dissipation Factor
DC Leakage Test:
Frequency Ripple Multipliers:
Temperature Ripple Multipliers:
820 to 22,000 µF
10 to 100 Vdc
±20%
–40 ºC to +85 ºC
DF at 120 Hz, +25 ºC
Vdc
10 -16
25 - 35
50 - 63
100
DF %
30
25
20
15
Rated
Ripple Multipliers
Vdc
60 Hz
120 Hz
1 kHz
10 kHz 100 kHz
10 to 35
0.90
1.00
1.05
1.10
1.10
50 to 100
0.90
1.00
1.15
1.20
1.20
I ≤.03CV ir 3 mA
C = capacitance in µF
V = rated voltage
I = leakage current in µA
Temperature Ripple Multiplier
+70 ºC
1.20
+60 ºC
1.30
+45 ºC
1.55
Part Numbering System
LPW
332
M
1J
Q
25
V-W
Case Diameter
Case
Case Type &
Type
Cap
Tolerance
Voltage
Code
Length
Terminals
LPW 821 = 820 µF
±20%
N = 22 mm
25 = 25 mm
V = Vented Case
332 = 3300 µF
O = 25 mm
— = Dash
103 = 10,000 µF
P = 30 mm
W = Snap-In
Q = 35 mm
1A = 10 Vdc 1H = 50 Vdc
1C = 16 Vdc 1J = 63 Vdc
1E = 25 Vdc 2A = 100 Vdc
1V = 35 Vdc
For values that are >1000 µF, the DF (%) increases
2% for every additional 1000 µF
Complies with the EU Directive
2002/95/EC requirement restricting
the use of Lead (Pb), Mercury (Hg),
Cadmium (Cd), Hexavalent chromium
(Cr(VI)), PolyBrominated Biphenyls
(PBB) and PolyBrominated Diphenyl
Ethers (PBDE).


Similar Part No. - LPW223M1AN45V-W

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
LPW TTELEC-LPW Datasheet
155Kb / 2P
   3 watts to 15 watts
LPW-10 TTELEC-LPW-10 Datasheet
155Kb / 2P
   3 watts to 15 watts
logo
IRC - a TT electronics ...
LPW-1051202F IRCTT-LPW-1051202F Datasheet
202Kb / 2P
   Extremely Low Resistance Power Wirewounds
LPW-1051202G IRCTT-LPW-1051202G Datasheet
202Kb / 2P
   Extremely Low Resistance Power Wirewounds
LPW-1051202H IRCTT-LPW-1051202H Datasheet
202Kb / 2P
   Extremely Low Resistance Power Wirewounds
More results

Similar Description - LPW223M1AN45V-W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
80D VISHAY-80D_12 Datasheet
92Kb / 4P
   Aluminum Capacitors 85 °C, Snap-In
Revision: 29-Aug-11
EYN VISHAY-EYN Datasheet
120Kb / 9P
   Aluminum Capacitors Standard - 85 °C Snap-In
Revision: 24-May-13
logo
Cornell Dubilier Electr...
3410DF472M100HPA1 CDE-3410DF472M100HPA1 Datasheet
169Kb / 4P
   85 ?C, 4-Pin, Multipin Snap-In Aluminum Electrolytic
logo
Vishay Siliconix
82DA VISHAY-82DA Datasheet
189Kb / 3P
   Aluminum Capacitors 85 C, Snap-in, General Purpose
Revision: 23-May-05
82D VISHAY-82D Datasheet
362Kb / 6P
   Aluminum Capacitors 85 °C, Snap-In, General Purpose
Revision: 27-Aug-08
logo
Cornell Dubilier Electr...
LP472M016A1P3 CDE-LP472M016A1P3 Datasheet
167Kb / 3P
   105 ?C Snap-In Aluminum Electrolytic Capacitors
LPX391M160A1P3 CDE-LPX391M160A1P3 Datasheet
158Kb / 3P
   85 ?C Radial Snap-In Aluminum Electrolytic Capacitors High Voltage, High Value Radial Leaded Snap-In
logo
Vishay Siliconix
80D VISHAY-80D Datasheet
340Kb / 5P
   Aluminum Capacitors 85 째C, Snap-In
Revision: 27-Aug-08
logo
Cornell Dubilier Electr...
SLPX103M025A5P3 CDE-SLPX103M025A5P3 Datasheet
376Kb / 9P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
SLPX123M010A1P3 CDE-SLPX123M010A1P3 Datasheet
427Kb / 8P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com